Part Number Hot Search : 
K2000G ACHIPS ADV7189B 4805SRW EL2228CY 170M3016 74F651SC CS535107
Product Description
Full Text Search
 

To Download MC74VHC1GT66DTT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2002 march, 2002 rev. 8 1 publication order number: mc74vhc1gt66/d mc74vhc1gt66 single supply analog switch the mc74vhc1gt66 is an advanced high speed cmos bilateral analog switch fabricated with silicon gate cmos technology. it achieves high speed propagation delays and low on resistances while maintaining low power dissipation. this bilateral switch controls analog and digital voltages that may vary across the full powersupply range (from v cc to gnd). the mc74vhc1gt66 is compatible in function to a single gate of the very high speed cmos mc74vhct4066. the device has been designed so that the on resistances (r on ) are much lower and more linear over input voltage. the on/off control input is compatible with ttltype input thresholds allowing the device to be used as a logiclevel translator from 3.0 v cmos logic to 5.0 v cmos logic or from 1.8 v cmos logic to 3.0 v cmos logic while operating at the highvoltage power supply. the input protection circuitry on this device allows overvoltage tolerance on the input, which provides protection when voltages of up to 7 v are applied, regardless of the supply voltage. this allows the mc74vhc1gt66 to be used to interface 5 v circuits to 3 v circuits. ? high speed: t pd = 20 ns (typ) at v cc = 5 v ? low power dissipation: i cc = 1  a (max) at t a = 25 c ? diode protection provided on inputs and outputs ? improved linearity and lower on resistance over input voltage ? on/off control input has ovt ? chip complexity: fets = 11; equivalent gates = 3 v cc in/out x a out/in y a on/off control gnd figure 1. pinout on/off control out/in y a 1 u u in/out x a 1 x 1 figure 2. logic symbol 1 2 3 4 5 pin assignment 1 2 3 gnd in/out x a out/in y a 4 5v cc on/off control function table see detailed ordering and shipping information in the package dimensions section on page 6 of this data sheet. ordering information l h on/off control input state of analog switch off on marking diagrams pin 1 ve d pin 1 ve d sc705/sc88a/sot353 df suffix case 419a sot235/tsop5/sc595 dt suffix case 483 d = date code 1 1 5 5 http://onsemi.com
mc74vhc1gt66 http://onsemi.com 2 maximum ratings symbol characteristics value unit v cc dc supply voltage 0.5 to +7.0 v v in dc input voltage 0.5 to +7.0 v v is analog output voltage 0.5 to 7.0 v i ik input diode current 20 ma i cc dc supply current, v cc and gnd +25 ma t stg storage temperature range  65 to  150  c t l lead temperature, 1 mm from case for 10 seconds 260  c t j junction temperature under bias  150  c  ja thermal resistance sc705/sc88a/sot353 (note 1) sot235/tsop5/sc595 350 230  c/w p d power dissipation in still air at 85  c sc705/sc88a/sot353 sot235/tsop5/sc595 150 200 mw msl moisture sensitivity level 1 f r flammability rating oxygen index: 28 to 34 ul 94 v0 @ 0.125 in v esd esd withstand voltage human body model (note 2) machine model (note 3) charged device model (note 4)  2000  200 n/a v i latchup latchup performance above v cc and below gnd at 125  c (note 5)  500 ma maximum ratings are those values beyond which damage to the device may occur. exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. functional operation under absolutemaximumrated conditions is not implied. functional operation should be restricted to the recommended operating conditions. 1. measured with minimum pad spacing on an fr4 board, using 10 mmby1 inch, 2ounce copper trace with no air flow. 2. tested to eia/jesd22a114a. 3. tested to eia/jesd22a115a. 4. tested to jesd22c101a. 5. tested to eia/jesd78. recommended operating conditions symbol characteristics min max unit v cc dc supply voltage 2.0 5.5 v v in digital input voltage gnd 5.5 v v is analog input voltage gnd v cc v t a operating temperature range 55 +125 c t r , t f input rise and fall time v cc = 3.3 v 0.3 v v cc = 5.0 v 0.5 v 0 0 100 20 ns/v device junction temperature versus time to 0.1% bond failures junction temperature c time, hours time, years 80 1,032,200 117.8 90 419,300 47.9 100 178,700 20.4 110 79,600 9.4 120 37,000 4.2 130 17,800 2.0 140 8,900 1.0 1 1 10 100 1000 time, years normalized failure rate t j = 130 c failure rate of plastic = ceramic until intermetallics occur figure 3. failure rate vs. time junction temperature t j =120 c t j =110 c t j =100 c t j = 90 c t j = 80 c
mc74vhc1gt66 http://onsemi.com 3 dc electrical characteristics v cc t a = 25 c t a 85 c 55 c t a 125 c symbol parameter test conditions (v) min max min max min max unit v ih minimum highlevel input voltage on/off control input r on = per spec 3.0 4.5 5.5 1.2 2.0 2.0 1.2 2.0 2.0 1.2 2.0 2.0 v v il maximum lowlevel input voltage on/off control input r on = per spec 3.0 4.5 5.5 0.53 0.8 0.8 0.53 0.8 0.8 0.53 0.8 0.8 v i in maximum input leakage current on/off control input v in = v cc or gnd 0 to 5.5 0.1 1.0 1.0 m a i cc maximum quiescent supply current v in = v cc or gnd v io = 0 v 5.5 1.0 20 40 m a i cct quiescent supply current on/off control at 3.4 v 5.5 1.35 1.5 1.65 ma r on maximum oono resistance v in = v ih v is = v cc or gnd |i is | 10 ma (figure 4.) 3.0 4.5 5.5 60 45 40 70 50 45 100 60 55  i off maximum offchannel leakage current v in = v il v is = v cc or gnd switch off (figure 5.) 5.5 0.1 0.5 1.0 m a ????????????????????????????????? ac electrical characteristics c load = 50 pf, input t r /t f = 3.0 ns ???? ???? ?????? ?????? ??????? ??????? ??? ??? v cc ??????? ??????? t a = 25 c ???? ???? t a 85 c ??????? ??????? 55 c t a 125 c ?? ?? ???? ???? symbol ?????? ?????? parameter ??????? ??????? test conditions ??? ??? v cc (v) ??? ??? min ??? ??? typ ??? ??? max ??? ??? min ?? ?? max ???? ???? min ???? ???? max ?? ?? unit ???? ? ?? ? ? ?? ? ???? t plh , t phl ?????? ? ???? ? ? ???? ? ?????? maximum propagation delay, input x to y ??????? ? ????? ? ? ????? ? ??????? y a = open (figure 14.) ??? ? ? ? ? ? ? ??? 2.0 3.0 4.5 5.5 ??? ? ? ? ? ? ? ??? ??? ? ? ? ? ? ? ??? 1 0.6 0.6 0.6 ??? ? ? ? ? ? ? ??? 5 2 1 1 ??? ? ? ? ? ? ? ??? ?? ?? ?? ?? 6 3 1 1 ???? ? ?? ? ? ?? ? ???? ???? ? ?? ? ? ?? ? ???? 7 4 2 1 ?? ?? ?? ?? ns ???? ? ?? ? ? ?? ? ???? t plz , t phz ?????? ? ???? ? ? ???? ? ?????? maximum propagation delay, on/off control to analog output ??????? ? ????? ? ? ????? ? ??????? r l = 1000  (figure 15.) ??? ? ? ? ? ? ? ??? 2.0 3.0 4.5 5.5 ??? ? ? ? ? ? ? ??? ??? ? ? ? ? ? ? ??? 32 28 24 20 ??? ? ? ? ? ? ? ??? 40 35 30 25 ??? ? ? ? ? ? ? ??? ?? ?? ?? ?? 45 40 35 30 ???? ? ?? ? ? ?? ? ???? ???? ? ?? ? ? ?? ? ???? 50 45 40 35 ?? ?? ?? ?? ns ???? ? ?? ? ? ?? ? ???? t pzl , t pzh ?????? ? ???? ? ? ???? ? ?????? maximum propagation delay, on/off control to analog output ??????? ? ????? ? ? ????? ? ??????? r l = 1000  (figure 15.) ??? ? ? ? ? ? ? ??? 2.0 3.0 4.5 5.5 ??? ? ? ? ? ? ? ??? ??? ? ? ? ? ? ? ??? 32 28 24 20 ??? ? ? ? ? ? ? ??? 40 35 30 25 ??? ? ? ? ? ? ? ??? ?? ?? ?? ?? 45 40 35 30 ???? ? ?? ? ? ?? ? ???? ???? ? ?? ? ? ?? ? ???? 50 45 40 35 ?? ?? ?? ?? ns ???? ???? c in ?????? ?????? maximum input ci ??????? ??????? on/off control input ??? ??? 0.0 ??? ??? ??? ??? 3 ??? ??? 10 ??? ??? ?? ?? 10 ???? ???? ???? ???? 10 ?? ?? pf ???? ? ?? ? ? ?? ? ???? in ?????? ? ???? ? ? ???? ? ?????? capacitance ??????? ? ????? ? ? ????? ? ??????? control input = gnd analog i/o feedthrough ??? ? ? ? ? ? ? ??? 5.0 ??? ? ? ? ? ? ? ??? ??? ? ? ? ? ? ? ??? 4 4 ??? ? ? ? ? ? ? ??? 10 10 ??? ? ? ? ? ? ? ??? ?? ?? ?? ?? 10 10 ???? ? ?? ? ? ?? ? ???? ???? ? ?? ? ? ?? ? ???? 10 10 ?? ?? ?? ?? typical @ 25 c, v cc = 5.0 v c pd power dissipation capacitance (note 6) 18 pf 6. c pd is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption with out load. average operating current can be obtained by the equation: i cc(opr ) = c pd  v cc  f in + i cc . c pd is used to determine the noload dynamic power consumption; p d = c pd  v cc 2  f in + i cc  v cc .
mc74vhc1gt66 http://onsemi.com 4 ????????????????????????????????? ????????????????????????????????? additional application characteristics (voltages referenced to gnd unless noted) ????? ? ??? ? ????? symbol ????????? ? ??????? ? ????????? parameter ?????????????? ? ???????????? ? ?????????????? test conditions ??? ? ? ? ??? v cc ???? ? ?? ? ???? limit 25 c ??? ? ? ? ??? unit ????? ? ??? ? ????? bw ????????? ? ??????? ? ????????? maximum onchannel bandwidth or minimum frequency response (figure 10.) ?????????????? ? ???????????? ? ?????????????? f in = 1 mhz sine wave adjust f in voltage to obtain 0 dbm at v os increase f in = frequency until db meter reads 3 db r l = 50  , c l = 10 pf ??? ? ? ? ??? 3.0 4.5 5.5 ???? ? ?? ? ???? 150 175 180 ??? ? ? ? ??? mhz ????? ? ??? ? ? ??? ? ????? iso off ????????? ? ??????? ? ? ??????? ? ????????? offchannel feedthrough isolation (figure 11.) ?????????????? ? ???????????? ? ? ???????????? ? ?????????????? f in = sine wave adjust f in voltage to obtain 0 dbm at v is f in = 10 khz, r l = 600  , c l = 50 pf ??? ? ? ? ? ? ? ??? 3.0 4.5 5.5 ???? ? ?? ? ? ?? ? ???? 80 80 80 ??? ? ? ? ? ? ? ??? db ????? ? ??? ? ????? noise feed ????????? ? ??????? ? ????????? feedthrough noise control to switch (figure 12.) ?????????????? ? ???????????? ? ?????????????? v in 1 mhz square wave (t r = t f = 2ns) r l = 600  , c l = 50 pf ??? ? ? ? ??? 3.0 4.5 5.5 ???? ? ?? ? ???? 45 60 130 ??? ? ? ? ??? mv pp ????? ? ??? ? ? ??? ? ????? thd ????????? ? ??????? ? ? ??????? ? ????????? total harmonic distortion (figure 13.) ?????????????? ? ???????????? ? ? ???????????? ? ?????????????? f in = 1 khz, r l = 10 k  , c l = 50 pf thd = thd measured thd source v is = 3.0 v pp sine wave v is = 5.0 v pp sine wave ??? ? ? ? ? ? ? ??? 3.3 5.5 ???? ? ?? ? ? ?? ? ???? 0.30 0.15 ??? ? ? ? ? ? ? ??? % figure 4. on resistance test setup figure 5. maximum offchannel leakage current test setup 5 1 2 4 3 figure 6. maximum onchannel leakage current test setup figure 7. propagation delay test setup power supply computer dc parameter analyzer v cc + plotter 5 1 2 4 3 v cc v il v cc v cc a 5 1 2 4 3 v cc v ih v cc a n/c 5 1 2 4 3 v cc v ih test point v ih
mc74vhc1gt66 http://onsemi.com 5 figure 8. propagation delay output enable/disable test setup figure 9. power dissipation capacitance test setup 5 1 2 4 3 v cc v cc v cc 2 1 2 1 r l c l * *includes all probe and jig capacitance. 5 1 2 4 3 v cc n/c n/c test point switch to position 2 when testing t plz and t pzl switch to position 1 when testing t phz and t pzh a figure 10. maximum onchannel bandwidth test setup figure 11. offchannel feedthrough isolation test setup figure 12. feedthrough noise, on/off control to analog out, test setup figure 13. total harmonic distortion test setup 5 1 2 4 3 v cc c l * *includes all probe and jig capacitance. db meter 0.1  f v os f in 5 1 2 4 3 v cc c l * *includes all probe and jig capacitance. db meter 0.1  f v os f in r l v is 5 1 2 4 3 v cc c l * *includes all probe and jig capacitance. v os (v cc )/2 i s r l r l gnd v ih v in  1mhz t r  t f  2ns 5 1 2 4 3 v cc *includes all probe and jig capacitance. 0.1  f v is f in c l * v os to distortion meter (v cc )/2 r l v ih
mc74vhc1gt66 http://onsemi.com 6 v cc v oh 1.5 v 50% v cc x a y a t phl t plh figure 14. propagation delay, analog in to analog out waveforms figure 15. propagation delay, on/off control 1.5 v v ol v ih 10% 50% v cc control analog out t plz t pzl 50% v cc 1.5 v t phz t pzh v ol v oh high impedance high impedance 90% t r t f 90% 10% device ordering information device nomenclature device order number circuit indicator temp range identifier technology device function package suffix tape & reel suffix package type (name/sot#/ common name) tape and reel size mc74vhc1gt66dft1 mc 74 vhc1g t66 df t1 sc705/sc88a/ sot353 178 mm (7o) 3000 unit mc74vhc1gt66dft2 mc 74 vhc1g t66 df t2 sc705/sc88a/ sot353 178 mm (7o) 3000 unit MC74VHC1GT66DTT1 mc 74 vhc1g t66 dt t1 sot235/tsop5/ sc595 178 mm (7o) 3000 unit
mc74vhc1gt66 http://onsemi.com 7 tape trailer (connected to reel hub) no components 160 mm min tape leader no components 400 mm min components direction of feed cavity tape top tape figure 16. tape ends for finished goods 1 4.00 2.00 1.75  1.00 min 4.00 figure 17. sc705/sc88a/sot353 dft1 reel configuration/orientation direction of feed tape dimensions mm  1.50 typ 8.00  0.30 3.50  0.50 1 4.00 2.00 1.75  1.00 min 4.00 figure 18. sc70/sc88a/sot353 dft2 and sot235/tsop5/sc595 dtt1 reel configuration/orientation direction of feed tape dimensions mm  1.50 typ 8.00  0.30 3.50  0.50
mc74vhc1gt66 http://onsemi.com 8 figure 19. reel dimensions 13.0 mm  0.2 mm (0.512 in  0.008 in) 1.5 mm min (0.06 in) 50 mm min (1.969 in) 20.2 mm min (0.795 in) full radius t max g a reel dimensions tape size 8 mm t and r suffix t1, t2 a max 178 mm (7 in) g 8.4 mm, + 1.5 mm, 0.0 (0.33 in + 0.059 in, 0.00) t max 14.4 mm (0.56 in) figure 20. reel winding direction direction of feed barcode label hole pocket
mc74vhc1gt66 http://onsemi.com 9 package dimensions sc705/sc88a/sot353 df suffix 5lead package case 419a02 issue f notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. 419a-01 obsolete. new standard 419a-02. dim a min max min max millimeters 1.80 2.20 0.071 0.087 inches b 1.15 1.35 0.045 0.053 c 0.80 1.10 0.031 0.043 d 0.10 0.30 0.004 0.012 g 0.65 bsc 0.026 bsc h --- 0.10 --- 0.004 j 0.10 0.25 0.004 0.010 k 0.10 0.30 0.004 0.012 n 0.20 ref 0.008 ref s 2.00 2.20 0.079 0.087 b 0.2 (0.008) mm 12 3 4 5 a g s d 5 pl h c n j k b 0.5 mm (min) 0.4 mm (min) 0.65 mm 0.65 mm 1.9 mm
mc74vhc1gt66 http://onsemi.com 10 package dimensions sot235/tsop5/sc595 dt suffix 5lead package case 48301 issue b notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. maximum lead thickness includes lead finish thickness. minimum lead thickness is the minimum thickness of base material. dim min max min max inches millimeters a 2.90 3.10 0.1142 0.1220 b 1.30 1.70 0.0512 0.0669 c 0.90 1.10 0.0354 0.0433 d 0.25 0.50 0.0098 0.0197 g 0.85 1.05 0.0335 0.0413 h 0.013 0.100 0.0005 0.0040 j 0.10 0.26 0.0040 0.0102 k 0.20 0.60 0.0079 0.0236 l 1.25 1.55 0.0493 0.0610 m 0 10 0 10 s 2.50 3.00 0.0985 0.1181 0.05 (0.002) 123 54 s a g l b d h c k m j    mm inches 1.9 0.039 1.0 0.094 0.7 0.074 2.4 0.028 0.95 0.037 0.95 0.037
mc74vhc1gt66 http://onsemi.com 11 notes
mc74vhc1gt66 http://onsemi.com 12 on semiconductor is a trademark and is a registered trademark of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circui t, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may b e provided in scillc data sheets and/or specifications can and do vary in dif ferent applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its paten t rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indem nify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and re asonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized u se, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employ er. publication ordering information japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402700 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. mc74vhc1gt66/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com n. american technical support : 8002829855 toll free usa/canada


▲Up To Search▲   

 
Price & Availability of MC74VHC1GT66DTT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X