Part Number Hot Search : 
40270 67BGC 2405E 2SC34 C1210 60UFD 1933R C1210
Product Description
Full Text Search
 

To Download MBR60100PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) version: a06 mbr6035pt - mbr60150pt 60 amps. schottky barrier rectifiers to-3p/to-247ad features  plastic material used carries u nderwriters laboratory classifications 94v-0  metal silicon rectifier, majority carrier conduction  low power loss, high efficiency  high current capability, low forward voltage drop  high surge capab ility  for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications  guardring for overvoltage protection  high temperature soldering guaranteed: 260 o c/10 seconds,0.17?(4.3mm)from case mechanical data  cases: jedec to-3p/to-247ad molded plastic body  terminals: pure tin plated, lead free. solderable per mil-std-750, method 2026  polarity: as marked  mounting position: any  mounting torque: 10 in. - lbs. max  weight: 0.2 ounce, 5.6 grams maximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol mbr 6035 pt mbr 6045 pt mbr 6050 pt mbr 6060 pt mbr 6090 pt mbr 60100 pt mbr 60150 pt units maximum recurrent peak reverse voltage v rrm 35 45 50 60 90 100 150 v maximum rms voltage v rms 24 31 35 42 63 70 105 v maximum dc blocking voltage v dc 35 45 50 60 90 100 150 v maximum average forward rectified current at tc=125 o c i (av) 60 a peak repetitive forward current (rated v r , square wave, 20khz) at tc=120 o c i frm 60 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 420 a peak repetitive reverse surge current (note 1) i rrm 1.0 a maximum instantaneous forward voltage at (note 2) i f =30a, tc=25 o c i f =30a, tc=125 o c i f =60a, tc=25 o c v f 0.70 0.60 0.82 0.75 0.65 0.93 0.84 0.98 0.92 1.02 0.98 v 1.0 maximum instantaneous reverse current @tc=25 o c at r ated dc blocking v oltage p er l eg @ tc=125 o c (note 1) i r 1.0 30 20 10 0.1 5.0 ma ma voltage rate of change at (rated v r ) dv/dt 1,000 v/us typical thermal resistance per leg (note 3) r jc 1.2 o c/w operating junction temperature range t j -65 to +150 o c storage temperature range t stg -65 to +175 o c notes: 1. 2.0us pulse width, f=1.0 khz 2. pulse test: 300us pulse width, 1% duty cycle 3. thermal resistance from junction to case per leg www.datasheet.co.kr datasheet pdf - http://www..net/
fig.4- typical reverse characteristics per leg instantaneous reverse current . (ma) 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage. (%) 0.001 0.1 0.01 1 10 50 mbr6035pt-mbr6045pt mbr6050pt & mbr60150pt tj=125 c 0 tj=25 c 0 tj=75 c 0 fig.5- typical junction capacitance per leg junction cap acitance.(pf) 0.1 1 10 100 100 1,000 5,000 reverse voltage. (v) tj=25 c f=1.0mhz vsig=50mvp-p 0 mbr6035pt-mbr6045pt mbr6050pt & mbr6060pt mbr6090pt-mbr60150pt r a ting s an d characteristi c cu r ve s (mbr6035p t thr u mbr60150pt) fig.2 - maximu m non-repetitiv e fo r w ard surg e curren t pe r leg r o f k a e p t n e r r u c e g r u s d r a w ) a ( . 1 0 0 1 0 1 100 200 0 300 500 400 600 numbe r o f cycle s a t 60hz tj=tj max. 8.3ms single half sine wave jedec method fig.3- typical instantaneous forward characteristics per leg instantaneous for ward current . (a) 0.6 0.8 1.0 1.1 0.9 0.7 0.5 0.4 0.3 0.2 0.1 0 1.2 1 0.1 100 500 forward voltage. (v) 10 fig.6- typical transient thermal impedance per leg transient thermal impedance. ( c/w) o 1 0.01 0.1 10 100 0.1 10.0 1 100 t, pulse duration. (sec) fig.1- forward current derating curve average for ward current . (a) 0 50 100 150 0 15 30 45 60 75 case temperature. ( c) o resistive or inductive load pulse width=300 s 1% duty cycle tj=125 c 0 mbr6035pt-mbr6045pt tj=125 c mbr6050pt-mbr60150pt 0 tj=25 c 0 mbr6035pt-mbr6045pt tj=25 c mbr6050pt-mbr60150pt 0 version: a06 www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of MBR60100PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X