Part Number Hot Search : 
90N04 2SC3198O HT45F4N 2SK868 SMB13 NDT451 ARSL256 XMXXX
Product Description
Full Text Search
 

To Download LS0851503F040C2A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.e-switch.com info @ e-switch.com 201 tact switches navigation switches pushbutton switches toggle switches rocker switches slide switches snap-action switches dip switches keylock switches rotary switches detector switches cap options series ls switches specifications subject to change without notice. series operating force 085 = 85c see chart operating temp. ls example ordering number ls _ 085 _ 15 _ 03 _ f040 _ c2 _ a snap action switches specifications contact rating: gold .4va max. @ 20 vdc or vac max. 15 amps @ 125/250 vac-ul, cul, vde life expectancy: 50,000 cycles minimum mechanical life: 1,000,000 cycles typical insulation resistance: 100 m min. dielectric strength: 1,500 vac for 60 seconds operating temperature: -25 c to 85 c (std) operating force: see chart materials switch housing: high temperature pbt (ul94 v0) actuator button: high temperature pbt (ul94 v0) contacts: silver (std) or gold terminals: copper alloy how to order see chart features & benefits available in gold & 15amp versions wide variety of actuator, operating force & termination options applications/markets appliance timing controls vending machines gaming industrial controls power tools f actuator circuit s1 = solder lug c1 = 0.187? quick connect c2 = 0.250? quick connect v1 = right angle pcb pin v2 = left angle pcb pin termination r1 = gold 15 = 15a current rating a = spdt b = spst nc c = spst no mounting schematic
phone: 800-867-2717 fax: 763-531-8235 202 tact switches navigation switches pushbutton switches toggle switches rocker switches slide switches snap-action switches dip switches keylock switches rotary switches detector switches cap options pt= pretravel op= operating point ot= over travel actuator options 00 01 02 03 04 05 06 actuator and operating force chart actuator actuation/return force pre-travel operating position 00 100+/-30 160+/-40 250+/-50 2.0 max 14.7+/-0.5 01 100+/-30 160+/-40 250+/-50 2.0 max 15.3+/-0.5 02 45+/-20 75+/-25 120+/-40 4.1 max 15.5+/-0.8 03 25+/-10 40+/-15 60+/-25 8.5 max 15.3+/-2.0 04 50+/-20 85+/-30 140+/-40 5.2 max 19.0+/-1.5 05 100+/-30 160+/-40 250+/-50 2.7 max 20.7+/-0.8 06 45+/-15 75+/-25 120+/-40 5.5 max 20.7+/-1.5 series ls switches snap action switches
www.e-switch.com info @ e-switch.com 203 tact switches navigation switches pushbutton switches toggle switches rocker switches slide switches snap-action switches dip switches keylock switches rotary switches detector switches cap options termination options solder lug s1 0.187" quick connect c1 right angle pcb pin v1 0.250" quick connect c2


▲Up To Search▲   

 
Price & Availability of LS0851503F040C2A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X