Part Number Hot Search : 
1N2070A 3N50C AB005 IVRC0428 XHXXXX AWM1200V 24H3R DPS52181
Product Description
Full Text Search
 

To Download LL101A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  l l 1 0 1 a t h u r l l 1 0 1 c small signal schottky diodes fea tures mechanical da t a absolute ra tings(limiting v alues) electrical characteristics for general purpose applications the ll101 series is a metal-on-silicon junction schottky barrier device which is protected by a pn junction guard ring. the low forward voltage drop and fast switching make it ideal for protection of mos devices, steering, biasing, and coupling diodes for fast switching and low logic level applications these diodes are also available in the do-35 case with the type designation sd101a to sd101c. reverse breakover voltage at i r =10 m a leakage current at v r =50v v r =40v v r =30v forward voltage drop at i f =1ma (ratings at 25 c ambient temperature unless otherwise specified) 200 200 200 2.0 2.1 2.2 0.41 0.4 0.39 1 1 0.95 0.9 i f =15ma reverse recovery time at i f =i r =5ma,recover to 0.1 i r junction capacitance at v r =0v ,f=1mhz v rrm vrrm v rrm vrrm v rrm vrrm mw a v v t stg p tot t j power dissipation (infinite heat sink) peak reverse v oltage storage t emperature range junction temperature maximum single cycle surge 10 m s square wave ll101a ll101a ll101a ll101a ll101a ll101a ll101b ll101b ll101b ll101b ll101b ll101b ll101c ll101c ll101c ll101c ll101c ll101c -55 to+150 c c v v v v v v v v v na na na pf pf pf ns i fsm v f v f v f v f v f v f i r i r i r c j c j c j t rr 125 2.0 400 1) 60 60 50 50 40 40 1) v alid provided that electrodes are kept at ambient temperature symbols units v alue min. t yp. max. unis symbols case: minimelf glass case(sod-80 ) polarity: color band denotes cathode end w eight: approx. 0.05 gram high temperature soldering guaranteed : 260 !/ 10 seconds at terminals minimelf dimensions in inches and (millimeters) 0.142(3.6) 0.134(3.4) 0.019(0.48) 0.011(0.28) 0.063(1.6) 0.055(1.4) xinghe electronics e?o?? gaomi xinghe electronicsco.,ltd. www.sddzg.com tel:0536-2210359 qq:464768017 1
2 figure 1. t ypical variation of forward. current vs.fwd. v oltage for primary conduction through the schottky barrier figure 2. t ypical forward conduction curve of combination schottky barrier and pn junction guard ring figure 4. t ypical capacitance curve as a function of reverse voltage 0 0 0.01 0.01 2 2 2 2 2 2 2 5 5 5 5 5 5 5 0.1 0.1 1 1 10 10 100 20 40 60 80 0.5 0.5 1v 1v 100 2 ma ma pf v f v r v r v f i f i r c i f a b c a a b b c c 0 0 1 10 10 20 20 30 30 40 40 50v 50v ? a 25 c 50 c 75 c 100 c 125 c 150 c figure 3.t ypical variation of reverse current at versus temperature l l 1 0 1 a t h u r l l 1 0 1 c small signal schottky diodes xinghe electronics e?o?? gaomi xinghe electronicsco.,ltd. www.sddzg.com tel:0536-2210359 qq:464768017


▲Up To Search▲   

 
Price & Availability of LL101A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X