Part Number Hot Search : 
10ELT 00100 GP50B60P FDP18N20 SS432G P120A PIC16F68 355310
Product Description
Full Text Search
 

To Download LL101A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3.4 +0.3 -0.1 0.4 ? 0.1 |? 1 .5 ? 0.1 cathode indification ? for general purpose applications ? the low forward voltage drop and fast switching marking it ideal for protection of mos devices,steering, biasing and couping diodes for fast switching and low logic level applications. ? integrated protection ring against static discharge ? low leakage current ? case: mini-melf ? polarity: color band denotes cathode ? weight: approx 0.031 grams ratings at 25 ??,ambient temperature unless otherwise specified. reverse voltage v r v repetitive peak reverse voltage v rrm v forward current i (av) m a maximum single cycle surge 10 s square wave i fsm a power dissipation p tot mw thermal resistance junction to ambient r ja k/w junction temperature t j ?? storage temperature range t stg ?? ll101b 60 60 50 50 mini-melf 1) device mounted on pc board 50mm50mm1.6mm . 2.0 125 400 ll101c 40 LL101A absolute maximum ratings and thermal resistance unit 30 320 1) - 55 --- + 150 voltage range: 60 - 40 v power diddipation: 400 mw maximum ratings and electrical characteristics 40 dimensions in millimeters LL101A-ll101c schottky barrier rectifiers features m echani cal d ata http://www.luguang.cn mail:lge@luguang.cn
electrical characteristics parameter symbol min typ max unit forward voltage - - 0.41 - - 0.40 - - 0.39 - - 1.00 - - 0.95 - - 0.90 reverse current - - 200 - - 200 - - 200 breakdown voltage 60 - - 50 - - 40 - - diode capacitance - - 2.0 - - 2.1 - - 2.2 reverse recovery time t rr - - 1.0 ns v i f =i r =5ma,recover to 0.1i r i r v (br) v r =0,f=1mh z LL101A i r =10 a LL101A ll101b i f =1ma ll101b v f i f =1ma ll101c i f =15ma LL101A v test conditions i f =1ma LL101A ll101c ll101b ll101c c d v r =50v LL101A i f =15ma ll101c v r =40v ll101b i f =15ma ll101b v r =30v ll101c pf n a LL101A-ll101c schottky barrier rectifiers http://www.luguang.cn mail:lge@luguang.cn
fig.1 -- typ.if vs for primary conduction fig.2 -- typ.if of combination scho ttky fig.3 -- typical variation of reverse f ig.4 -- typical capacitance curve through the schottky barries barrier and pn junction guard ring current at various temperatures as a function of reverse voltage LL101A-ll101c schottky barrier rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of LL101A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X