Part Number Hot Search : 
Z8F042A PE44047 TDE17980 AN7178 2010A 4812S MB90423G TDA7298
Product Description
Full Text Search
 

To Download KTLP168J13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product specification date 01/04/2013 cosmo electronics corporation photocoupler ktlp168j no. 61p44004 rev. 4 sheet 1 of 6 mini-flat package zero crossing optoisolators triac drive output ( 600v volts peak ) ? features 1. pb free and rohs compliant. 2. opaque type,mini-flat package. 3. subminiature type (the volume is smaller than that of our conventional dip type by as far as 30%). 4. isolation voltage between input and output (viso 3750vrms). 5. safety approval ul approved ul1577 , no.e169586 cul approved c22.2 no.1 & ntc no.5 , no.e169586 vde approved en60747-5-2 , no.40009235 cqc approved gb8898 / gb4943 cqc10001049555 cqc08001022986 ? application 1. solenoid/valve controls. 2. lighting controls. 3. static power switches. 4. ac motor drives. 5. temperature controls. 6. e.m. contactors. 7. ac motor staters. 8. solid state relays. 9. programmable controllers.
product specification date 01/04/2013 cosmo electronics corporation photocoupler ktlp168j no. 61p44004 rev. 4 sheet 2 of 6 ? outside dimension unit ( mm ) tolerance 0.2mm ? schematic top view 1 2 4 3 zc 1. anode 2. cathode 3. main terminal 4. main terminal 0.10.1 2.30 7.000.4 0.40 2.54 4.40 3.60 date code 0.500.3
product specification date 01/04/2013 cosmo electronics corporation photocoupler ktlp168j no. 61p44004 rev. 4 sheet 3 of 6 ? absolute maximum ratings parameter symbol rating unit input forward current i f 50 ma peak forward current (100us) i fp 1 a reverse voltage v r 6 v power dissipation p d 70 mw output off-state output terminal voltage v drm 600 v on-state r.m.s. current i t(rms) 70 ma peak repetitive surget current (pw=10ms.dc 10%) i tsm 1 a power dissipation p d 150 mw total power dissipation ptot 200 mw isolation voltage 1 minute v iso 3750 v rms operating temperature t opr -40 to +115 storage temperature t stg -50 to +125 soldering temperature 10 second t sol 260 ? electro-optical characteristics parameter symbol conditions min. typ. max. unit input forward voltage v f i f = 10ma - 1.2 1.4 v peak forward voltage v fm i fm = 0.5a - - 3.5 v reverse current i r v r = 5v - - 10 a output peak blocking current i drm v drm = 600v - - 1.0 a on-state voltage v tm i tm = 70ma - 1.6 2.8 v transfer charac- teristics holding current i h - 1.0 ma critical rate of rise of off-state voltage dv/dt v drm = (1/ 2 ) ? rated 100 - - v/ s isolation resistance r iso dc500v 510 10 10 11 - ? minimum trigger current i ft main terminal voltage=3v - 5 10 ma inhibit voltage ( mt1-mt2 voltage above which device not trigger ) v inh i f = rated i ft - - 50 v leakage in inhibited state i drm2 i f = rated i ft , rated v drm , off state - - 600 a
product specification date 01/04/2013 cosmo electronics corporation photocoupler ktlp168j no. 61p44004 rev. 4 sheet 4 of 6 forward current vs. a mbient temperature diode power dissipation p (mw) diode power dissipation vs. ambient temperature forward current i f ( ma ) 20 10 0 -30 0 25 55 75 100 50 40 30 115 0 -30 40 20 025 100 70 60 80 50 75 100 115 ambient temperature ta ( ) ambient temperature ta ( ) on-state r.m.s. current(ma) on-state r.m.s. current vs. ambient temperature total power dissipation pc (mw) total power dissipation vs. ambient temperature 40 20 -30 0 0 80 60 25 55 75 100 70 115 100 0 -30 50 025 150 200 50 75 100 115 ambient temperature ta ( ) ambient temperature ta ( ) trigger current i ft ( ma ) peak forward current vs. duty ratio forward current vs. forward voltage pulse width <=100us 10 100 0 -3 10 -2 10 -1 1000 10000 ta=25c 1 forward current i f (ma) 2 1 0 10 5 0.5 1.0 1.5 2.0 2.5 3.0 ta=75 50 20 200 100 50 500 -25 0 25 duty ratio forward voltage v f (v)
product specification date 01/04/2013 cosmo electronics corporation photocoupler ktlp168j no. 61p44004 rev. 4 sheet 5 of 6 on-state characteristics leakage with led off vs. ambient temperature on-state current(ma) 0 +100 +1 +2 +3 -1 -2 -3 0 +200 +300 +400 -400 -200 -300 -100 if=30ma,f=60hz,ta=25c output pulse width 80us peak blocking current i drm (na) if=0,vdrm=rated 60 10 20 5 -40 -20 20 040 500 100 50 200 80 100 115 on-state voltage( v ) ambient temperature ta ( ) i ft ,normalized trigger current vs. a mbient temperature v inh ,normalized inhibit voltage vs. ambient temperature 100 0 -40 20 40 80 60 normalized to ta=25c 1.0 1.1 1.2 1.3 1.4 0.9 0.8 0.7 -20 0.6 1.5 0.5 0.4 0.3 1.6 115 normalized to ta=25c 80 1.2 -20 0.5 -40 0.3 0.4 0.9 0.7 0.6 0.8 1.0 1.1 0204060 1.6 1.4 1.3 1.5 100 115 ambient temperature ta ( ) ambient temperature ta ( ) i drm2 ,leakage in inhibit vs. ambient temperature i drm2 ,normalized if=rated ift 80 0.6 -20 -40 0204060 1.3 0.9 0.7 0.8 1.1 1.0 1.2 1.6 1.4 1.5 100 115 ambient temperature ta ( )
product specification date 01/04/2013 cosmo electronics corporation photocoupler ktlp168j no. 61p44004 rev. 4 sheet 6 of 6 ? notice the information contained in this document is intended to be a general product description and is subject to change without notice. please contact cosmo in order to obta in the latest device data sheets before using any cosmo device. cosmo does not assume any responsibility for use of any circui try described. no circuit patent licenses are implied. this publicatio n is the property of cosmo. no part of this publication may be rep roduced or copied in any form or by any means, or transferred to any th ird party without the prior written consent of cosmo electronics corporation. the devices listed in this document are designed for general applications only in electronic e quipment. no devices shall be deployed which require higher le vel of reliability such as ? medical and other life support equipments. ? space application. ? telecommunication equipment ( trunk lines ). ? nuclear power control equipment. unless it received prior writ ten approval from cosmo. cosmo takes no responsibility for damages arise form the improper usage of our device. pl ease contact cosmo for further information regarding the above notices.


▲Up To Search▲   

 
Price & Availability of KTLP168J13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X