Part Number Hot Search : 
LX2240BK EVALZ TIP32C DTC114 SPD54151 EC6A12S NCA005 M8S14FDJ
Product Description
Full Text Search
 

To Download KSD225AC311 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product specification date: 05/27/11 ' no. 58032225 cosmo electronics corporation solid state relay ksd225ac3 sheet 1 of 2 rev. 4 1. outside dimension : unit ( mm ) 2. schematic : top view cosmo load input type load input 5 ksd225ac3 25a to 250vac 12vdc +- 24.00 12.00 7.25 32.00 2.00 2.00 1.20(x2) 4.38 5.08 7.62 2.54 0.80(x2) 22.50 4.50 5.00 10.50 6.50 3.20 7 0.60 + - 5-12vdc load a.c power cosmo load input -+ 250vac ksd225ac3 input to 5 type load 25a 12vdc
product specification date: 05/27/11 ' no. 58032225 cosmo electronics corporation solid state relay ksd225ac3 sheet 2 of 2 rev. 4 3.absolute maximum ratings (ta=25 ) parameter symbol rating unit input input signal voltage drop-out voltage v in v do 5-12 1 vdc vdc output rms on-state current peak one cycle surge current repetitive peak-off state voltage operating frequency critical rate of rise of on-state current load supply voltage i t i surge v drm f di/dt v out 25 250 600 47~70 50 250 arms a v hz a/us vrms ac isolation voltage input to output v iso 4000 vrms operating temperature t opr -30~100 storage temperature t stg -30~125 soldering temperature 10 sec t sol 260 4.electrical characteristics (ta=25 ) parameter symbol conditions min typ max unit input pick-up voltage input current v pu i in it=1arms vin=5~12v 5 4 35 vdc ma output on-state voltage operating current leakage current critical rate of rise of off-state voltage zero-cross voltage load voltage rating v t i op i leak dv/dt v ox v out i t =1arms vout=240vrms vout=240vrms i t =50marms min 50 50 50 200 yes 1.5 7 280 vrms marms marms v/us vac minimum trigger current i ft v drm =600v 25 ma isolation resistance input to output r iso dc500v 10 g? turn-on time t on 60hz ac 8.3 ms turn-off time t off 60hz ac 8.3 ms thermal resistance (between junction and case) r th (j-c)l 1.3 /w


▲Up To Search▲   

 
Price & Availability of KSD225AC311

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X