Part Number Hot Search : 
CONDUCTO G1200 ADB18PS SMLJ16 MC7806 LA4590W 20EIB 1154H09
Product Description
Full Text Search
 

To Download GBU1010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gbu10005 ~ GBU1010 voltage 50v ~ 1000v 10.0amp glass passivited bridge rectifiers elektronische bauelemente 11-oct-2011 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. rohs compliant product a suffix of -c specifies halogen & lead-free features  surge overload rating -220 amperes peak  ideal for printed circuit board  reliable low cost construction utilizing molded plastic technique  plastic material has underwriters laboratory flammability classification 94v-0  mounting position: any maximum ratings and electrical characteristics (rating 25 c ambient temperature unless otherwise specified. s ingle phase half wave, 60hz, resistive or inductive load. for capacitive load, de-rate current by 20%.) parameter symbol part number unit gbu 10005 gbu 1001 gbu 1002 gbu 1004 gbu 1006 gbu 1008 gbu 1010 maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms bridge input voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward(with heat sink) 2 i (av) 10 a rectified current @t c =100 c(without heat sink) 3 peak forward surge current 8.3 ms single half sine-wave super imposed on rated load (jedec method) i fsm 220 a maximum forward voltage @ 5a v f 1.1 v maximum reverse current at rated dc blocking voltage t j =25 c i r 10 a t j =125 c 500 i 2 t rating for fusing (t<8.3ms) i 2 t 200 a 2 s typical junction capacitance per element 1 c j 70 pf typical thermal resistance r jc 2.2 c/w operating and storage temperature range t j ,t stg -55~150 c notes 1. measured at 1.0mhz and applied reverse voltage of 4.0v dc. 2. device mounted on 100mm*100mm*1.6mm cu plate he at sink. gbu ref. millimeter ref. m illimeter min. max. min. max. a 21.80 22.20 i 0.9 1.2 b 18.30 19.10 j 0.46 0.56 c 3.37 3.53 k 4.80 5.30 d 17.27 18.29 l 2.16 2.54 e 3.2 x 45 m 1.65 2.03 f 3.40 4.10 n 1.45 1.85 g 5.40 5.90 p 9.80 10.20 h 2.30 2.70 q 10.90 11.10
gbu10005 ~ GBU1010 voltage 50v ~ 1000v 10.0amp glass passivited bridge rectifiers elektronische bauelemente 11-oct-2011 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of GBU1010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X