Part Number Hot Search : 
CTB04VY 4CK1750 109387 VQRT624C M52342 SAA7326 HCPL062N SAA7348
Product Description
Full Text Search
 

To Download FDC20-48S05W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  18 features fdc20-w fdc20-w 4:1 input range pi input filter 2 year warranty high efficiency low profile case overvoltage protection overcurrent protection on/off control single single and dual and dual output output , 4:1 wide input range , 4:1 wide input range 20 w 20 w a a tts dc/dc conver tts dc/dc conver ters ters control voltage referenced to negative (-) input compatability......................................cmos, ttl on-control..........................................4.8v min. or open off-control..........................................0.4v max. or short r r e e m m o o t t e e o o n n / / o o f f f f c c o o n n t t r r o o l l r r e e m m o o t t e e o o n n / / o o f f f f c c o o n n t t r r o o l l switching frequency...........................300khz, typ. isolation voltage.................................1600vdc, min isolation resistance...........................10 ohms , min g g e e n n e e r r a a l l s s p p e e c c i i f f i i c c a a t t i i o o n n s s g g e e n n e e r r a a l l s s p p e e c c i i f f i i c c a a t t i i o o n n s s o o u u t t p p u u t t s s p p e e c c i i f f i i c c a a t t i i o o n n s s o o u u t t p p u u t t s s p p e e c c i i f f i i c c a a t t i i o o n n s s case material.....................................nickel-coated copper with non-conductive base dimensions.........................................2.0x1.6x0.4 inches (50.8x40.6x10.2 mm) p p h h y y s s i i c c a a l l s s p p e e c c i i f f i i c c a a t t i i o o n n s s p p h h y y s s i i c c a a l l s s p p e e c c i i f f i i c c a a t t i i o o n n s s operating temperature range............-25 ? c to +60 ? c (see fig.1) alternative operating temperature suffix m2 .............................................................-40 ? c to +60 ? c storage temperature range................-55 ? c to +125 ? c cooling.................................................free-air convection emi/rfi................................................six-sided continuous shield mtbf....................................................4.270x10 5 hours (mil-hdbk-217f ta=25 ? c full load) e e n n v v i i r r o o n n m m e e n n t t a a l l s s p p e e c c i i f f i i c c a a t t i i o o n n s s e e n n v v i i r r o o n n m m e e n n t t a a l l s s p p e e c c i i f f i i c c a a t t i i o o n n s s all specifications are typical at nominal input, full load, and 25 ? c unless otherwise noted. e e l l e e c c t t r r i i c c a a l l s s p p e e c c i i f f i i c c a a t t i i o o n n s s e e l l e e c c t t r r i i c c a a l l s s p p e e c c i i f f i i c c a a t t i i o o n n s s input voltage range 24v nominal......9 to 36v 48v nominal......18 to 72v input filter...........................................pi network i i n n p p u u t t s s p p e e c c i i f f i i c c a a t t i i o o n n s s i i n n p p u u t t s s p p e e c c i i f f i i c c a a t t i i o o n n s s voltage accuracy............................2% external trim adjustment range...10% typ. ripple and noise, 20mhz bw single output.................................75mv p-p, 20m v rms dual output....................................100mv p-p, 20m v rms line regulation, full line..............0.5% load regulation, fl-1/4fl............0.25% (single) 2% (dual) fl-nl............0.5% (single) 3% (dual) temperature coefficient.................0.02%/ ? c transient response recovery time, 25% load step change.................500sec short circuit protection..................continuous overvoltage portection threshold: 5v output.......................................6.2v 12v output.....................................15v 15v output.....................................18v 9
19 series series all dimensions in inches (mm) pin pitch tolerance 0.5 mm model fdc20-24s05w fdc20-24s12w fdc20-24s15w fdc20-24d05w fdc20-24d12w fdc20-24d15w FDC20-48S05W fdc20-48s12w fdc20-48s15w fdc20-48d05w fdc20-48d12w fdc20-48d15w input voltage 9-36vdc 9-36vdc 9-36vdc 9-36vdc 9-36vdc 9-36vdc 18-72vdc 18-72vdc 18-72vdc 18-72vdc 18-72vdc 18-72vdc output voltage 5vdc 12vdc 15vdc 5vdc 12vdc 15vdc 5vdc 12vdc 15vdc 5vdc 12vdc 15vdc output current 4000ma 1670ma 1330ma 2000ma 833ma 666ma 4000ma 1670ma 1330ma 2000ma 833ma 666ma % typ. eff 79 81 81 79 81 82 80 81 81 79 83 84 pin connections pin# single dual 1 2 3 4 5 6 7 8 +vin -vin no pin ctrl no pin +vout -vout trim +vin -vin no pin ctrl +vout common -vout trim


▲Up To Search▲   

 
Price & Availability of FDC20-48S05W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X