Part Number Hot Search : 
LTC140 AD5233 MMBF4118 ADDR24 22L130 EA08925 FP024M CF99M
Product Description
Full Text Search
 

To Download DSEC60-12A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2007 ixys all rights reserved 1 - 2 dsec 60-12a 0701 ixys reserves the right to change limits, test conditions and dimensions. i fav = 2x30 a v rrm = 1200 v t rr =40ns v rsm v rrm type v v 1200 1200 dsec 60-12a symbol conditions maximum ratings i frms 70 a i favm t c = 115c; rectangular, d = 0.5 30 a i fsm t vj = 45c; t p = 10 ms (50 hz), sine 200 a e as t vj = 25c; non-repetitive 14 mj i as = 11.5 a; l = 180 h i ar v a = 1.25 v r typ.; f = 10 khz; repetitive 1.2 a t vj -55...+175 c t vjm 175 c t stg -55...+150 c p tot t c = 25c 165 w m d mounting torque 0.8...1.2 nm weight typical 6 g symbol conditions characteristic values typ. max. i r t vj = 25c v r = v rrm 250 a t vj = 150c v r = v rrm 1ma v f i f = 30 a; t vj = 150c 1.78 v t vj = 25c 2.74 v r thjc 0.9 k/w r thch 0.25 k/w t rr i f = 1 a; -di/dt = 200 a/ s; 40 ns v r = 30 v; t vj = 25c i rm v r = 100 v; i f = 50 a; -di f /dt = 100 a/ s 8.5 11.4 a t vj = 100c features ? international standard package ? planar passivated chips ? very short recovery time ? extremely low switching losses ? low i rm -values ? soft recovery behaviour ? epoxy meets ul 94v-0 applications ? antiparallel diode for high frequency switching devices ? antisaturation diode ? snubber diode ? free wheeling diode in converters and motor control circuits ? rectifiers in switch mode power supplies (smps) ? inductive heating ? uninterruptible power supplies (ups) ? ultrasonic cleaners and welders advantages ? avalanche voltage rated for reliable operation ? soft reverse recovery for low emi/rfi ? low i rm reduces: - power dissipation within the diode - turn-on loss in the commutating switch dimensions see outlines.pdf hiperfred tm epitaxial diode with common cathode and soft recovery pulse test: pulse width = 5 ms, duty cycle < 2.0% pulse width = 300 s, duty cycle < 2.0% data according to iec 60747 and per diode unless otherwise specified. ac a a = anode, c = cathode, tab = cathode to-247 ad c a a c (tab)
? 2007 ixys all rights reserved 2 - 2 dsec 60-12a 0701 ixys reserves the right to change limits, test conditions and dimensions. 200 600 1000 0 400 800 120 140 160 180 200 220 0.00001 0.0001 0.001 0.01 0.1 1 0.001 0.01 0.1 1 0 40 80 120 160 0.0 0.5 1.0 1.5 2.0 k f t vj c -di f /dt t s k/w 0 200 400 600 800 1000 0 40 80 120 0.0 0.4 0.8 1.2 v fr di f /dt v 200 600 1000 0 400 800 0 10 20 30 40 50 60 100 1000 0 1 2 3 4 5 01234 0 10 20 30 40 50 60 70 i rm q r i f a v f -di f /dt -di f /dt a/ s a v c a/ s a/ s t rr ns t fr z thjc a/ s s dsep 30-12a/dsec 60-12a i f = 60a i f = 30a i f = 15a t vj = 100c v r = 600v t vj = 100c i f = 30a fig. 3 peak reverse current i rm versus -di f /dt fig. 2 reverse recovery charge q r versus -di f /dt fig. 1 forward current i f versus v f t vj = 100c v r = 600v t vj = 100c v r = 600v i f = 60a i f = 30a i f = 15a q r i rm fig. 4 dynamic parameters q r , i rm versus t vj fig. 5 recovery time t rr versus -di f /dt fig. 6 peak forward voltage v fr and t fr versus di f /dt i f = 60a i f = 30a i f = 15a t fr v fr fig. 7 transient thermal resistance junction to case t vj =150c t vj =100c t vj = 25c constants for z thjc calculation: ir thi (k/w) t i (s) 1 0.465 0.0052 2 0.179 0.0003 3 0.256 0.0397 note: fig. 2 to fig. 6 shows typical values


▲Up To Search▲   

 
Price & Availability of DSEC60-12A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X