Part Number Hot Search : 
RYA31012 SMCG563X SA60CA RE025 CS49312 ADT7468 SKIC2001 U10C60
Product Description
Full Text Search
 

To Download CRO6HCU-103JB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  model number model number model number model number cr06h** cr06h** cr06h** cr06h** features features features features dimensions dimensions dimensions dimensions designation designation designation designation specification specification specification specification * operating temperature range: -55+155 * operating temperature range: -55+155 * operating temperature range: -55+155 * operating temperature range: -55+155 structure structure structure structure model model model model no. no. no. no. no. 12 3 4 5 6 7 8 9 * design?specification are subject to change withou t prior notice. please check before purchase and us e. resistive element resistive element resistive element resistive element resistive element resistive element resistive element resistive element protective coat protective coat protective coat protective coat protective coat protective coat protective coat protective coat element name element name top electrode top electrode top electrode top electrode top electrode top electrode top electrode top electrode sn plating sn plating sn plating sn plating cu plating cu plating cu plating cu plating protective coat protective coat protective coat protective coat protective coat protective coat protective coat protective coat side electrode side electrode side electrode side electrode side electrode side electrode side electrode side electrode ni plating ni plating ni plating ni plating ni plating ni plating ni plating ni plating cr06h2 cr06h2 cr06h2 cr06h2 cr06h2cu cr06h2cu cr06h2cu cr06h2cu ceramic substrate ceramic substrate ceramic substrate ceramic substrate ceramic substrate ceramic substrate ceramic substrate ceramic substrate bottom electrode bottom electrode bottom electrode bottom electrode bottom electrode bottom electrode bottom electrode bottom electrode cr06hcu cr06hcu cr06hcu cr06hcu model no. cr06h cr06h cr06h cr06h cr06h2 cr06h2 cr06h2 cr06h2 cr06hcu cr06hcu cr06hcu cr06hcu cr06h2cu cr06h2cu cr06h2cu cr06h2cu max.working voltage rated power (w) at 70 tolerance range () tcr (ppm/) 0.300.03 0.300.03 0.300.03 0.300.03 0.170.03 0.170.03 0.170.03 0.170.03 max.overload voltage cr06h cr06h cr06h cr06h 0.050 0.050 0.050 0.050 class f (1%) class f (1%) class f (1%) class f (1%) class j (5%) class j (5%) class j (5%) class j (5%) 101m 101m 101m 101m 250 250 250 250 25v 25v 25v 25v 50v 50v 50v 50v 0.170.03 0.170.03 0.170.03 0.170.03 cr06hcu cr06hcu cr06hcu cr06hcu cr06h2cu cr06h2cu cr06h2cu cr06h2cu 0.1250.025 0.1250.025 0.1250.025 0.1250.025 0.230.03 0.230.03 0.230.03 0.230.03 0.120.05 0.120.05 0.120.05 0.120.05 0.150.05 0.150.05 0.150.05 0.150.05 0.230.03 0.230.03 0.230.03 0.230.03 cr06h cr06h cr06h cr06h 0.600.03 0.600.03 0.600.03 0.600.03 cr06h2 cr06h2 cr06h2 cr06h2 0.1250.025 0.1250.025 0.1250.025 0.1250.025 (unit: mm) model no. l w t 0.150.05 0.150.05 0.150.05 0.150.05 c d low profile type chip resistor hokuriku electric industry co.,ltd hokuriku a half thickness, a half thickness, a half thickness, a half thickness, has about has about has about has about low profile type, low profile type, low profile type, low profile type, size, size, size, size, 0603 0603 0603 0603 mm mmmm mm 0.15 0.15 0.15 0.15 thinnest thinnest thinnest thinnest to normal type. to normal type. to normal type. to normal type. compared compared compared compared minituarized, thinner, minituarized, thinner, minituarized, thinner, minituarized, thinner, by embedding into mounting board, by embedding into mounting board, by embedding into mounting board, by embedding into mounting board, can be realized. can be realized. can be realized. can be realized. density module density module density module density module higher higher higher higher thick film material utilized, it has excellent thick film material utilized, it has excellent thick film material utilized, it has excellent thick film material utilized, it has excellent glazed glazed glazed glazed - -- - metal metal metal metal due to due to due to due to heat resistance, weatherability. heat resistance, weatherability. heat resistance, weatherability. heat resistance, weatherability. . product product product product europe rohs compliant europe rohs compliant europe rohs compliant europe rohs compliant 3 2 4 6 7 8 9 5 normal normal normal normal type type type type low profile low profile low profile low profile type type type type - -- - ? ? ? ? model no. size dimension outer plating marking resistance symbol tolerance symbol form cr06h 0603 sn 103 10k ?1.0 v paper tape cr06hcu 0603 cu j ?5.0 b bulk cr06h2 0603 sn cr06h2cu 0603 cu model no. resistance value resistance tolerance pa cking form 0.20max. 10310?10 10,000?10k 0.15max.


▲Up To Search▲   

 
Price & Availability of CRO6HCU-103JB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X