Part Number Hot Search : 
C74LV SM5S28 STPS20 20153 JTA15 C74LV MM1278 TSOP2238
Product Description
Full Text Search
 

To Download BSR40-AR1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sot89 npn silicon planar medium power transistors issue 3 C february 1996 j complementary types C bsr40 C bsr30 bsr42 C bsr32 partmarking detail C bsr40 C ar1 bsr42 C ar3 absolute maximum ratings. parameter symbol bsr40 bsr42 unit collector-base voltage v cbo 70 90 v collector-emitter voltage v ceo 60 80 v emitter-base voltage v ebo 5v peak pulse current i cm 2a continuous collector current i c 1a base current i b 100 ma power dissipation at t amb =25c p tot 1w operating and storage temperature range t j :t stg -65 to +150 c electrical characteristics (at t amb = 25c unless otherwise stated). parameter symbol min. max. unit conditions. collector-base bsr40 breakdown voltage bsr42 v (br)cbo 70 90 v v i c =100 m a i c =100 m a collector-emitter bsr40 breakdown voltage bsr42 v (br)ceo 60 80 v v i c =10ma i c =10ma emitter-base breakdown voltage v (br)ebo 5v i e =10 m a collector cut-off current i cbo 100 50 na m a v cb =60v v cb =60v, t amb =125c collector-emitter saturation voltage v ce(sat) 0.25 0.5 v v i c =150ma, i b =15ma i c =500ma, i b =50ma base-emitter saturation voltage v be(sat) 1.0 1.2 v v i c =150ma, i b =15ma i c =500ma, i b =50ma static forward current transfer ratio h fe 10 40 30 120 i c =100 m a, v ce =5v i c =100ma, v ce =5v i c =500ma, v ce =5v collector capacitance c c 12 pf v cb =10v, f =1mhz emitter capacitence c e 90 pf v eb =0.5v, f=1mhz transition frequency f t 100 mhz i c =50ma, v ce =10v f =35mhz turn-on time t on 250 ns v cc =20v, i c =100ma i b1 =-i b2 =-5ma turn-off time t off 1000 ns *measured under pulsed conditions. pulse width=300 m s. duty cycle 2% for typical characteristics graphs see fmmt493 datasheet. bsr40 bsr42 c c b e 3 - 67


▲Up To Search▲   

 
Price & Availability of BSR40-AR1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X