Part Number Hot Search : 
06ILF C100M X25650AE SSH66TE FR115 RT3052F LM2735 B1505
Product Description
Full Text Search
 

To Download BCX56-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bcx54 bcx55 bcx56 surface mount npn silicon transistor description: the central semiconductor bcx54, bcx55, and bcx56 types are npn silicon transistors manufactured by the epitaxial planar process, epoxy molded in a surface mount package, designed for high current general purpose amplifier applications. marking code: see marking code table on following page maximum ratings: (t a =25c) symbol bcx54 bcx55 bcx56 units collector-base voltage v cbo 45 60 100 v collector-emitter voltage v ceo 45 60 80 v emitter-base voltage v ebo 5.0 v continuous collector current i c 1.0 a peak collector current i cm 1.5 a continuous base current i b 100 ma peak base current i bm 200 ma power dissipation p d 1.3 w operating and storage junction temperature t j , t stg -65 to +150 c thermal resistance ja 96 c/w electrical characteristics: (t a =25c unless otherwise noted) symbol test conditions min typ max units i cbo v cb =30v 100 na i cbo v cb =30v, t a =125c 10 a i ebo v eb =5.0v 100 na bv cbo i c =100a (bcx54) 45 v bv cbo i c =100a (bcx55) 60 v bv cbo i c =100a (bcx56) 100 v bv ceo i c =10ma (bcx54) 45 v bv ceo i c =10ma (bcx55) 60 v bv ceo i c =10ma (bcx56) 80 v v ce(sat) i c =500ma, i b =50ma 0.5 v v be(on) v ce =2.0v, i c =500ma 1.0 v h fe v ce =2.0v, i c =5.0ma 40 h fe v ce =2.0v, i c =150ma 63 250 h fe v ce =2.0v, i c =150ma (bcx54-10, bcx55-10, BCX56-10) 63 160 h fe v ce =2.0v, i c =150ma (bcx54-16, bcx55-16, bcx56-16) 100 250 h fe v ce =2.0v, i c =500ma 25 f t v ce =5.0v, i c =10ma, f=100mhz 130 mhz sot-89 case r5 (20-november 2009) www.centralsemi.com
bcx54 bcx55 bcx56 surface mount npn silicon transistor sot-89 case - mechanical outline lead code: 1) emitter 2) collector 3) base (bottom view) device marking code bcx54 ba bcx54-10 bc bcx54-16 bd bcx55 be bcx55-10 bg bcx55-16 bm bcx56 bh BCX56-10 bk bcx56-16 bl www.centralsemi.com r5 (20-november 2009)


▲Up To Search▲   

 
Price & Availability of BCX56-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X