Part Number Hot Search : 
244R7 BH6513F 28F640 AD633ARZ GT15J101 AN311 28F640 76M00
Product Description
Full Text Search
 

To Download BC817-16WRFG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bc817-16w/25w/40w 200mw, npn small signal transistor small signal diode ? surface device type mounting ? moisture sensitivity level 1 ? matte tin(sn) lead finish with nickel(ni) underplate ? pb free version and rohs compliant min max min max ? case : sot-323 small outline plastic package 1.90 2.10 0.075 0.083 1.15 1.35 0.045 0.053 0.25 0.35 0.010 0.014 1.20 1.40 0.047 0.055 2.00 2.20 0.079 0.087 0.80 1.00 0.031 0.039 package packing marking sot-323 3k / 7" reel 6cr sot-323 3k / 7" reel 6cs sot-323 3k / 7" reel 6ct sot-323 3k / 7" reel 6cr sot-323 3k / 7" reel 6cs sot-323 3k / 7" reel 6ct maximum ratings 1 ) transistor mounted on an fr4 p rinted-circuit board. sot-323 type number symbol ? epitaxial planar die construction ? weight : 0.005gram (approximately) maximum ratings and electrical characteristics c unit (mm) ? terminal: matte tin plated, lead free., solderable per mil-std-202, method 208 guaranteed 5 200 collector-base voltage collector-emitter voltage v cbo v ceo bc817-40w rf bc817-16w rfg unit (inch) dimensions su gg ested pad la y out v b e v 45 50 rating at 25 c ambient temperature unless otherwise specified. power dissipation p d units mw bc817-25w rfg bc817-40w rfg value features mechanical data ? green compound (halogen free) with suffix "g" on packing code and prefix "g" on date code a ? high temperature soldering guaranteed: 260 c/10s f d junction and storage temperature range t j , t stg v ebo collector current i c emitter-base voltage thermal resistance,junction to ambient r ? ja orderin g information part no. bc817-16w rf bc817-25w rf v c 0.5 -65 to + 150 a 625 k/w b a c d f e 1.6 0.063 0.65 0.026 0.8 0.031 0.8 0.031 2 emitter 3 collector 1 base version : a11
bc817-16w/25w/40w 200mw, npn small signal transistor small signal diode electrical characteristics units collector-base breakdown voltage at-ic=10ua v collector-emitter breakdown voltage at-ic=10ma v at-ic=10ua v na ua at=v eb = 5v na -16w -25w -40w - - - a t - ic = 500ma i b = 50ma v v ce = 5v i c = 10ma f= 100mhz mhz tape & reel specification carrier width carrier length carrier depth sprocket hole reel outside diameter reel inner diameter feed hole width sprocke hole position punch hole position sprocke hole pitch embossment center overall tape thickness tape width reel width 0.229 0.013 collector cut-off current i ebo - emitter cut-off current transition frequency f t 100 5 13.0 0.20 1.75 0.10 3.50 0.05 - - - 5 100 - v (br)ceo v (br)ebo 12.30 0.20 8.10 0.20 w 4.00 0.10 e f - 2.00 0.05 w1 p0 p1 100 - t d1 d2 55 min item type number 50 symbol v (br)cbo a b 3.15 0.10 min max 45 100 160 250 250 400 600 40 1.50 0.10 0.7 178 1 d d c 2.77 0.10 1.22 0.10 symbol dimension(mm) emitter-base breakdown voltage collector-emitter saturation voltage v ce(sat) i cbo at-v ce =1v,-ic=100ma at-v ce =1v,-ic=500ma dc current gain h fe at=v cb = 20v at=v cb = 20v,t j =150 w1 d1 d2 d t c d p1 p0 a b f w e direction of feed top cover tape carieer tape a ny additional label (if required) tsc label version : a11
bc817-16w/25w/40w 200mw, npn small signal transistor small signal diode rating and characteristic curves version : a11
bc817-16w/25w/40w 200mw, npn small signal transistor small signal diode rating and characteristic curves version : a11


▲Up To Search▲   

 
Price & Availability of BC817-16WRFG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X