Part Number Hot Search : 
K9XXG08 HCF45 FST7340L NXA66 DT28F160 WSR5RDEK L9107 SIHFD320
Product Description
Full Text Search
 

To Download BAS16LT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum ratings rating symbol v alue unit continuous reverse voltage v r 75 vdc peak forward current i f 200 madc peak forward surge current i fm(surge) 500 madc thermal characteristics characteristic symbol max unit total device dissipation frC 5 board, (1) p d 225 mw t a = 25c derate above 25c 1.8 mw/c thermal resistance, junction to ambient r ja 556 c/w total device dissipation p d 300 mw alumina substrate, (2) t a = 25c derate above 25c 2.4 mw/c thermal resistance, junction to ambient r ja 417 c/w junction and storage temperature t j ,t stg C55 to +150 c electrical characteristics (t a = 25c unless otherwise noted) characteristic symbol min max unit off characteristics reverse voltage leakage current i r adc (v r = 75vdc) 1.0 (v r = 75 vdc, t j = 150c) 50 (v r = 25 vdc, t j = 150c) 30 reverse breakdown voltage v (br) 75 vdc (i br = 100 adc) forward voltage v f mv (i f = 1.0 madc) 715 (i f = 10 madc) 855 (i f = 50 madc) 1000 (i f = 150 madc) 1250 diode capacitance c d 2.0 pf (v r = 0, f = 1.0 mhz) forward recovery voltage v fr C- 1.75 vdc (i f = 10 madc, t r = 20ns ) reverse recovery time t rr 6.0 ns (i f = i r = 10 madc, r l = 50 ? ) stored charge q s 4 5p c (i f = 10 madc to v r = 5.0vdc, r l = 500 ? ) 1. frC5 = 1.0 x 0.75 x 0.062 in. 2. alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina. sotC23 3 cathode 1 anode ? device marking and ordering information device marking package shipping BAS16LT1 a6 sot-23 3000/tape&reel 1 3 2 2012-1 willas electronic corp. sot-23 plastic-encapsulate diodes b as16lt1 ?
notes: 1. a 2.0 k ? variable resistor adjusted for a forward current (i f ) of 10 ma. notes: 2. input pulse is adjusted so i r(peak) is equal to 10 ma. notes: 3. t p ? t rr figure 1. recovery time equivalent test circuit 100 10 1.0 0.1 0.2 0.4 0.6 0.8 1.0 1.2 t a = 85c t a = 25c t a = C 40c t a = 150c t a = 125c t a = 85c t a = 55c t a = 25c 010 20 30 4050 10 1.0 0.1 0.01 0.001 02 4 6 8 0.68 0.64 0.60 0.56 0.52 i f , forward current (ma) c d , diode capacitance (pf) v f , forward voltage (volts) figure 2. forward voltage v r , reverse voltage (volts) figure 3. leakage current v r , reverse voltage (volts) figure 4. capacitance i r , reverse current ( a) +10 v 2.0 k 820 ? 100 h 0.1 f d.u.t. 0.1 f 50 ? output pulse generator t r 50 ? input sampling oscilloscope t p t 10% 90% i f i r t rr t i r(rec) = 1.0 ma output pulse (i f = i r = 10 ma; measured at i r(rec) = 1.0 ma) input signal i f v r 2012-1 willas electronic corp. sot-23 plastic-encapsulate diodes b as16lt1
mm inches 0.037 0.95 0.037 0.95 0.079 2.0 0.035 0.9 0.031 0.8 sot-23 2012-1 willas electronic corp. sot-23 plastic-encapsulate diodes b as16lt1 dimensions in inches and (millimeters) .080(2.04) .070(1.78) .110(2.80) .083(2.10) .006(0.15)min. .008(0.20) .003(0.08) .055(1.40) .035(0.89) .020(0.50) .012(0.30) .004(0.10)max. .122(3.10) .106(2.70) .063(1.60) .047(1.20)


▲Up To Search▲   

 
Price & Availability of BAS16LT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X