Part Number Hot Search : 
01547 IPW60R STPS745M 3DD102E 1N5236 2SD21 NTE3882 78M12
Product Description
Full Text Search
 

To Download ARRAYS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  nvd nvdx arra ys n i g h t v i s i o n h . v . r e c t i f i e r d i o d e s & a r r a y s d i o d e s p e c i f i c a t i o n s @ o 23 c (absolute maximum unless otherwise specified) nvdx diode (standard recovery) nvd diode and diode ARRAYS (fast recovery) prv 1,000 vdc 1,200 vdc i f 5.0ma 5.0ma v @ 1 ma d c f 6 . 0 v 4.0 v junction capacitance 0.35pf . @500 vdc i @ 1,000 vdc @ 23 c r 0.5 nanoamperes r 5.0 nanoamperes i @ 500 vdc r 1.0 nanoamperes typical 5.0 nanoamperes max. r 25 nanoamperes r 0.1 nanoamperes typical 0.25 nanoamperes max. r 1.0 nanoamperes typical 2.0 nanoamperes max. t ( r e v e r s e r e c o v e r y t i m e ) , f i g . 4 r r 50 ns typical 100 ns max. o o -55 c to +100 c o o - 6 3 c t o + 1 2 5 c o o -55 c to +100 c o o - 6 3 c t o + 1 2 5 c o o o o o e d i r e s e r v e s t h e r i g h t t o c h a n g e t h e s e s p e c i f i c a t i o n s a t a n y t i m e w i t h o u t n o t i c e . these diodes and ARRAYS have been specifically designed for use in night vision and image intensifier equipment power supplies. they offer unusual characteristics that have not been previously available. as a result of a proprietary edi diffusion process, they feature small size and a unique combination of extremely low leakage and ultra fast recovery time. i @ 1,000 vdc @ 55 c i @ 500 vdc @ 55 c i @ 250 vdc @ 23 c i @ 250 vdc @ 55 c t emperature range: operating t emperature range: storage
21 gray oaks a venue * yonkers. new york 10710 914-965-4400 * fax 914-965-5531 * 1-800-678-0828 electronic devices, inc. designers and manufacturers of solid sta te devices since 1951. e e - m a i l : s a l e s @ e d i d i o d e s . c o m w website: http://www.edidiodes.com * nvd nvdx arra ys f i g u r e 1 n v d x figure 3 nvd arra ys figure 4 figure 2nvd r e v e r s e r e c o v e r y t e s t m e t h o d . 2 0 5 m a x . .50 min. both ends flash .060 max. both ends lead diameter .010 to .014 silver white dotindicates cathode epoxy encapsulant 0.105dia.max. . 1 3 m a x . .50 min. both ends flash .060 max. both ends lead diameter .010 to .014 silver white dotindicates cathode epoxy encapsulant .060(+.005,-.010) _ + .060 .015 r e c o v e r y w a v e f o r m recovery test circuit i f = 2 m a r r d.u.t. scope 50n i n i i r = 5 m a t i r r = 1 m a w a v e f o r m s pulse generator c i r c u i t 1 0 0 0 0 . 1 p a r t n o . no. of diodes dim l nvd - 2 nvd - 1nvd - 4 nvd - 6 nvd - 8 nvd - 12 1 2 4 6 8 12 see fig.2 .200 max .100 max.275 max .360max .515 max .100max. .03 both ends lead diameter .010 to .014 silver white dot cathode .040 typ. . 5 0 m i n . b o t h e n d s a _ + . 0 6 0 ( . 0 1 5 ) dim. l. see table + - d i m a - e p o x y f l a s h . 0 6 0 m a x b o t h s i d e s e d i r e s e r v e s t h e r i g h t t o c h a n g e t h e s e s p e c i f i c a t i o n s a t a n y t i m e w i t h o u t n o t i c e .


▲Up To Search▲   

 
Price & Availability of ARRAYS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X