Part Number Hot Search : 
29LV160 DHM185AA ES110 B5NC90Z RT9229 MMSZ523 A26K1V1 4431C
Product Description
Full Text Search
 

To Download 74VHC74M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/11 june 2001 n high speed: f max = 170 mhz (typ.) at v cc = 5v n low power dissipation: i cc = 2 m a (max.) at t a =25c n high noise immunity: v nih = v nil = 28% v cc (min.) n power down protection on inputs n symmetrical output impedance: |i oh | = i ol = 8 ma (min) n balanced propagation delays: t plh @ t phl n operating voltage range: v cc (opr) = 2v to 5.5v n pin and function compatible with 74 series 74 n improved latch-up immunity description the 74vhc74 is an advanced high-speed cmos dual d-type flip flop with preset and clear fabricated with sub-micron silicon gate and double-layer metal wiring c 2 mos technology. a signal on the d input is transferred to the q outputs during the positive going transition of the clock pulse. clr and pr are independent of the clock and accomplished by a low setting on the appropriate input. power down protection is provided on all inputs and 0 to 7v can be accepted on inputs with no regard to the supply voltage. this device can be used to interface 5v to 3v. all inputs and outputs are equipped with protection circuits against static discharge, giving them 2kv esd immunity and transient excess voltage. 74vhc74 dual d-type flip flop with preset and clear pin connection and iec logic symbols order codes package tube t & r sop 74VHC74M 74VHC74Mtr tssop 74vhc74ttr tssop sop
74vhc74 2/11 input equivalent circuit pin description truth table x : dont care logic diagram this logic diagram has not be used to estimate propagation delays pin no symbol name and function 1, 13 1clr , 2clr asynchronous reset - direct input 2, 12 1d, 2d data inputs 3, 11 1ck, 2ck clock input (low to high, edge triggered) 4, 10 1pr , 2pr asynchronous set - direct input 5, 9 1q, 2q true flip-flop outputs 6, 8 1q , 2q complement flip-flop outputs 7 gnd ground (0v) 14 v cc positive supply voltage inputs outputs function clr pr dckq q l h x x l h clear h l x x h l preset llxxhh hhl lh hhh hl hhx q n q n no change
74vhc74 3/11 absolute maximum ratings absolute maximum ratings are those values beyond which damage to the device may occur. functional operation under these conditi ons is not implied recommended operating conditions 1) v in from 30% to 70% of v cc symbol parameter value unit v cc supply voltage -0.5 to +7.0 v v i dc input voltage -0.5 to +7.0 v v o dc output voltage -0.5 to v cc + 0.5 v i ik dc input diode current - 20 ma i ok dc output diode current 20 ma i o dc output current 25 ma i cc or i gnd dc v cc or ground current 50 ma t stg storage temperature -65 to +150 c t l lead temperature (10 sec) 300 c symbol parameter value unit v cc supply voltage 2 to 5.5 v v i input voltage 0 to 5.5 v v o output voltage 0 to v cc v t op operating temperature -55 to 125 c dt/dv input rise and fall time (note 1) (v cc = 3.3 0.3v) (v cc = 5.0 0.5v) 0 to 100 0 to 20 ns/v
74vhc74 4/11 dc specifications symbol parameter test condition value unit v cc (v) t a = 25c -40 to 85c -55 to 125c min. typ. max. min. max. min. max. v ih high level input voltage 2.0 1.5 1.5 1.5 v 3.0 to 5.5 0.7v cc 0.7v cc 0.7v cc v il low level input voltage 2.0 0.5 0.5 0.5 v 3.0 to 5.5 0.3v cc 0.3v cc 0.3v cc v oh high level output voltage 2.0 i o =-50 m a 1.9 2.0 1.9 1.9 v 3.0 i o =-50 m a 2.9 3.0 2.9 2.9 4.5 i o =-50 m a 4.4 4.5 4.4 4.4 3.0 i o =-4 ma 2.58 2.48 2.4 4.5 i o =-8 ma 3.94 3.8 3.7 v ol low level output voltage 2.0 i o =50 m a 0.0 0.1 0.1 0.1 v 3.0 i o =50 m a 0.0 0.1 0.1 0.1 4.5 i o =50 m a 0.0 0.1 0.1 0.1 3.0 i o =4 ma 0.36 0.44 0.55 4.5 i o =8 ma 0.36 0.44 0.55 i i input leakage current 0 to 5.5 v i = 5.5v or gnd 0.1 1 1 m a i cc quiescent supply current 5.5 v i = v cc or gnd 22020 m a
74vhc74 5/11 ac electrical characteristics (input t r = t f = 3ns) (*) voltage range is 3.3v 0.3v (**) voltage range is 5.0v 0.5v capacitive characteristics 1) c pd is defined as the value of the ics internal equivalent capacitance which is calculated from the operating current consumption without load. (refer to test circuit). average operating current can be obtained by the following equation. i cc(opr) = c pd x v cc x f in + i cc /2 (per flip-flop) symbol parameter test condition value unit v cc (v) c l (pf) t a = 25c -40 to 85c -55 to 125c min. typ. max. min. max. min. max. t plh t phl propagation delay time ck to q or q 3.3 (*) 15 6.7 11.9 1.0 14.0 1.0 14.0 ns 3.3 (*) 50 9.2 15.4 1.0 17.5 1.0 17.5 5.0 (**) 15 4.6 7.3 1.0 8.5 1.0 8.5 5.0 (**) 50 6.1 9.3 1.0 10.5 1.0 10.5 t plh t phl propagation delay time pr or clr to q or q 3.3 (*) 15 7.6 12.3 1.0 14.5 1.0 14.5 ns 3.3 (*) 50 10.1 15.8 1.0 18.0 1.0 18.0 5.0 (**) 15 4.8 7.7 1.0 9.0 1.0 9.0 5.0 (**) 50 6.3 9.7 1.0 11.0 1.0 11.0 t w ck pulse width high or low 3.3 (*) 6.0 7.0 7.0 ns 5.0 (**) 5.0 5.0 5.0 t w pr or clr pulse width low 3.3 (*) 6.0 7.0 7.0 ns 5.0 (**) 5.0 5.0 5.0 t s setup time d to ck high or low 3.3 (*) 6.0 7.0 7.0 ns 5.0 (**) 5.0 5.0 5.0 t h hold time d to ck high or low 3.3 (*) 0.5 0.5 0.5 ns 5.0 (**) 0.5 0.5 0.5 t rem removal time pr or clr to ck 3.3 (*) 5.0 5.0 5.0 ns 5.0 (**) 3.0 3.0 3.0 f max maximum clock frequency 3.3 (*) 15 80 125 70 70 mhz 3.3 (*) 50 50 75 45 45 5.0 (**) 15 130 170 110 110 5.0 (**) 50 90 115 75 75 symbol parameter test condition value unit v cc (v) t a = 25c -40 to 85c -55 to 125c min. typ. max. min. max. min. max. c in input capacitance 5.0 7101010pf c pd power dissipation capacitance (note 1) 5.0 f in = 10mhz 25 pf
74vhc74 6/11 test circuit c l =15/50pf or equivalent (includes jig and probe capacitance) r t = z out of pulse generator (typically 50 w ) waveform 1: propagation delays, setup and hold times (f=1mhz; 50% duty cycle)
74vhc74 7/11 waveform 2: propagation delays (f=1mhz; 50% duty cycle) waveform 3: recovery times (f=1mhz; 50% duty cycle)
74vhc74 8/11 waveform 4: pulse width
74vhc74 9/11 dim. mm. inch min. typ max. min. typ. max. a 1.75 0.068 a1 0.1 0.2 0.003 0.007 a2 1.65 0.064 b 0.35 0.46 0.013 0.018 b1 0.19 0.25 0.007 0.010 c 0.5 0.019 c1 45 (typ.) d 8.55 8.75 0.336 0.344 e 5.8 6.2 0.228 0.244 e 1.27 0.050 e3 7.62 0.300 f 3.8 4.0 0.149 0.157 g 4.6 5.3 0.181 0.208 l 0.5 1.27 0.019 0.050 m 0.68 0.026 s8 (max.) so-14 mechanical data po13g
74vhc74 10/11 dim. mm. inch min. typ max. min. typ. max. a 1.2 0.047 a1 0.05 0.15 0.002 0.004 0.006 a2 0.8 1 1.05 0.031 0.039 0.041 b 0.19 0.30 0.007 0.012 c 0.09 0.20 0.004 0.0089 d 4.9 5 5.1 0.193 0.197 0.201 e 6.2 6.4 6.6 0.244 0.252 0.260 e1 4.3 4.4 4.48 0.169 0.173 0.176 e 0.65 bsc 0.0256 bsc k0 80 8 l 0.45 0.60 0.75 0.018 0.024 0.030 tssop14 mechanical data c e b a2 a e1 d 1 pin 1 identification a1 l k e 0080337d
74vhc74 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result f rom its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specificati ons mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectronics. ? the st logo is a registered trademark of stmicroelectronics ? 2001 stmicroelectronics - printed in italy - all rights reserved stmicroelectronics group of companies australia - brazil - china - finland - france - germany - hong kong - india - italy - japan - malaysia - malta - morocco singapore - spain - sweden - switzerland - united kingdom ? http://www.st.com 11/11


▲Up To Search▲   

 
Price & Availability of 74VHC74M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X