Part Number Hot Search : 
CHGAAM SMDJ17CA MIB31TA 1A336 PM517D 5590KFKE 73171 SMLJ11A
Product Description
Full Text Search
 

To Download 74LVX374M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/10 july 2001 n high speed: f max = 160mhz (typ.) at v cc = 3.3v n 5v tolerant inputs n power-down protection on inputs n input voltage level: v il = 0.8v, v ih = 2v at v cc =3v n low power dissipation: i cc = 4 m a (max.) at t a =25c n low noise: v olp = 0.3v (typ.) at v cc =3.3v n symmetrical output impedance: |i oh | = i ol = 4 ma (min) at v cc =3v n balanced propagation delays: t plh @ t phl n operating voltage range: v cc (opr) = 2v to 3.6v (1.2v data retention) n pin and function compatible with 74 series 374 n improved latch-up immunity description the 74lvx374 is a low voltage cmos octal d-type flip-flop with 3 state output non inverting fabricated with sub-micron silicon gate and double-layer metal wiring c 2 mos technology. it is ideal for low power, battery operated and low noise 3.3v applications. this 8 bit d-type flip-flop is controlled by a clock input (ck) and an output enable input (oe ). on the positive transition of the clock, the q outputs will be set to the logic state that were setup at the d inputs. while the (oe ) input is low, the 8 outputs will be in a normal logic state (high or low logic level) and while high level the outputs will be in a high impedance state. the output control does not affect the internal operation of flip flops; that is, the old data can be retained or the new data can be entered even while the outputs are off. power down protection is provided on all inputs and 0 to 7v can be accepted on inputs with no regard to the supply voltage. this device can be used to interface 5v to 3v. it combines high speed performance with the true cmos low power consumption. all inputs and outputs are equipped with protection circuits against static discharge, giving them 2kv esd immunity and transient excess voltage. 74lvx374 low voltage cmos octal d-type flip-flop (3-state non inv.) with 5v tolerant inputs pin connection and iec logic symbols order codes package tube t & r sop 74LVX374M 74LVX374Mtr tssop 74lvx374ttr tssop sop
74lvx374 2/10 input equivalent circuit pin description truth table x : dont care z : high impedance logic diagram this logic diagram has not be used to estimate propagation delays pin no symbol name and function 1oe 3 state output enable input (active low) 2, 5, 6, 9, 12, 15, 16,19 q0 to q7 3-state outputs 3, 4, 7, 8, 13, 14, 17, 18 d0 to d7 data inputs 11 ck clock 10 gnd ground (0v) 20 v cc positive supply voltage inputs output oe ck d q hxxz l x no change lll lhh
74lvx374 3/10 absolute maximum ratings absolute maximum ratings are those values beyond which damage to the device may occur. functional operation under these conditi ons is not implied recommended operating conditions 1) truth table guaranteed: 1.2v to 3.6v 2) v in from 0.8v to 2.0v dc specifications symbol parameter value unit v cc supply voltage -0.5 to +7.0 v v i dc input voltage -0.5 to +7.0 v v o dc output voltage -0.5 to v cc + 0.5 v i ik dc input diode current - 20 ma i ok dc output diode current 20 ma i o dc output current 25 ma i cc or i gnd dc v cc or ground current 50 ma t stg storage temperature -65 to +150 c t l lead temperature (10 sec) 300 c symbol parameter value unit v cc supply voltage (note 1) 2 to 3.6 v v i input voltage 0 to 5.5 v v o output voltage 0 to v cc v t op operating temperature -55 to 125 c dt/dv input rise and fall time (note 2) (v cc = 3v) 0 to 100 ns/v symbol parameter test condition value unit v cc (v) t a = 25c -40 to 85c -55 to 125c min. typ. max. min. max. min. max. v ih high level input voltage 2.0 1.5 1.5 1.5 v 3.0 2.0 2.0 2.0 3.6 2.4 2.4 2.4 v il low level input voltage 2.0 0.5 0.5 0.5 v 3.0 0.8 0.8 0.8 3.6 0.8 0.8 0.8 v oh high level output voltage 2.0 i o =-50 m a 1.9 2.0 1.9 1.9 v 3.0 i o =-50 m a 2.9 3.0 2.9 2.9 3.0 i o =-4 ma 2.58 2.48 2.4 v ol low level output voltage 2.0 i o =50 m a 0.0 0.1 0.1 0.1 v 3.0 i o =50 m a 0.0 0.1 0.1 0.1 3.0 i o =4 ma 0.36 0.44 0.55 i oz high impedance output leakage current 3.6 v i = v ih or v il v o = v cc or gnd 0.25 2.5 5 m a i i input leakage current 3.6 v i = 5v or gnd 0.1 1 1 m a i cc quiescent supply current 3.6 v i = v cc or gnd 44040 m a
74lvx374 4/10 dynamic switching characteristics 1) worst case package. 2) max number of outputs defined as (n). data inputs are driven 0v to 3.3v, (n-1) outputs switching and one output at gnd. 3) max number of data inputs (n) switching. (n-1) switching 0v to 3.3v. inputs under test switching: 3.3v to threshold (v ild ), 0v to threshold (v ihd ), f=1mhz. ac electrical characteristics (input t r = t f = 3ns) 1) skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switch- ing in the same direction, either high or low 2) parameter guaranteed by design (*) voltage range is 3.3v 0.3v symbol parameter test condition value unit v cc (v) t a = 25c -40 to 85c -55 to 125c min. typ. max. min. max. min. max. v olp dynamic low voltage quiet output (note 1, 2) 3.3 c l = 50 pf 0.3 0.8 v v olv -0.8 -0.3 v ihd dynamic high voltage input (note 1, 3) 3.3 2.0 v ild dynamic low voltage input (note 1, 3) 3.3 0.8 symbol parameter test condition value unit v cc (v) c l (pf) t a = 25c -40 to 85c -55 to 125c min. typ. max. min. max. min. max. t plh t phl propagation delay time ck to q 2.7 15 8.5 16.3 1.0 19.5 1.0 20.5 ns 2.7 50 11.0 19.8 1.0 23.0 1.0 24.0 3.3 (*) 15 6.7 10.6 1.0 12.5 1.0 13.5 3.3 (*) 50 9.2 14.1 1.0 16.0 1.0 17.0 t pzl t pzh output enable time 2.7 15 7.6 14.5 1.0 17.5 1.0 18.5 ns 2.7 50 10.1 18.0 1.0 21.0 1.0 22.0 3.3 (*) 15 5.9 9.3 1.0 11.0 1.0 12.0 3.3 (*) 50 8.4 12.8 1.0 14.5 1.0 15.5 t plz t phz output disable time 2.7 50 11.5 18.5 1.0 22.0 1.0 23.0 ns 3.3 (*) 50 9.6 13.2 1.0 15.0 1.0 16.0 t w ck pulse width, high 2.7 50 7.5 8.0 8.0 ns 3.3 (*) 50 5.0 5.5 5.5 t s setup time d to ck high or low 2.7 50 6.5 6.5 6.5 ns 3.3 (*) 50 4.5 4.5 4.5 t h hold time d to ck high or low 2.7 50 2.0 2.0 2.0 ns 3.3 (*) 50 2.0 2.0 2.0 f max maximum clock frequency 2.7 15 60 115 50 45 mhz 2.7 50 45 60 40 35 3.3 (*) 15 100 160 85 75 3.3 (*) 50 60 95 55 50 t oslh t oshl output to output skew time (note 1,2) 2.7 50 0.5 1.0 1.5 1.5 ns 3.3 (*) 50 0.5 1.0 1.5 1.5
74lvx374 5/10 capacitive characteristics 1) c pd is defined as the value of the ics internal equivalent capacitance which is calculated from the operating current consumption without load. (refer to test circuit). average operating current can be obtained by the following equation. i cc(opr) = c pd x v cc x f in + i cc /8 (per circuit) test circuit c l =15/50pf or equivalent (includes jig and probe capacitance) r l = r1 = 1k w or equivalent r t = z out of pulse generator (typically 50 w ) symbol parameter test condition value unit v cc (v) t a = 25c -40 to 85c -55 to 125c min. typ. max. min. max. min. max. c in input capacitance 3.3 4101010pf c out output capacitance 3.3 6 pf c pd power dissipation capacitance (note 1) 3.3 f in = 10mhz 32 pf test switch t plh , t phl open t pzl , t plz v cc t pzh , t phz gnd
74lvx374 6/10 waveform 1 : propagation delays setup and hold times (f=1mhz; 50% duty cycle) waveform 2 : output enable and disable times (f=1mhz; 50% duty cycle)
74lvx374 7/10 waveform 3 : minimum pulse width (f=1mhz; 50% duty cycle)
74lvx374 8/10 dim. mm. inch min. typ max. min. typ. max. a 2.65 0.104 a1 0.1 0.2 0.004 0.008 a2 2.45 0.096 b 0.35 0.49 0.014 0.019 b1 0.23 0.32 0.009 0.012 c 0.5 0.020 c1 45 (typ.) d 12.60 13.00 0.496 0.512 e 10.00 10.65 0.393 0.419 e 1.27 0.050 e3 11.43 0.450 f 7.40 7.60 0.291 0.300 l 0.50 1.27 0.020 0.050 m 0.75 0.029 s8 (max.) so-20 mechanical data po13l
74lvx374 9/10 dim. mm. inch min. typ max. min. typ. max. a 1.2 0.047 a1 0.05 0.15 0.002 0.004 0.006 a2 0.8 1 1.05 0.031 0.039 0.041 b 0.19 0.30 0.007 0.012 c 0.09 0.20 0.004 0.0089 d 6.4 6.5 6.6 0.252 0.256 0.260 e 6.2 6.4 6.6 0.244 0.252 0.260 e1 4.3 4.4 4.48 0.169 0.173 0.176 e 0.65 bsc 0.0256 bsc k0 80 8 l 0.45 0.60 0.75 0.018 0.024 0.030 tssop20 mechanical data c e b a2 a e1 d 1 pin 1 identification a1 l k e 0087225c
74lvx374 10/10 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result f rom its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specificati ons mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectronics. ? the st logo is a registered trademark of stmicroelectronics ? 2001 stmicroelectronics - printed in italy - all rights reserved stmicroelectronics group of companies australia - brazil - china - finland - france - germany - hong kong - india - italy - japan - malaysia - malta - morocco singapore - spain - sweden - switzerland - united kingdom ? http://www.st.com


▲Up To Search▲   

 
Price & Availability of 74LVX374M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X