Part Number Hot Search : 
MAX295 NNCD12C 20N60S5 HI1276Y OSG5DA SK252 UGS1J MC339
Product Description
Full Text Search
 

To Download 74AC125MTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/9 july 2001 n high speed: t pd = 4ns (typ.) at v cc =5v n low power dissipation: i cc =4 m a(max.) at t a =25 c n high noise immunity: v nih =v nil =28%v cc (min.) n 50 w transmission line driving capability n symmetrical output impedance: |i oh |=i ol = 24ma (min) n balanced propagation delays: t plh @ t phl n operating voltage range: v cc (opr) = 2v to 6v n pin and function compatible with 74 series 125 n improved latch-up immunity description the 74ac125 is an advanced high-speed cmos quad bus buffer fabricated with sub-micron silicon gate and double-layer metal wiring c 2 mos technology. the device requires the 3-state control input g to be set high to place the output go in to the high impedance state. all inputs and outputs are equipped with protection circuits against static discharge, giving them 2kv esd immunity and transient excess voltage. 74ac125 quad bus buffers (3-state) pin connection and iec logic symbols order codes package tube t & r dip 74ac125b sop 74ac125m 74AC125MTR tssop 74ac125ttr tssop dip sop
74ac125 2/9 input and output equivalent circuit pin description truth table x : don't care z : high impedance absolute maximum ratings absolute maximum ratings are those values beyond which damage to the device may occur. functional operation under these conditions is not implied. recommended operating conditions 1) v in from 30% to 70% of v cc pin no symbol name and function 1, 4, 10, 13 1g to 4g output enable inputs 2, 5, 9, 12 1a to 4a data inputs 3, 6, 8, 11 1y to 4y data outputs 7 gnd ground (0v) 14 v cc positive supply voltage agy xhz lll hlh symbol parameter value unit v cc supply voltage -0.5 to +7 v v i dc input voltage -0.5 to v cc + 0.5 v v o dc output voltage -0.5 to v cc + 0.5 v i ik dc input diode current 20 ma i ok dc output diode current 20 ma i o dc output current 50 ma i cc or i gnd dc v cc or ground current 200 ma t stg storage temperature -65 to +150 c t l lead temperature (10 sec) 300 c symbol parameter value unit v cc supply voltage 2to6 v v i input voltage 0 to v cc v v o output voltage 0 to v cc v t op operating temperature -55 to 125 c dt/dv input rise and fall time v cc = 3.0, 4.5 or 5.5v (note 1) 8 ns/v
74ac125 3/9 dc specifications 1) maximum test duration 2ms, one output loaded at time 2) incident wave switching is guaranteed on transmission lines with impedances as low as 50 w ac electrical characteristics (*) voltage range is 3.3v 0.3v (**) voltage range is 5.0v 0.5v symbol parameter test condition value unit v cc (v) t a =25 c -40 to 85 c -55 to 125 c min. typ. max. min. max. min. max. v ih high level input voltage 3.0 v o = 0.1 v or v cc -0.1v 2.1 1.5 2.1 2.1 v 4.5 3.15 2.25 3.15 3.15 5.5 3.85 2.75 3.85 3.85 v il low level input voltage 3.0 v o = 0.1 v or v cc -0.1v 1.5 0.9 0.9 0.9 v 4.5 2.25 1.35 1.35 1.35 5.5 2.75 1.65 1.65 1.65 v oh high level output voltage 3.0 i o =-50 m a 2.9 2.99 2.9 2.9 v 4.5 i o =-50 m a 4.4 4.49 4.4 4.4 5.5 i o =-50 m a 5.4 5.49 5.4 5.4 3.0 i o =-12 ma 2.56 2.46 2.4 4.5 i o =-24 ma 3.86 3.76 3.7 5.5 i o =-24 ma 4.86 4.76 4.7 v ol low level output voltage 3.0 i o =50 m a 0.002 0.1 0.1 0.1 v 4.5 i o =50 m a 0.001 0.1 0.1 0.1 5.5 i o =50 m a 0.001 0.1 0.1 0.1 3.0 i o =12 ma 0.36 0.44 0.5 4.5 i o =24 ma 0.36 0.44 0.5 5.5 i o =24 ma 0.36 0.44 0.5 i i input leakage current 5.5 v i =v cc or gnd 0.1 1 1 m a i oz high impedance output leakage current 5.5 v i =v ih or v il v o =v cc or gnd 0.5 5 10 m a i cc quiescent supply current 5.5 v i =v cc or gnd 44080 m a i old dynamic output current (note 1, 2) 5.5 v old = 1.65 v max 75 50 ma i ohd v ohd = 3.85 v min -75 -50 ma symbol parameter test condition value unit v cc (v) t a =25 c -40 to 85 c -55 to 125 c min. typ. max. min. max. min. max. t plh t phl propagation delay time 3.3 (*) 1.0 5.5 8.5 1.0 9.5 1.0 10.5 ns 5.0 (**) 1.0 4.0 7.0 1.0 8.5 1.0 8.5 t pzl t pzh output enable time 3.3 (*) 1.0 6.0 10.0 1.0 11.0 1.0 11.0 ns 5.0 (**) 1.0 4.0 7.0 1.0 8.0 1.0 8.0 t plz t phz output disable time 3.3 (*) 1.0 7.5 10.0 1.0 11.0 1.0 11.0 ns 5.0 (**) 1.0 6.0 9.0 1.0 9.5 1.0 9.5
74ac125 4/9 capacitive characteristics 1) c pd is defined as the value of the ic's internal equivalent capacitance which is calculated from the operating current consumption without load. (refer to test circuit). average operating current can be obtained by the following equation. i cc(opr) =c pd xv cc xf in +i cc /4 (per buffer) test circuit c l = 50pf or equivalent (includes jig and probe capacitance) r l =r 1 = 500 w or equivalent r t =z out of pulse generator (typically 50 w ) symbol parameter test condition value unit v cc (v) t a =25 c -40 to 85 c -55 to 125 c min. typ. max. min. max. min. max. c in input capacitance 5.0 4 pf c out output capacitance 5.0 8 pf c pd power dissipation capacitance (note 1) 5.0 f in = 10mhz 24 pf test switch t plh ,t phl open t pzl ,t plz 2v cc t pzh ,t phz open
74ac125 5/9 waveform 1: propagation delays (f=1mhz; 50% duty cycle) waveform 2: output enable and disable time (f=1mhz; 50% duty cycle)
74ac125 6/9 dim. mm. inch min. typ max. min. typ. max. a1 0.51 0.020 b 1.39 1.65 0.055 0.065 b 0.5 0.020 b1 0.25 0.010 d 20 0.787 e 8.5 0.335 e 2.54 0.100 e3 15.24 0.600 f 7.1 0.280 i 5.1 0.201 l 3.3 0.130 z 1.27 2.54 0.050 0.100 plastic dip-14 mechanical data p001a
74ac125 7/9 dim. mm. inch min. typ max. min. typ. max. a 1.75 0.068 a1 0.1 0.2 0.003 0.007 a2 1.65 0.064 b 0.35 0.46 0.013 0.018 b1 0.19 0.25 0.007 0.010 c 0.5 0.019 c1 45 (typ.) d 8.55 8.75 0.336 0.344 e 5.8 6.2 0.228 0.244 e 1.27 0.050 e3 7.62 0.300 f 3.8 4.0 0.149 0.157 g 4.6 5.3 0.181 0.208 l 0.5 1.27 0.019 0.050 m 0.68 0.026 s8 (max.) so-14 mechanical data po13g
74ac125 8/9 dim. mm. inch min. typ max. min. typ. max. a 1.2 0.047 a1 0.05 0.15 0.002 0.004 0.006 a2 0.8 1 1.05 0.031 0.039 0.041 b 0.19 0.30 0.007 0.012 c 0.09 0.20 0.004 0.0089 d 4.9 5 5.1 0.193 0.197 0.201 e 6.2 6.4 6.6 0.244 0.252 0.260 e1 4.3 4.4 4.48 0.169 0.173 0.176 e 0.65 bsc 0.0256 bsc k0 8 0 8 l 0.45 0.60 0.75 0.018 0.024 0.030 tssop14 mechanical data c e b a2 a e1 d 1 pin 1 identification a1 l k e 0080337d
74ac125 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringe ment of patents or other righ ts of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specifications mentioned in this pub lication are subject to change without notice. thi s pub lication supersedes and replaces all information previously supplied. stmicroelectronics prod ucts are not authori zed for use as critical components in life suppo rt devices or systems without express written approval of stmicroelectronics. ? the st logo is a registered trademark of stmicroelectronics ? 2001 stmicroelectronics - printed in italy - all rights reserved stmicroelectronics group of companies australia - brazil - china - finland - france - germany - hong kong - india - italy - japan - malaysia - malta - morocco singapore - spain - sweden - swit zerland - united kingdom ? http://w ww.st.com 9/9


▲Up To Search▲   

 
Price & Availability of 74AC125MTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X