Part Number Hot Search : 
T82A6 T74LV B1185 BD9G101G IVRC059X XTV12750 2SC3930 TGT20
Product Description
Full Text Search
 

To Download 6N136S-TA1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lite-on technology corp. property of lite-on only 6n135/6n136 ? hi g h s p eed 1mbd o p tocou p lers aug 2008 features * high speed ? 1mbd * ctr guarantee - 0 ~ 7 0 * instantaneous common mode rejection ? 1kv/ s * ul, csa, iec/en/din en60747-5-2 ? pending * dual-in-line package - 6n135 / 6n136 * wide lead spacing package - 6n135m / 6n136m * surface mounting package - 6n135s / 6n136s * tape and reel packaging - 6n135s-ta / 6n136s-ta, 6n135s-ta1 / 6N136S-TA1 applications * high voltage isolation * line receivers * feedback element in switching mode power supplier * high speed logic ground isola tion ? ttl/ttl, ttl/cmos, ttl/lsttl description these diode-transistor photocouplers consist of an algaas led optically coupled to high speed photodetector transistor. separate connections for the bias of the phot odiode bias and output transistor collector increase the speed up to several times that of a conventional phototransistor photocouplers by reducing the capacitance of base-collector. part no. : 6n135 / 6n136 series (preliminary date sheet) page : 1 of 10 bns-od-c131/a4 http://www.tenand.com ??e?????e?t1??? shenzhen tenand technology co.,ltd
lite-on technology corp. property of lite-on only outline dimensions 6n135 / 6n136 6n135m / 6n136m *1. year date code. *2. 2-digit work week. *3. factory identification mark shall be marked (z : taiwan, y : thailand). part no. : 6n135 / 6n136 series (preliminary date sheet) page : 2 of 10 bns-od-c131/a4
lite-on technology corp. property of lite-on only outline dimensions 6n135s / 6n136s *1. year date code. *2. 2-digit work week. *3. factory identification mark shall be marked (z : taiwan, y : thailand). part no. : 6n135 / 6n136 series (preliminary date sheet) page : 3 of 10 bns-od-c131/a4
lite-on technology corp. property of lite-on only taping dimensions 6n135s-ta / 6n136s-ta 6n135s-ta1 / 6N136S-TA1 description symbol dimensions in mm ( inches ) tape wide w 16 0.3 ( .63 ) pitch of sprocket holes p 0 4 0.1 ( .15 ) distance of compartment f p 2 7.5 0.1 ( .295 ) 2 0.1 ( .079 ) distance of compartmen t to compartment p 1 12 0.1 ( .472 ) part no. : 6n135 / 6n136 series (preliminary date sheet) page : 4 of 10 bns-od-c131/a4
lite-on technology corp. property of lite-on only absolute maximum rating ( ta = 25 c ) parameter symbol rating unit forward current i f 25 ma reverse voltage v r 5 v input power dissipation p 35 mw supply voltage v cc -0.5 ~ +30 v output voltage v o -0.5 ~ +20 v emitter-base reverse voltage v ebr 0.5 v average output current i o 8 ma output power dissipation p o 100 mw 1 isolation voltage v iso 5000 vrms operating temperature t opr -40 ~ +100 c storage temperature t stg -55 ~ +125 c 2 soldering temperature t sol 260 c notes: 1. ac for 1 minute, r.h. = 40 ~ 60% isolation voltage shall be measured using the following method. (1) short between anode and cathode on the primary side and between collector and emitter on the secondary side. (2) the isolation voltage tester with zero-cross circuit shall be used. (3) the waveform of applied voltage shall be a sine wave. 2. for 10 seconds part no. : 6n135 / 6n136 series (preliminary date sheet) page : 5 of 10 bns-od-c131/a4
lite-on technology corp. property of lite-on only electrical - optical characteristics ( t a = 25 c, unless otherwise specified ) parameter symbol min. typ. max. unit conditions input forward voltage v f ? 1.45 1.7 v ta=25 , if=1.6ma input forward voltage temperature coefficient v f /ta ? -1. 6 ? mv/ if=16ma input reverse voltage bv r 5.0 ? ? v ta=25 , ir=10a 6n135 7 ? 50 3 current transfer ratio 6n136 ctr 19 ? 50 % i f =16ma, vo=0.4v, v cc =4.5v ? 0.4 i f =16ma, i o =1.1ma , v cc =4.5v 6n135 ? 0.5 i f =16ma, i o =0.8ma , v cc =4.5v logic low (0) output voltage 6n136 v ol ? ? 0.4 v i f =16ma, i o =3ma , v cc =4.5v ? 0.5 i f =0, v cc =vo=5.5v, t a = 25 c ? 1 i f =0, v cc =vo=15v t a = 25 c logic high (1) output current i oh ? 50 a i f =0, v cc =vo=15v 4 logic low (0) supply current i ccl ? ? 200 ua if=16ma, v cc =15v vo=open ? ? 1 i f =0, v cc =15v, vo= open, t a = 25 c 4 logic high (1) supply current i cch ? ? 2 a i f =0, v cc =15v, vo= open ** all typical at t a = 2 5 part no. : 6n135 / 6n136 series (preliminary date sheet) page : 6 of 10 bns-od-c131/a4
lite-on technology corp. property of lite-on only switching specifications (ac) ( t a = 0~70 c, v cc = 5v, unless otherwise specified ) max. parameter sym. min. typ. t a =2 5 unit conditions ? ? 1.5 6n135 ? ? 2 if = 16ma, r l = 4.1k (7) ? ? 0.8 4 propagation delay time to logic low output (1) (0) 6n136 t phl ? ? 1.0 s if = 16ma, r l = 1.9k (8) ? ? 1.5 6n135 ? ? 2 if = 16ma, r l = 4.1k (7) ? ? 0.8 4 propagation delay time to logic high output (0) (1) 6n136 t plh ? ? 1 us if = 16ma, r l = 1.9k (8) 5 instantaneous common mode rejection at high logic output (1) cm h ? 1000 ? v / s i f =0, v cm =10v p-p , rl=4.1k rl=1.9k 5 instantaneous common mode rejection at low logic output (0) cm l ? 1000 ? v / s i f =16ma v cm =10 p-p , rl=4.1k rl=1.9k ** all typical at t a = 2 5 part no. : 6n135 / 6n136 series (preliminary date sheet) page : 7 of 10 bns-od-c131/a4
lite-on technology corp. property of lite-on only switching test circuits (ac) switching time test circuit common mode immunity test circuit part no. : 6n135 / 6n136 series (preliminary date sheet) page : 8 of 10 bns-od-c131/a4
lite-on technology corp. property of lite-on only isolation characteristics parameter symbol min. typ. max. unit conditions 6 isolation resistance ( input-output ) r i-o ? 10 12 ? ta=25 , rh<45%, v i-o =500v dc 6 capacitance ( input-output ) c i-o ? 0.6 ? pf f=1mhz ** all typical at t a = 2 5 notes, 1. ac for 1 minute, r.h. = 40 ~ 60% isolation voltage shall be measured using the following method. (1) short between anode and cathode on the primary side and between collector and emitter on the secondary side. (2) the isolation voltage tester with zero-cross circuit shall be used. (3) the waveform of applied voltage shall be a sine wave. 2. for 10 seconds 3. current transfer ratio (ctr) is define d as the ration of output collector current, io, to the forward led input current, if, times 100%. 4. add a 0.1uf bypass capacitor connected between pin5 and pin8 is recommended. 5. common transient immunity in logic high level is the maximum tolerance (positive) dv cm /dt on the leading edge of the common mode pulse signal, v cm , to assure that the output will remain in a logic high state (i.e., vo>2.0v). common mode transient immunity in a logic low level is the maximum tolerance (negative) dv cm /dt on the teailing edge of the common mode pulse signal, vcm, to assure that the output will remain in a logic low state (i.e., vo<0.8v). 6. device considered a two terminal device. pins 1, 2, 3 and 4 shorted t ogether and pins 5, 6, 7 and 8 shorted together. 7. the 4.1 k load represents 1 lsttl unit load of 0.36maand 6.1 k pull up resistor. 8. the 1.9 k load represents 1 ttl un it load of 1.6maand 5.6 k pull up resistor. part no. : 6n135 / 6n136 series (preliminary date sheet) page : 9 of 10 bns-od-c131/a4
lite-on technology corp. property of lite-on only notes: - lite-on is continually improving the quality, reliability, function or design and lite-on reserves the right to make changes without further notices. - the products shown in this publication are designed for the general use in electronic applications such as office automation equipment, communications devices, audio / visual equipment, electrical application and instrumentation. - for equipment/devices where high reliability or safety is required, such as space applications, nuclear power control equipment, medical equipment, etc, please contact our sales representatives. - when requiring a device for any ?specific? application, please contact our sales in advice. - if there are any questions about the contents of this publication, please contact us at your convenience. - the contents described herein are subject to change without prior notice. - do not immerse unit?s body in solder paste. part no. : 6n135 / 6n136 series (preliminary date sheet) page : 10 of 10 bns-od-c131/a4


▲Up To Search▲   

 
Price & Availability of 6N136S-TA1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X