Part Number Hot Search : 
2H143 ST6392 DS1410E MAX50 GS88018 100N1 CD4071BE AH304
Product Description
Full Text Search
 

To Download 551-1211F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  drawing number rev 1501 route 34 south farmingdale, nj 07727 title material fscm finish: all dim's in: inches (mm) 83330 this drawing and the contents herein are confidential and the sole property of dialight. reproduction of this drawing or construction of any parts within this drawing are forbidden without the written consent of dialight. .156 [ 3,96 ] .260 [ 6,6 ] .100 [ 2,54 ] .020 [ 0,51 ] .200 [ 5,08 ] .283 [ 7,19 ] .247 [ 6,27 ] .134 [ 3,4 ] "a" sq. nom. typ. "c" # .015 "b" # .010 .100 [ 2,54 ] max flange .135 3,43 [ ] .020 [ 0,51 ] .028 # .005 0,71 # 0,12 [ ] .100 [ 2,54 ] .100 [ 2,54 ] .050 [ 1,27 ] typ. .032 0,81 [ ] scale: 6.000 tolerances: unless otherwise specified fractions: # 1/64 decimals (.xx): # .02 decimals (.xxx): # .010 angles: # 1 $ a 3mm cbi, .200 w/ pin rohs compliant c-17853 sheet 1 of 1 family table: - - rev ecn no revisions drn ckd app date a new release ajf klj no 10-6-10 dialight part number led color epoxy color "a" dim "b" dim "c" dim 551-0211f gap green tinted diffused .020 .122 .185 551-0311f gaasp/gap yellow tinted diffused .020 .122 .185 551-0411f gaasp/gap red tinted diffused .020 .122 .185 551-0811f gan blue white diffused .020 .110 .181 551-1111f red (2ma) tinted diffused .018 .115 .175 551-1211F yellow (2ma) tinted diffused .018 .115 .175 551-1311f green (2ma) tinted diffused .018 .115 .175 551-5911f ingan green colorless diffused .020 .110 .181 absolute maximum ratings at 25 $ c ambient - 2ma low current leds red green yellow units power dissipation 20 20 20 mw peak forward current (1/10 duty cycle, 0.1ms pulse width) 500 500 500 ma continuous forward current 7 7 7 ma reverse voltage 5 v lead soldering temperature (.063" [1.6mm] from body) for 5 sec. 260 $ c operating temperature -55 to +100 $ c storage temperature -55 to +100 $ c operating characteristics at 25 $ c ambient - 2ma low current leds led color peak wavelength (nm) dominant wavelength (nm) viewing angle (degree) luminous intensity (mcd) forward voltage (v) reverse current ( a) typ typ min typ max typ max max red 635 623 60 1.1 2.3 5.0 1.7 2.2 10 @ v r = 5 v green 565 569 60 1.0 1.8 3.0 1.9 2.2 10 @ v r = 5 v yellow 585 588 60 0.4 1.4 1.8 1.8 2.2 10 @ v r = 5 v operating characteristics at 25 $ c ambient - 10ma leds led color peak wavelength (nm) dominant wavelength (nm) viewing angle (degree) luminous intensity (mcd) forward voltage (v) reverse current ( a) min typ max typ min typ typ max max gap green 563 45 5.6 16.0 2.1 3.0 10 @ v r = 3 v gaasp/gap yellow 585 45 2.2 6.3 2.1 3.0 10 @ v r = 3 v gaasp/gap red 650 45 3.6 10.0 2.0 3.0 10 @ v r = 3 v gan blue 428 460 465 470 70 22.4 35.5 3.5 4.1 10 @ v r = 5 v ingan green 523 523 532 541 30 280 495 3.0 3.7 10 @ v r = 5 v absolute maximum ratings at 25 $ c ambient - 10ma gap green gaasp/gap yellow gaasp/gap red gan blue ingan green units power dissipation 75 60 60 90 80 mw peak forward current (1/10 duty cycle, 0.1ms pulse width) (.005 duty cycle, 0.01ms pulse width for ingan green and gan blue) 60 60 60 200 250 ma continuous forward current 25 20 20 20 20 ma derate linearly from 50 $ c (from 65 $ c for ingan green) 0.50 0.50 0.50 0.44 0.57 ma/ $ c reverse voltage 3 5 v lead soldering temperature (.063" [1.6mm] from body) for 5 sec. 260 $ c operating temperature -25 to +85 -55 to +100 $ c storage temperature -30 to +100 -55 to +100 $ c notes: 1. led lead dimensions shown are measured at housing exit. 2. leads to fit into holes spaced as per pattern. 3. pin numbers for reference only, designation non-existent on part. 4. dialight part numbers: 551-xx11f. 5. this assembly contains electrostatic discharge sensitive devices (esds). maintain all precautionary measures during assembly, handling, and storage in accordance with ipc-a-610. rohs compliant 551-xx11f part numbers with the "f" suffix ending are rohs compliant. for example: 551-0211f packaging is marked with "rohs compliant" label or equivalent markings. parts can be wave soldered, dip soldered or hand soldered using typical lead-free soldering process with max 260c temp. for 5 sec. recommended hole pattern gauge (tolerances: # .002) 1 2 2 scale 2.000 attention: observe precautions for handling electrostatic sensitive devices led schematic pin 1 cathode pin 2


▲Up To Search▲   

 
Price & Availability of 551-1211F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X