Part Number Hot Search : 
TB0258A 3F3P6 BPW20 FR120 1N6325E3 2F8718DS 019071 2N2905AL
Product Description
Full Text Search
 

To Download 43650-0330 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mx01 f-119 f power connectors fe a tures and specific a tions 3.00mm (.118") pitch micro-fit 3.0 wire-to-board header 43650 single row vertical features and bene?s "offset t erminal retention" for optimum retention to pc board during wave soldering fully polarized to mating receptacle peg feature provides polarization to pcb surface mount compatible reference information product speci?ation: ps-43650 packaging: tray ul file no.: e29179 csa file no.: lr19980 tuv license no.: r95107 mates with: 43645 designed in: millimeters electrical voltage: 250v current: 5.0a max. contact resistance: 10m ? max. dielectric withstanding voltage: 1500v ac insulation resistance: 1000 m ? min. mechanical insertion force to pcb: 7.5kgf max. (16.5 lb) physical housing: high temperature lcp, ul 94v-0 contact: brass plating: tin or gold catalog drawing (for reference only) ordering information and dimensions circuits order no. dimension standard "otr" version straight tail version tin 15 " gold 30 " gold tin 15 " gold 30 " gold a b c 2 43650-0215 43650-0216 43650-0217 43650-0227 43650-0228 43650-0229 6.85 (.270) 3.00 (.118) 9.00 (.354) 3 43650-0315 43650-0316 43650-0317 43650-0327 43650-0328 43650-0329 9.85 (.388) 6.00 (.236) 12.00 (.472) 4 43650-0415 43650-0416 43650-0417 43650-0427 43650-0428 43650-0429 12.85 (.506) 9.00 (.354) 15.00 (.591) 5 43650-0515 43650-0516 43650-0517 43650-0527 43650-0528 43650-0529 15.85 (.624) 12.00 (.472) 18.00 (.708) 6 43650-0615 43650-0616 43650-0617 43650-0627 43650-0628 43650-0629 18.85 (.742) 15.00 (.591) 21.00 (.827) 7 43650-0715 43650-0716 43650-0717 43650-0727 43650-0728 43650-0729 21.85 (.860) 18.00 (.709) 24.00 (.945) 8 43650-0815 43650-0816 43650-0817 43650-0827 43650-0828 43650-0829 24.85 (.978) 21.00 (.827) 27.00 (1.063) 9 43650-0915 43650-0916 43650-0917 43650-0927 43650-0928 43650-0929 27.85 (1.096) 24.00 (.945) 30.00 (1.181) 10 43650-1015 43650-1016 43650-1017 43650-1027 43650-1028 43650-1029 30.85 (1.215) 27.00 (1.063) 33.00 (1.299) 11 43650-1115 43650-1116 43650-1117 43650-1127 43650-1128 43650-1129 33.85 (1.333) 30.00 (1.181) 36.00 (1.417) 12 43650-1215 43650-1216 43650-1217 43650-1227 43650-1228 43650-1229 36.85 (1.451) 33.00 (1.299) 39.00 (1.535)



▲Up To Search▲   

 
Price & Availability of 43650-0330

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X