Part Number Hot Search : 
TSOP12 TNP3025B L2010 T74LS F2051 BD4852 PST7044 FN481
Product Description
Full Text Search
 

To Download 2SK709 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SK709 2003-03-27 1 toshiba field effect transistor silicon n channel junction type 2SK709 high frequency amplifier applications am high frequency amplifier applications audio frequency amplifier applications  high |y fs |: |y fs | = 25 ms (typ.)  low c iss : c iss = 7.5 pf (typ.)  low noise maximum ratings (ta     25c) characteristics symbol rating unit gate-drain voltage v gds  20 v gate current i g 10 ma drain power dissipation p d 300 mw junction temperature t j 125 c storage temperature range t stg  55~125 c electrical characteristics (ta     25c) characteristics symbol test condition min typ. max unit gate leakage current i gss v gs   15 v, v ds  0    1.0 na gate-drain breakdown voltage v (br) gds v ds  0, i g   100  a  20   v drain current i dss (note) v ds  5 v, v gs  0 6  32 ma gate-source cut-off voltage v gs (off) v ds  5 v, i d  1  a    2.5 v forward transfer admittance  y fs  v ds  5 v, v gs  0, f  1 khz 15 25  ms input capacitance c iss v ds  5 v, v gs  0, f  1 mhz  7.5 10 pf reverse transfer capacitance c rss v dg  5 v, i d  0, f  1 mhz  2 3 pf noise figure nf v ds  5 v, i d  1 ma r g  1 k  , f  1 khz  0.5 3 db note: i dss classification gr: 6~12 ma, bl: 10~20 ma, v: 16~32 ma unit: mm jedec to-92 jeita sc-43 toshiba 2-5f1a weight: 0.21 g (typ.)
2SK709 2003-03-27 2
2SK709 2003-03-27 3
2SK709 2003-03-27 4  toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc..  the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk.  the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba corporation for any infringements of intellectual property or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any intellectual property or other rights of toshiba corporation or others.  the information contained herein is subject to change without notice. 000707ea a restrictions on product use


▲Up To Search▲   

 
Price & Availability of 2SK709

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X