Part Number Hot Search : 
1631A STH80N05 T100N1T TND017 D4SB80 MIC74BQS 04330L AOZ8175
Product Description
Full Text Search
 

To Download 2249-C-48 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2 www.pomonaelectronics.com 1.15in (29.21mm) bnc male 50 cable rating: maximum voltage for hands free use : 500 vrms * . cable type: 50 , rg58 type 0.19in (4.95mm) o.d. bnc: body: tarnish resistant nickel- plated brass; center contact: gold- plated brass contact crimped to cable; dieletric: ptfe. model# length 5697-6 6in (0.2m) 5697-12 12in (0.3m) 5697-24 24in (0.6m) 5697-36 36in (0.9m) 5697-48 48in (1.2m) 5697-60 60in (1.5m) 5697-72 72in (1.8m) 5697-120 120in (3.0m) 5697-180 180in (4.6m) 5697-240 240in (6.1m) for over half a century the name pomona electronics has been synonymous with reliability and outstanding value. table of contents we are proud to have built our reputation for the delivery of quality products by using only the finest materials available and designing to match real world applications... where you live everyday. pomona electronics is proud to be there, at your side. 3.37in (85.60mm) bnc male cable with molded strain relief rating: maximum voltage for hands free use : 500 vrms*, +122?f (+50?c) max., (y cable 176f (+80c).) bnc: body: tarnish resistant nickel-plated brass; center contact: gold-plated brass; dielectric: ptfe. strain relief: pvc molded directly to cable and connectors. model 2249-c is pomona electronics most popular cable. the 50 rg58c/u cable makes it ideal for most test and measurement applications. model 2249-y is a 50 rg223/u cable with double shield. use when additional shielding is required. model 2249-e rg59b/u is a 75 cable, making it the right choice for use with tv, video and lan applications. model 2249-k rg174/u offers superior flexibility in a 50 cable. model 5266-c is the same high quality construction as model 2249-c with a connec - tor on (one end only . ) length 50 cable o.d. 0.195in (4.95mm) rg58c/u 50 cable o.d. 0.206in (5.23mm) rg223 75 cable o.d. 0.242in (6.15mm) rg59b/u 50 cable o.d. .100in (2.54mm) rg174/u 50 cable o.d. 0.195in (4.95mm) rg58c/u .5ft (0.2m) 2249-c-6 2249-e-6 2249-k-6 1ft (0.3m) 2249-c-12 2249-y-12 2249-e-12 2249-k-12 2ft (0.6m) 2249-c-24 2249-y-24 2249-e-24 2249-k-24 3ft (0.9m) 2249-c-36 2249-y-36 2249-e-36 2249-k-36 4ft (1.2m) 2249-C-48 2249-y-48 2249-e-48 2249-k-48 5ft (1.5m) 2249-c-60 2249-y-60 2249-e-60 2249-k-60 5266-c-60 6ft (1.8m) 2249-c-72 2249-y-72 2249-e-72 2249-k-72 8ft (2.4m) 2249-c-96 2249-y-96 2249-k-96 10ft (3.0m) 2249-c-120 2249-y-120 2249-e-120 2249-k-120 12ft (3.7m) 2249-c-144 2249-y-144 2249-e-144 15ft (4.6m) 2249-c-180 2249-y-180 2249-e-180 2249-k-180 20ft (6.1m) 2249-c-240 2249-y-240 2249-e-240 2249-k-240 25ft (7.6m) 2249-c-300 2249-e-300 2249-k-300 30ft (9.1m) 2249-c-360 2249-e-360 50ft (15.2m) 2249-c-600 2249-e-600 coaxial cable assemblies and breakouts 2 ..................... rf coaxial connectors, adapters and kits 14 .............................................. banana plugs and jacks 22 .......................................... patch cords and test leads 23 ............................................... grabbers and test clips 23 ................................................ smd/micro format test 24 ................................................ audio/video/broadcast 26 .......................................................................... index table of contents


▲Up To Search▲   

 
Price & Availability of 2249-C-48

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X