Part Number Hot Search : 
U10C20 XQV1000 PT493F ICS8302 OCMS2X6 W48S87 P6KE33A SR390
Product Description
Full Text Search
 

To Download 1F1008 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1f1 0 thru 1f 18 0.5 amp fast recovery rectifier 1000 to 1 8 00 volts features low leakage current fast switching for high efficiency case material: molded plastic. ul flammability classification rating 94v-0 and msl rating 1 marking : cathode band and type number operating temperature: - 55 c to +150c storage temperature: - 5 5 c to +15 0 c for capacitive load. derate c urrent by 20% mcc part number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage 1f10 100 0 v 700v 100 0 v 1f12 120 0 v 840v 120 0 v 1f14 1400v 980v 1400v 1f15 1500v 1050v 1500v 1f16 1600v 1120v 1600v 1f18 1800v 1260v 1800v electrical characteristics @ 25 c unless otherwise specified average forward rectified current i o 0. 5 a t a = 2 5 c peak forward surge current i fsm 25 a 8.3ms, half sine maximum instantaneous forward volt a ge v f 1 . 8 v i fm = 0. 5 a; t c = 2 5 c maximum dc reverse current at rated dc blocking voltage i r 5. 0 m a t c = 2 5 c typical junction capacitance c j 15 pf measured at 1.0mhz, v r =4.0v maximum reverse recovery time t rr 300ns i f =0.5a, i r =1a, i rr =0.25a www. mccsemi .com r - 1 min max min max a 0.116 0.140 2.90 3.50 b 0.091 0.102 2.30 2.60 c 0.020 0.024 0.50 0.60 d 0.787 ----- 20.00 ----- dimensions dim inches mm note a b d d c cathode mark         
 omp onents 20736 marilla street chatsworth               !  " #   $
%         !   " #    mcc revision: 5 2008/01/01 tm micro commercial components 1 of 3 maximum ratings notes:1.high temperature solder exemption applied, see eu directive annex 7. ? lead free finish/rohs compliant(note 1) ("p" suffix designates rohs compliant. see ordering information)
mcc 1f10 thru 1f18 www. mccsemi .com revision: 5 2008/01/01 tm micro commercial components 2 of 3
mcc revision: 5 2008/01/01 tm micro commercial components www. mccsemi .com 3 of 3 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserve the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose ordering information device packing (part number)-tp tape&reel; 5kpcs/reel (part number)-ap ammo packing;3kpcs/ammobox (part number)-bp bulk;1kpcs/box


▲Up To Search▲   

 
Price & Availability of 1F1008

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X