Part Number Hot Search : 
74HC07AP 4063A P40NF 12013 RODUCTS 2200B TA230PW D1885
Product Description
Full Text Search
 

To Download 0451125NR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount fuses 57 ? 2009 littelfuse, inc. specifcations are subject to change without notice. 451/453 series nano 2? > very fast-acting > 451/453 series 451/453 series please refer to www.littelfuse.com/series/451.html or /453.html for current information. 451/453 series fuse description the nano 2 smf fuse is a very small, wire-in-air (wia) square shape surface mount fuse which is very suitable for the secondary side circuit over-current protection applications and is designed for pcb using surface mount technology. agency approvals agency agency file number ampere range e10480 6.3a - 15a lr29862 62ma - 15a ps e nbk030205-e10480b nbk101105-e184655 1a - 5a 6.3a - 10a e10480 62ma - 5a electrical characteristics for series features ? very fast acting ? small size ? wide range of current rating available (62ma to 15a) ? wide operating temperature range ? low temperature de-rating ? rohs compliant ? halogen free % of ampere rating ampere rating opening time 100% 1/16 C15 4 hours, minimum 200% 1/16 C10 5 sec., maximum 12 C15 20 sec., maximum ps e applications ? notebook pc ? lcd/pdp tv ? lcd monitor ? lcd/pdp panel ? lcd backlight inverter ? portable dvd player ? power supply ? networking ? pc server ? cooling fan system ? storage system ? telecom system ? wireless basestation ? white goods ? game console ? offce automation equipment ? battery charging circuit protection ? industrial equipment ? medical equipment ? automotive revised: january 10, 2012
introduction to circuit protection introduction to circuit protection transientology 58 ? 2009 littelfuse, inc. specifcations are subject to change without notice. surface mount fuses 451/453 series nano 2? > very fast-acting > 451/453 series please refer to www.littelfuse.com/series/451.html or /453.html for current information. electrical specifcations by item ampere rating (a) amp code max voltage rating (v) interrupting rating nominal cold resistance (ohms) nominal melting i 2 t (a 2 sec) agency approvals ps e 0.062 .062 125 50 amperes @125vac/vdc 300 amperes @32vdc pse: 100 amperes @100vac 5.5000 0.00019 x x 0.080 .080 125 4.0500 0.00033 x x 0.100 .100 125 3.1000 0.00138 x x 0.125 .125 125 1.7000 0.00286 x x 0.160 .160 125 1.2157 0.0048 x x 0.200 .200 125 0.8372 0.0089 x x 0.250 .250 125 0.5765 0.0158 x x 0.315 .315 125 0.3918 0.0311 x x 0.375 .375 125 0.6100 0.0425 x x 0.400 .400 125 0.5600 0.0484 x x 0.500 .500 125 0.4200 0.0795 x x 0.630 .630 125 0.3050 0.143 x x 0.750 .750 125 0.2450 0.185 x x 0.800 .800 125 0.2120 0.271 x x 1.00 001. 125 0.1530 0.459 x x x 1.25 1.25 125 0.0780 0.664 x x x 1.50 01.5 125 0.0630 0.853 x x x 1.60 01.6 125 0.0580 1.060 x x x 2.00 002. 125 0.0367 0.530 x x x 2.50 02.5 125 0.0286 1.029 x x x 3.00 003. 125 0.0227 1.650 x x x 3.15 3.15 125 0.0215 1.920 x x x 3.50 03.5 125 0.0200 2.469 x x x 4.00 004. 125 0.0160 3.152 x x x 5.00 005. 125 0.0125 5.566 x x x 6.30 06.3 125 0.0096 9.170 x x x 7.00 007. 125 0.0090 10.32 x x x 8.00 008. 125 0.0077 20.23 x x x 10.0 010. 125 35 amperes @125 vac/ 50 amperes @125 vdc 300 amperes @32 vdc pse: 100 amperes @100vac 0.0056 26.46 x x x 12.0 012. 65 50 amperes @65 vac/vdc 300 amperes @24 vdc 0.0049 47.97 x x 15.0 015. 65 0.0037 97.82 x x notes: - l 2 t calculated at 8ms. - resistance is measured at 10% of rated current, 25oc
59 ? 2009 littelfuse, inc. specifcations are subject to change without notice. surface mount fuses 451/453 series nano 2? > very fast-acting > 451/453 series 451/453 series please refer to www.littelfuse.com/series/451.html or /453.html for current information. average time current curves refow condition pb C free assembly pre heat - temperature min (t s(min) ) 150c - temperature max (t s(max) ) 200c - time (min to max) (t s ) 60 C 120 secs average ramp up rate (liquidus temp (t l ) to peak 5c/second max. t s(max) to t l - ramp-up rate 5c/second max. refow - temperature (t l ) (liquidus) 217c - temperature (t l ) 60 C 90 seconds peak temperature (t p ) 250 +0/-5 c time within 5c of actual peak temperature (t p ) 20 C 40 seconds ramp-down rate 5c/second max. time 25c to peak temperature (t p ) 8 minutes max. do not exceed 260c soldering parameters temperature rerating curve 1000.000 10 0 10 1 0.1 0.0 1 0.00 1 .062a .125a .250a .375a .500a .750a 1a 1.5a 2a 2.5a 3a 3.5a 4a 5a 7a 10 a 12 a 15 a 0.05 0.1 11 01 00 1 000 time in seconds current in amperes 8a .160a .200a .315a note: 1. derating depicted in this curve is in addition to the standard derating of 25% for continuous operation. wave soldering parameters 260c peak temperature, 10 seconds max. ti me te mperature t p t l t s(max) t s(min) 25 t p t l t s time to peak temperature (t 25oc to peak) ramp-down ramp-up preheat critical zone t l to t p
introduction to circuit protection introduction to circuit protection transientology 60 ? 2009 littelfuse, inc. specifcations are subject to change without notice. surface mount fuses 451/453 series nano 2? > very fast-acting > 451/453 series please refer to www.littelfuse.com/series/451.html or /453.html for current information. materials body: ceramic terminations : gold-plated caps (for 451 rohs/hf series) snpb plated caps (for 451 non-rohs series) silver-plated caps (for 451 rohs below 160ma rating & 453 series) product marking brand, ampere rating operating temperature -55c to 125c moisture sensitivity level level 1, j-std-020c solderability mil-std-202, method 208 insulation resistance (after opening) mil-std-202, method 302, test condition a (10,000 ohms minimum) thermal shock mil-std-202, method 107, test condition b, 5 cycles, -65c / +125c, 15 minutes @ each extreme mechanical shock mil-std-202, method 213, test i: deenergized. 100gs pk amplitude, sawtooth wave 6ms duration, 3 cycles xyz+xyz = 18 shocks vibration mil-std-202, method 201: 0.03 amplitude, 10-55 hz in 1 min. 2hrs each xyz=6hrs moisture resistance mil-std-202, method 106, 10 cycles salt spray mil-std-202, method 101, test condition b (48hrs) resistance to soldering heat mil-std-202, method 210, test condition b (10 sec at 260c) product characteristics dimensions packaging part numbering system f 7 a 6.86 (.270") 3.15 (.124") 2.95 (.116") 1.96 (.077") 2.69 .25 (.106") 2.69 .25 (.106") 1.45 (.057") 6.10 .20 (.240") recommended pad layout packaging option packaging specifcation quantity quantity & packaging code 12mm tape and reel eia rs-481-2 (iec 286, part 3) 5000 nr 12mm tape and reel eia rs-481-2 (iec 286, part 3) 1000 mr 0451 001. m r l series amp c ode quantity c ode packaging c ode refer to electrical characteristics table m = 1000 pcs n = 5000 pcs r = tape and reel r o hs c ompliant & halogen free 451 = gold / snpb / silver plated caps 453 = silver plated caps note: l suffx applies to 451 series only - 451 series may be ordered as either rohs and hf (l suffx) or non-rohs (no suffx) version. - 453 series is available only as rohs compliant version and does not require l suffx. please do not include l suffx within 453 series ordering instructions.


▲Up To Search▲   

 
Price & Availability of 0451125NR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X