document number: 89171 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 19-apr-11 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 1 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 high current density surface mount trench mos barrier schottky rectifier ultra low v f = 0.51 v at i f = 5 a v10p12 vishay general semiconductor new product typical applications for use in low voltage high frequency inverters, freewheeling, dc/dc converte rs and polarity protection applications. features ? very low profile - typical height of 1.1 mm ? ideal for automated placement ? trench mos schottky technology ? low forward voltage drop, low power losses ? high efficiency operation ? meets msl level 1, per j-std-020, lf maximum peak of 260 c ? aec-q101 qualified ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec ? halogen-free according to ie c 61249-2-21 definition mechanical data case: to-277a (smpc) molding compound meets ul 94 v-0 flammability rating base p/n-m3 - halogen-free, rohs compliant, and commercial grade base p/nhm3 - halogen-free, rohs compliant, and automotive grade terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 m3 suffix meets jesd 201 class 1a whisker test, hm3 suffix meets jesd 201 class 2 whisker test primary characteristics i f(av) 10 a v rrm 120 v i fsm 160 a e as 100 mj v f at i f = 10 a 0.62 v t j max. 150 c k 2 1 to-277a ( s mpc) tmb s ? e s mp ? s eries anode 1 anode 2 cathode k maximum ratings (t a = 25 c unless otherwise noted) parameter symbol v10p12 unit device marking code v1012 maximum repetitive pe ak reverse voltage v rrm 120 v maximum average forward rectified current (fig. 1) i f(av) 10 a peak forward surge current 10 ms single ha lf sine-wave superimposed on rated load i fsm 160 a non-repetitive avalanche energy at i as = 2.0 a, t j = 25 c e as 100 mj peak repetitive reverse current at t p = 2 s, 1 khz, t j = 38 c 2 c i rrm 0.5 a operating junction and storage temperature range t j , t stg - 40 to + 150 c
www.vishay.com for technical qu estions within your region, please contact one of the fo llowing: document number: 89171 2 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com revision: 19-apr-11 this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 v10p12 vishay general semiconductor new product notes (1) pulse test: 300 s pulse width, 1 % duty cycle (2) pulse test: pulse width ? 40 ms note (1) units mounted on recommended pcb 1 oz. pad layout note (1) automotive grade electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol typ. max. unit breakdown voltage i r = 1.0 ma t a = 25 c v br 120 (minimum) - v instantaneous forward voltage i f = 5 a t a = 25 c v f (1) 0.57 - v i f = 10 a 0.74 0.82 i f = 5 a t a = 125 c 0.51 - i f = 10 a 0.62 0.70 reverse current v r = 90 v t a = 25 c i r (2) 6-a t a = 125 c 4.5 - ma v r = 120 v t a = 25 c 16 400 a t a = 125 c 8.5 30 ma thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol v10p12 unit typical thermal resistance r ? ja (1) 60 c/w r ? jl 4 ordering information (example) preferred p/n unit weight (g) preferred package code base quantity delivery mode v10p12-m3/86a 0.10 86a 1500 7" diam eter plastic tape and reel v10p12-m3/87a 0.10 87a 6500 13" diam eter plastic tape and reel v10p12hm3/86a (1) 0.10 86a 1500 7" diameter plastic tape and reel v10p12hm3/87a (1) 0.10 87a 6500 13" diameter plastic tape and reel
document number: 89171 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 19-apr-11 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 3 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 v10p12 vishay general semiconductor new product ratings and characteristics curves (t a = 25 c unless otherwise noted) fig. 1 - maximum forward current derating curve fig. 2 - forward power loss characteristics fig. 3 - typical instantaneous forward characteristics fig. 4 - typical reverse characteristics fig. 5 - typical j unction capacitance fig. 6 - typical transient thermal impedance lead temperat u re (c) 12 4 0 0 75 175 a v erage forward c u rrent (a) 25 100 150 50 125 8 2 resisti v e or ind u cti v e load 6 t l meas u red at the cathode band terminal 10 d = 0.1 d = 0.2 d = 0.3 d = 0.5 d = 1.0 a v erage forward c u rrent (a) 9 6 0 0612 a v erage power loss (w) 47 510 1 4 d = t p /t t p t 5 d = 0.8 3 8 3 2 1 2 8 7 11 9 t a = 150 c t a = 125 c t a = 25 c instantaneo u s forward v oltage ( v ) 100 0.1 0.1 0.6 1.0 instantaneo u s forward c u rrent (a) 0.2 0.8 1 0.4 t a = 100 c 10 0.5 0.7 0.3 0.9 percent of rated peak re v erse v oltage (%) 100 0.001 10 40 100 instantaneo u s re v erse c u rrent (ma) 50 1 30 60 10 90 70 0.1 0.01 80 t a = 150 c t a = 125 c t a = 25 c t a = 100 c 20 10 000 10 j u nction capacitance (pf) t j = 25 c f = 1.0 mhz v sig = 50 m v p-p 1000 re v erse v oltage ( v ) 0.1 100 110 100 t - p u lse d u ration (s) 100 1 0.01 10 100 transient thermal impedance (c/w) 0.1 1 10 j u nction to am b ient
www.vishay.com for technical qu estions within your region, please contact one of the fo llowing: document number: 89171 4 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com revision: 19-apr-11 this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 v10p12 vishay general semiconductor new product package outline dimensions in inches (millimeters) conform to jedec to-277a to-277a ( s mpc) 0.016 (0.40) 0.006 (0.15) 0.047 (1.20) 0.039 (1.00) 0.146 (3.70) 0.134 (3.40) 0.087 (2.20) 0.075 (1.90) 0.189 (4.80) 0.173 (4.40) 0.049 (1.24) 0.037 (0.94) 0.053 (1.35) 0.041 (1.05) 0.030 (0.75) nom. 0.084 (2.13) nom. 0.155 (3.94) nom. mountin g pa d layout 0.268 (6.80) 0.186 (4.72) min. 0.050 (1.27) min. 0.041 (1.04) 0.055 (1.40) min. 0.189 (4.80) min. 0.187 (4.75) 0.175 (4.45) 0.262 (6.65) 0.250 (6.35) 0.242 (6.15) 0.238 (6.05) 0.171 (4.35) 0.167 (4.25) k 2 1
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.
|