Part Number Hot Search : 
SMB36 M51521 1N4962 SC930 AP2309 N4751 LGK2A MS62571
Product Description
Full Text Search
 

To Download UHZ1C102MPM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cat.8100v aluminum electrolytic capacitors hz series ultra low impedance lower impedance than hn series. adapted to the rohs directive (2002/95/ec). please refer to page 21, 22, 23 about the formed or taped product spec. please refer to page 3 for the minimum order quantity. hz hn low impedance ltem performance characteristics 6.3 ~ 16v 20% (120hz, 20?c) after an application of d.c. bias voltage plus the rated ripple current for 2000 hours at 105?c the peak voltage shall not exceed the rated d.c. voltage, capacitors meet the characteristic requirements listed below. leakage current lnitial specified value or less printed with gold color on black sleeve. rated voltage range rated capacitance range capacitance tolerance leakage current stability at low temperature endurance marking radial lead type type numbering system (example : 6.3v 1800f) specifications rated voltage (v) rated voltage (v) tan d (max.) 6.3 6.3 3 0.22 10 10 3 0.19 16 16 3 0.16 120hz 20?c 120hz impedance ratio zt / z20 (max.) z? 25?c / z + 20?c standard ratings 470 680 820 1000 1200 1500 1800 2200 2700 3300 471 681 821 102 122 152 182 222 272 332 8 15 10 12.5 8 15 10 12.5 8 20 10 16 10 16 8 20 10 16 10 20 10 20 10 25 14 12 14 12 9 10 10 9 10 7 7 6.5 2210 2280 2210 2280 2880 2960 2960 2880 2960 3770 3770 4690 case size f d l (mm) rated ripple (marms) 105?c / 100khz impedance (m?) max. 20 ?c / 100khz 6.3 (0j) 10 12.5 10 12.5 10 12.5 10 16 8 20 10 16 10 16 8 20 10 20 10 25  12 12 12 10 9 10 10 9 7 6.5 2288 2280 2280 2960 2880 2960 2960 2880 3770 4140 case size f d l (mm) rated ripple (marms) 105?c / 100khz impedance (m?) max. 20 ?c / 100khz 10 (1a) v (code) item cap. (f) 10 12.5 10 12.5 8 20 10 16 10 16 10 16 8 20 10 20 10 20 10 20 10 25 12 12 9 10 10 10 9 7 7 7 6.5 2280 2280 2880 2960 2960 2960 2880 3770 3770 3770 4140 case size f d l (mm) rated ripple (marms) 105?c / 100khz impedance (m?) max. 20 ?c / 100khz 16 (1c) code tan d f d p f d 8 3.5 0.6 10 5 0.6 p 0.5 l + 1.5max. 15 min 4 min f d + 0.5 max. pressure relief vent f d u 1 h 2 z 3 0 4 j 5 1 6 8 7 2 8 m 9 p 10 m 11 12 configuration size code capacitance tolerance ( 20%) rated capacitance (1800f) rated voltage (6.3v) series name type 470 ~ 3300f after 2 minutes' application of rated voltage, leakage current is less than 0.03cv tan d 200% or less of initial specified value category temperature e 25 ~ +105?c for capacitance of more than 1000f, add 0.02 for every increase of 1000f capacitance change within 30% of initial value : in this case, n will be put at 12th digit of type numbering system. : in this case, c will be put at 12th digit of type numbering system. : in this case, . will be put at 12th digit of type numbering system. sleeve (p.e.t.) f d 8 10 pb-free leadwire pb-free pet sleeve pm configuration (mm)


▲Up To Search▲   

 
Price & Availability of UHZ1C102MPM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X