Part Number Hot Search : 
AD736 SD850 BFY56 MT90868 AD5399 BH3866AS 77432 ZTX314
Product Description
Full Text Search
 

To Download SPW35N60CFD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SPW35N60CFD coolmos tm power transistor features ? new revolutionary high voltage technology ? intrinsic fast-recovery body diode ? extremely low reverse recovery charge ? ultra low gate charge ? extreme d v /d t rated ? high peak current capability ? periodic avalanche rated ? qualified according to jedec 1) for target applications ? pb-free lead plating; rohs compliant maximum ratings, at t j =25 c, unless otherwise specified parameter symbol conditions unit continuous drain current i d t c =25 c a t c =100 c pulsed drain current 2) i d,pulse t c =25 c avalanche energy, single pulse e as i d =10 a, v dd =50 v 1300 mj avalanche energy, repetitive t ar 2),3) e ar i d =20 a, v dd =50 v avalanche current, repetitive t ar 2),3) i ar a drain source voltage slope d v /d t i d =34.1 a, v ds =480 v, t j =125 c v/ns reverse diode d v /d t d v /d t v/ns maximum diode commutation speed d i /d t a/s gate source voltage v gs static v ac ( f >1 hz) power dissipation p tot t c =25 c w operating and storage temperature t j , t stg c 1 40 value 34.1 21.6 85 20 30 313 -55 ... 150 600 20 80 i s =34.1 a, v ds =480 v, t j =125 c v ds 600 v r ds(on),max 0.118 ? i d 34 a product summary type package ordering code marking SPW35N60CFD pg-to247 q67045a5053 35n60cfd pg-to247 rev. 1.3 page 1 2008 -04-17 please note the new package dimensions arccording to pcn 2009-134-a
SPW35N60CFD parameter symbol conditions unit min. typ. max. thermal characteristics thermal resistance, junction - case r thjc - - 0.4 k/w r thja leaded - - 62 soldering temperature, wave solderin g t sold 1.6 mm (0.063 in.) from case for 10 s - - 260 c electrical characteristics, at t j =25 c, unless otherwise specified static characteristics drain-source breakdown voltage v (br)dss v gs =0 v, i d =250 a 600 - - v avalanche breakdown voltage v (br)ds v gs =0 v, i d =34.1 a - 700 - gate threshold voltage v gs(th) v ds = v gs , i d =1.9 ma 345 zero gate voltage drain current i dss v ds =600 v, v gs =0 v, t j =25 c -4-a v ds =600 v, v gs =0 v, t j =150 c - 3300 - gate-source leakage current i gss v gs =20 v, v ds =0 v - - 100 na drain-source on-state resistance r ds(on) v gs =10 v, i d =21.6 a, t j =25 c - 0.10 0.118 ? v gs =10 v, i d =21.6 a, t j =150 c - 0.23 - gate resistance r g f =1 mhz, open drain - 0.6 - transconductance g fs | v ds |>2| i d | r ds(on)max , i d =21.6 a -21-s values thermal resistance, junction - ambient rev. 1.3 page 2 2008-04 -17 please note the new package dimensions arccording to pcn 2009-134-a
SPW35N60CFD parameter symbol conditions unit min. typ. max. dynamic characteristics input capacitance c iss - 5060 - pf output capacitance c oss - 1400 - reverse transfer capacitance c rss -52- effective output capacitance, energy related 4) c o(er) - 162 - effective output capacitance, time related5 ) c o(tr) - 299 - turn-on delay time t d(on) -20-ns rise time t r -25- turn-off delay time t d(off) -65- fall time t f -12- gate charge characteristics gate to source charge q gs -36-nc gate to drain charge q gd -87- gate charge total q g - 163 212 gate plateau voltage v plateau - 7.2 - v 3) repetitive avalanche causes additional power losses that can be calculated as p av = e ar * f. 4) c o(er) is a fixed capacitance that gives the same stored energy as c oss while v ds is rising from 0 to 80% v dss. 5) c o(tr) is a fixed capacitance that gives the same charging time as c oss while v ds is rising from 0 to 80% v dss. 1) j-std20 and jesd22 2) pulse width t p limited by t j,max values v gs =0 v, v ds =25 v, f =1 mhz v dd =400 v, v gs =10 v, i d =34.1 a, r g =3.3 ? v dd =480 v, i d =34.1 a, v gs =0 to 10 v v gs =0 v, v ds =0 v to 480 v rev. 1.3 page 3 2008 -04-17 please note the new package dimensions arccording to pcn 2009-134-a
SPW35N60CFD parameter symbol conditions unit min. typ. max. reverse diode diode continuous forward current i s - - 34.1 a diode pulse current i s,pulse --85 diode forward voltage v sd v gs =0 v, i f =34.1 a, t j =25 c - 1.0 1.2 v reverse recovery time t rr - 180 - ns reverse recovery charge q rr - 1.5 - c peak reverse recovery current i rrm -16-a typical transient thermal characteristics v r =480 v, i f = i s , d i f /d t =100 a/s t c =25 c values 5) c th6 models the additional heat capacitance of the package in case of non-ideal cooling. it is not needed if r thca =0 k/w. symbol value unit symbol value unit typ. typ. r th1 0.00441 k/w c th1 0.00037 ws/k r th2 0.00608 c th2 0.00223 r th3 0.0341 c th3 0.00315 r th4 0.0602 c th4 0.0179 r th5 0.0884 c th5 0.098 c th6 4.4 5) rev. 1.3 page 4 2008-04-17 please note the new package dimensions arccording to pcn 2009-134-a
SPW35N60CFD 1 power dissipation 2 safe operating area p tot =f( t c ) i d =f( v ds ); t c =25 c; d =0 parameter: t p 3 max. transient thermal impedance 4 typ. output characteristics i d =f( v ds ); t j =25 c i d =f( v ds ); t j =25 c parameter: d=t p / t parameter: v gs 0 100 200 300 400 0 40 80 120 160 t c [c] p tot [w] 1 s 10 s 100 s 1 ms 10 ms dc 10 3 10 2 10 1 10 0 10 2 10 1 10 0 10 -1 v ds [v] i d [a] single pulse 0.01 0.02 0.05 0.1 0.2 0.5 10 0 10 -1 10 -2 10 -3 10 -4 10 -5 10 -6 10 0 10 -1 10 -2 10 -3 t p [s] z thjc [k/w] 5 v 5.5 v 6 v 6.5 v 7 v 8 v 10 v 20 v 0 15 30 45 60 75 90 0 5 10 15 20 v ds [v] i d [a] limited by on-state resistance rev. 1.3 page 5 2008 -04-17 please note the new package dimensions arccording to pcn 2009-134-a
SPW35N60CFD 5 typ. output characteristics 6 typ. drain-source on-state resistance i d =f( v ds ); t j =150 c r ds(on) =f( i d ); t j =150 c parameter: v gs parameter: v gs 7 drain-source on-state resistance 8 typ. transfer characteristics r ds(on) =f( t j ); i d =21.9 a; v gs =10 v i d =f( v gs ); | v ds |>2| i d | r ds(on)max parameter: t j typ 98 % 0 0.05 0.1 0.15 0.2 0.25 0.3 -60 -20 20 60 100 140 180 t j [c] r ds(on) [ ? ] c 25 c 150 0 30 60 90 120 150 0246810 v gs [v] i d [a] 5 v 5.5 v 6 v 6.5 v 7 v 8 v 10 v 20 v 0 10 20 30 40 50 60 0 5 10 15 20 v ds [v] i d [a] 5 v 5.5 v 6 v 6.5 v 7 v 20 v 0 0.1 0.2 0.3 0.4 0.5 0 10203040 i d [a] r ds(on) [ ? ] rev. 1.3 page 6 2008 -04-17 please note the new package dimensions arccording to pcn 2009-134-a
SPW35N60CFD 9 typ. gate charge 10 forward characteristics of reverse diode v gs =f( q gate ); i d =34.1 a pulsed i f =f( v sd ) parameter: v dd parameter: t j 11 avalanche soa 12 avalanche energy i ar =f( t ar ) e as =f( t j ); i d =10 a; v dd =50 v parameter: t j(start) 0 200 400 600 800 1000 1200 1400 20 60 100 140 180 t j [c] e as [mj] 25 c 150 c 25 c, 98% 150 c, 98% 10 2 10 1 10 0 10 -1 0 0.5 1 1.5 2 v sd [v] i f [a] 125 c 25 c 10 3 10 2 10 1 10 0 10 -1 10 -2 10 -3 0 5 10 15 20 25 t ar [s] i av [a] 120 v 480 v 0 2 4 6 8 10 12 0 50 100 150 200 q gate [nc] v gs [v] rev. 1.3 page 7 2008-04-17 please note the new package dimensions arccording to pcn 2009-134-a
SPW35N60CFD 13 drain-source breakdown voltage 14 typ. capacitances v br(dss) =f( t j ); i d =10 ma c =f( v ds ); v gs =0 v; f =1 mhz 15 typ. c oss stored energy 16 typ. reverse recovery charge e oss = f (v ds )q rr =f( t j ); i s =34.1 a; d i /d t =100 a/s 540 580 620 660 700 -60 -20 20 60 100 140 180 t j [c] v br(dss) [v] ciss coss crss 10 5 10 4 10 3 10 2 10 1 0 100 200 300 400 500 v ds [v] c [pf] 0 5 10 15 20 25 30 0 100 200 300 400 500 600 v ds [v] e oss [j] 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 25 50 75 100 125 150 t j [c] q rr [c] rev. 1.3 page 8 2008 -04-17 please note the new package dimensions arccording to pcn 2009-134-a
SPW35N60CFD 17 typ. reverse recovery charge 18 typ. reverse recovery charge q rr =f( i s ); d i/ d t =100 a/s q rr =f(d i /d t ); i s =34.1 a parameter: t j parameter: t j 25 c 125 c 0 0.5 1 1.5 2 2.5 3 0 5 10 15 20 25 30 35 i s [a] q rr [c] 25 c 125 c 0 1 2 3 4 5 6 7 0 300 600 900 di/ d t [a/s] q rr [c] rev. 1.3 page 9 2008 -04-17 please note the new package dimensions arccording to pcn 2009-134-a
SPW35N60CFD definition of diode switching characteristics rev. 1.3 page 10 2008 -04-17 please note the new package dimensions arccording to pcn 2009-134-a
SPW35N60CFD pg-to247-3-21-41 rev. 1.3 page 11 2008 -04-17 please note the new package dimensions arccording to pcn 2009-134-a
rev. 1.3 page 12 2008 -04-17 SPW35N60CFD please note the new package dimensions arccording to pcn 2009-134-a
data sheet erratum pcn 2009-134-a new package outlines to-247 final data sheet erratum rev. 2.0, 2010-02-01 1 new package outlines to-247 assembly capacity extension for coolmostm technology products assembled in lead-free package pg-to247-3 at subcon tractor ase (weihai) inc., chin a (changes are marked in blue . ) figure 1 outlines to-247, dimensions in mm/inches


▲Up To Search▲   

 
Price & Availability of SPW35N60CFD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X