Part Number Hot Search : 
ENA1952A TF0089A PT108 D1014UK TP3C475 4LVC3 4LVC3 24220
Product Description
Full Text Search
 

To Download PME-1210-AE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.advantech.com/products online download features pme-1210 1-phase multifunction power meter specifcations voltage measurement ? voltage 80 ~ 350 v ac ? resolution/accuracy 0.1v/0.5% full scale ? permanet overload 450 v ac ? transient voltage 2 x vin (1sec) current measurement (std. 5a ct) ? range 5 ma ~ 5 a ? resolution 1 ma ? starting current 5 ma ? permanent overload 10 a ? transient current 20 x iin (1sec) ? accuracy 0.5% full scale power measurement ? resolution 1w ? accuracy 1% full scale energy measurement ? display resolution 0.1 kwh (range from 0 to 9,999,999.9kwh) ? record resolution 0.01 kwh (range from 0 to 9,999,999.99kwh) ? kwh accuracy 1% with pf 0.5 ~ 1.0 frequency measurement ? range 45.0 to 65.0 hz ? resolution/accuracy 0.1 hz pf measurement ? range 0.000 to 1.000 ? resolution 0.001 (polarized) ? accuracy 1% (pf 0.5 ~ 1.0) front panel interface ? display 6 digit 7 segment led ? indicators 8 led ? mode display and setting ? setting 3 function key, id address, baud rate, pt ratio, ct ratio communication interface ? bus rs-485, photo isolated ? protocol modbus/rtu (format: 8/n/1) ? baud rate 1200/2400/4800/9600 ? meter id 0 ~ 254 reliability ? communication iec61000-4-4 1 kv ? surge test iec61000-4-5 4 kv ? eft test iec61000-4-4 1 kv ac insulation ? aux. power 4.0 kv ? current input 4.0 kv power supply ? ac 110v 93 ~ 126 v ac ? ac 220v 187 ~ 253 v ac physical ? operating temperature -10 ~ 70c (32 ~ 158f) ? operating humidity 0 ~ 90% rh non-condensing ? storage humidity 0 ~ 95% (non-condensing) ? weight 425g (std. 5a ct) ? panel cut 92 x 46 mm ? dimensions (w x h x d) 110 x 50 x 115 mm ordering information ? PME-1210-AE 1-phase multifunction power meter ? small size with 100mm depth ? panel cut 92 x 46 mm ? multi-function power measurement ? modbus rtu protocol over rs-485 introduction the pme-1210 is a 1-phase multi-function power meter for sub-metering applications, ranging from power distribution, small motor control to lighting load circuit. it measures current & voltage, kw, kwh, kwh and pf values. the measurement data can be viewed directly from local display, and also can be transmitted through a rs-485 using the modbus protocol. new rohs compliant 2002/95/ec 4-19 8 5 4 4 10 serial communication cards 9 device servers & gateways 8 industrial ethernet 7 industrial monitors 6 automation panel pcs operator panels building automation systems 3 energy automation 2 hazardous location 1 motion control 11 embedded auto. computers 12 pacs 13 m2m i/o 14 distributed nano controllers 15 rs-485 i/o 16 automation software ethernet i/o 17 daq boards 18


▲Up To Search▲   

 
Price & Availability of PME-1210-AE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X