Part Number Hot Search : 
SMDA24C M24C64 72001 VNH3SP AH180N IRFR220 T45DB AN79M24F
Product Description
Full Text Search
 

To Download PDTC123TT215 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. product pro?le 1.1 general description npn resistor-equipped transistors (ret) family in surface mounted device (smd) plastic packages. [1] also available in sot54a and sot54 variant packages (see section 2 ). 1.2 features 1.3 applications 1.4 quick reference data pdtc123t series npn resistor-equipped transistors; r1 = 2.2 k w , r2 = open rev. 01 10 march 2006 product data sheet table 1. product overview type number package pnp complement philips jeita jedec pdtc123te sot416 sc-75 - pdta123te pdtc123tk sot346 sc-59a to-236 pdta123tk pdtc123tm sot883 sc-101 - pdta123tm pdtc123ts [1] sot54 sc-43a to-92 pdta123ts pdtc123tt sot23 - to-236ab pdta123tt pdtc123tu sot323 sc-70 - pdta123tu n built-in bias resistors n reduces component count n simpli?es circuit design n reduces pick and place costs n 100 ma output current capability n digital applications n cost-saving alternative for bc847 series in digital applications n control of ic inputs n switching loads table 2. quick reference data symbol parameter conditions min typ max unit v ceo collector-emitter voltage open base - - 50 v i o output current - - 100 ma r1 bias resistor 1 (input) 1.54 2.2 2.86 k w
pdtc123t_ser_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 10 march 2006 2 of 10 philips semiconductors pdtc123t series npn resistor-equipped transistors; r1 = 2.2 k w , r2 = open 2. pinning information table 3. pinning pin description simpli?ed outline symbol sot54 1 input (base) 2 output (collector) 3 gnd (emitter) sot54a 1 input (base) 2 output (collector) 3 gnd (emitter) sot54 variant 1 input (base) 2 output (collector) 3 gnd (emitter) sot23; sot323; sot346; sot416 1 input (base) 2 gnd (emitter) 3 output (collector) sot883 1 input (base) 2 gnd (emitter) 3 output (collector) 001aab347 1 2 3 006aaa218 2 3 1 r1 001aab348 1 2 3 006aaa218 2 3 1 r1 001aab447 1 2 3 006aaa218 2 3 1 r1 006aaa144 12 3 sym012 3 2 1 r1 3 1 2 transparent top view sym012 3 2 1 r1
pdtc123t_ser_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 10 march 2006 3 of 10 philips semiconductors pdtc123t series npn resistor-equipped transistors; r1 = 2.2 k w , r2 = open 3. ordering information [1] also available in sot54a and sot54 variant packages (see section 2 and section 9 ). 4. marking [1] * = -: made in hong kong * = p: made in hong kong * = t: made in malaysia * = w: made in china table 4. ordering information type number package name description version pdtc123te sc-75 plastic surface mounted package; 3 leads sot416 pdtc123tk sc-59a plastic surface mounted package; 3 leads sot346 pdtc123tm sc-101 leadless ultra small plastic package; 3 solder lands; body 1.0 0.6 0.5 mm sot883 pdtc123ts [1] sc-43a plastic single-ended leaded (through hole) package; 3 leads sot54 pdtc123tt - plastic surface mounted package; 3 leads sot23 pdtc123tu sc-70 plastic surface mounted package; 3 leads sot323 table 5. marking codes type number marking code [1] pdtc123te 2b pdtc123tk gb pdtc123tm fb pdtc123ts tc123t pdtc123tt zm* pdtc123tu *1t
pdtc123t_ser_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 10 march 2006 4 of 10 philips semiconductors pdtc123t series npn resistor-equipped transistors; r1 = 2.2 k w , r2 = open 5. limiting values [1] device mounted on an fr4 printed-circuit board (pcb), single-sided copper, tin-plated and standard footprint. [2] re?ow soldering is the only recommended soldering method. [3] device mounted on an fr4 pcb with 60 m m copper strip line, standard footprint. 6. thermal characteristics [1] device mounted on an fr4 pcb, single-sided copper, tin-plated and standard footprint. [2] re?ow soldering is the only recommended soldering method. [3] device mounted on an fr4 pcb with 60 m m copper strip line, standard footprint. table 6. limiting values in accordance with the absolute maximum rating system (iec 60134). symbol parameter conditions min max unit v cbo collector-base voltage open emitter - 50 v v ceo collector-emitter voltage open base - 50 v v ebo emitter-base voltage open collector - 5 v i o output current - 100 ma i cm peak collector current single pulse; t p 1ms - 100 ma p tot total power dissipation t amb 25 c sot416 [1] - 150 mw sot346 [1] - 250 mw sot883 [2] [3] - 250 mw sot54 [1] - 500 mw sot23 [1] - 250 mw sot323 [1] - 200 mw t stg storage temperature - 65 +150 c t j junction temperature - 150 c t amb ambient temperature - 65 +150 c table 7. thermal characteristics symbol parameter conditions min typ max unit r th(j-a) thermal resistance from junction to ambient in free air sot416 [1] - - 833 k/w sot346 [1] - - 500 k/w sot883 [2] [3] - - 500 k/w sot54 [1] - - 250 k/w sot23 [1] - - 500 k/w sot323 [1] - - 625 k/w
pdtc123t_ser_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 10 march 2006 5 of 10 philips semiconductors pdtc123t series npn resistor-equipped transistors; r1 = 2.2 k w , r2 = open 7. characteristics table 8. characteristics t amb =25 c unless otherwise speci?ed. symbol parameter conditions min typ max unit i cbo collector-base cut-off current v cb = 50 v; i e = 0 a - - 100 na i ceo collector-emitter cut-off current v ce = 30 v; i b =0a - - 1 m a v ce = 30 v; i b =0a; t j = 150 c -- 50 m a i ebo emitter-base cut-off current v eb =5v; i c = 0 a - - 100 na h fe dc current gain v ce =5v; i c =20ma 30 - - v cesat collector-emitter saturation voltage i c = 10 ma; i b = 0.5 ma - - 150 mv r1 bias resistor 1 (input) 1.54 2.2 2.86 k w c c collector capacitance v cb =10v;i e =i e =0a; f = 1 mhz - - 2.5 pf v ce =5v (1) t amb = 100 c (2) t amb =25 c (3) t amb = - 40 c i c /i b =20 (1) t amb = 100 c (2) t amb =25 c (3) t amb = - 40 c fig 1. dc current gain as a function of collector current; typical values fig 2. collector-emitter saturation voltage as a function of collector current; typical values i c (ma) 10 - 1 10 2 10 1 006aaa696 200 300 100 400 500 h fe 0 (1) (2) (3) 006aaa697 i c (ma) 10 - 1 10 2 10 1 10 - 1 1 v cesat (v) 10 - 2 (3) (2) (1)
pdtc123t_ser_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 10 march 2006 6 of 10 philips semiconductors pdtc123t series npn resistor-equipped transistors; r1 = 2.2 k w , r2 = open 8. package outline fig 3. package outline sot416 (sc-75) fig 4. package outline sot346 (sc-59a/to-236) fig 5. package outline sot883 (sc-101) fig 6. package outline sot54 (sc-43a/to-92) fig 7. package outline sot54a fig 8. package outline sot54 variant 04-11-04 dimensions in mm 0.95 0.60 1.8 1.4 1.75 1.45 0.9 0.7 0.25 0.10 1 0.30 0.15 12 3 0.45 0.15 04-11-11 dimensions in mm 3.0 2.5 1.7 1.3 0.26 0.10 12 3 1.9 0.50 0.35 1.3 1.0 3.1 2.7 0.6 0.2 03-04-03 dimensions in mm 0.62 0.55 0.55 0.47 0.50 0.46 0.65 0.20 0.12 3 21 0.30 0.22 0.30 0.22 1.02 0.95 0.35 04-11-16 dimensions in mm 5.2 5.0 14.5 12.7 4.8 4.4 4.2 3.6 0.45 0.38 0.48 0.40 1.27 2.54 3 2 1 04-06-28 dimensions in mm 5.2 5.0 14.5 12.7 4.8 4.4 4.2 3.6 0.45 0.38 0.48 0.40 2.54 5.08 3 max 3 2 1 05-01-10 dimensions in mm 5.2 5.0 14.5 12.7 4.8 4.4 4.2 3.6 0.45 0.38 0.48 0.40 1.27 1.27 2.54 2.5 max 3 2 1
pdtc123t_ser_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 10 march 2006 7 of 10 philips semiconductors pdtc123t series npn resistor-equipped transistors; r1 = 2.2 k w , r2 = open 9. packing information [1] for further information and the availability of packing methods, see section 12 . fig 9. package outline sot23 (to-236ab) fig 10. package outline sot323 (sc-70) 04-11-04 dimensions in mm 0.45 0.15 1.9 1.1 0.9 3.0 2.8 2.5 2.1 1.4 1.2 0.48 0.38 0.15 0.09 12 3 04-11-04 dimensions in mm 0.45 0.15 1.1 0.8 2.2 1.8 2.2 2.0 1.35 1.15 1.3 0.4 0.3 0.25 0.10 12 3 table 9. packing methods the indicated -xxx are the last three digits of the 12nc ordering code. [1] type number package description packing quantity 3000 5000 10000 pdtc123te sot416 4 mm pitch, 8 mm tape and reel -115 - -135 pdtc123tk sot346 4 mm pitch, 8 mm tape and reel -115 - -135 pdtc123tm sot883 2 mm pitch, 8 mm tape and reel - - -315 pdtc123ts sot54 bulk, straight leads - -412 - sot54a tape and reel, wide pitch - - -116 tape ammopack, wide pitch - - -126 sot54 variant bulk, delta pinning - -112 - pdtc123tt sot23 4 mm pitch, 8 mm tape and reel -215 - -235 pdtc123tu sot323 4 mm pitch, 8 mm tape and reel -115 - -135
pdtc123t_ser_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 10 march 2006 8 of 10 philips semiconductors pdtc123t series npn resistor-equipped transistors; r1 = 2.2 k w , r2 = open 10. revision history table 10. revision history document id release date data sheet status change notice supersedes pdtc123t_ser_1 20060310 product data sheet - -
pdtc123t_ser_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 10 march 2006 9 of 10 philips semiconductors pdtc123t series npn resistor-equipped transistors; r1 = 2.2 k w , r2 = open 11. legal information 11.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term short data sheet is explained in section de?nitions. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple dev ices. the latest product status information is available on the internet at url http://www .semiconductors .philips .com. 11.2 de?nitions draft the document is a draft version only. the content is still under internal review and subject to formal approval, which may result in modi?cations or additions. philips semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. short data sheet a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request via the local philips semiconductors sales of?ce. in case of any inconsistency or con?ict with the short data sheet, the full data sheet shall prevail. 11.3 disclaimers general information in this document is believed to be accurate and reliable. however, philips semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. right to make changes philips semiconductors reserves the right to make changes to information published in this document, including without limitation speci?cations and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use philips semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of a philips semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. philips semiconductors accepts no liability for inclusion and/or use of philips semiconductors products in such equipment or applications and therefore such inclusion and/or use is for the customers own risk. applications applications that are described herein for any of these products are for illustrative purposes only. philips semiconductors makes no representation or warranty that such applications will be suitable for the speci?ed use without further testing or modi?cation. limiting values stress above one or more limiting values (as de?ned in the absolute maximum ratings system of iec 60134) may cause permanent damage to the device. limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the characteristics sections of this document is not implied. exposure to limiting values for extended periods may affect device reliability. terms and conditions of sale philips semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www .semiconductors .philips .com/pro? le/ter ms , including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by philips semiconductors. in case of any inconsistency or con?ict between information in this document and such terms and conditions, the latter will prevail. no offer to sell or license nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. 11.4 trademarks notice: all referenced brands, product names, service names and trademarks are the property of their respective owners. 12. contact information for additional information, please visit: http://www.semiconductors.philips.com for sales of?ce addresses, send an email to: sales.addresses@www.semiconductors.philips.com document status [1] [2] product status [3] de?nition objective [short] data sheet development this document contains data from the objective speci?cation for product development. preliminary [short] data sheet quali?cation this document contains data from the preliminary speci?cation. product [short] data sheet production this document contains the product speci?cation.
philips semiconductors pdtc123t series npn resistor-equipped transistors; r1 = 2.2 k w , r2 = open ? koninklijke philips electronics n.v. 2006. all rights reserved. for more information, please visit: http://www.semiconductors.philips.com. for sales office addresses, email to: sales.addresses@www.semiconductors.philips.com. date of release: 10 march 2006 document identifier: pdtc123t_ser_1 please be aware that important notices concerning this document and the product(s) described herein, have been included in section legal information. 13. contents 1 product pro?le . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.1 general description. . . . . . . . . . . . . . . . . . . . . . 1 1.2 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.4 quick reference data. . . . . . . . . . . . . . . . . . . . . 1 2 pinning information . . . . . . . . . . . . . . . . . . . . . . 2 3 ordering information . . . . . . . . . . . . . . . . . . . . . 3 4 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 5 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4 6 thermal characteristics. . . . . . . . . . . . . . . . . . . 4 7 characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 5 8 package outline . . . . . . . . . . . . . . . . . . . . . . . . . 6 9 packing information. . . . . . . . . . . . . . . . . . . . . . 7 10 revision history . . . . . . . . . . . . . . . . . . . . . . . . . 8 11 legal information. . . . . . . . . . . . . . . . . . . . . . . . 9 11.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . . 9 11.2 de?nitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 11.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 11.4 trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 12 contact information. . . . . . . . . . . . . . . . . . . . . . 9 13 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10


▲Up To Search▲   

 
Price & Availability of PDTC123TT215

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X