|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
http://www.optosupply.com ver a.0 5mm flat phoenix yellow led osy5ma57e1a features outline dimension high luminous leds 5 5 m m m m f f l l a a t t standard directivity superior weather-resistance uv resistant epoxy water clear type applications traffic signal backlighting signal and channel letter other lighting 1.5min 26.0min 0.50.05 1.anode 2.cathode unit:mm tolerance:0.30mm 1 2 1.0 1.5max 5.3 5.0 5.8 2.54 absolute maximum rating (ta=25 ) directivity item symbol value unit dc forward current i f 50 ma pulse forward current* i fp 120 ma reverse voltage v r 5 v power dissipation p d 130 mw operating temperature topr -30 ~ +85 storage temperature tstg -40 ~ +100 lead soldering temperature tsol 260 / 5sec - *pulse width max.10ms duty ratio max 1/10 30 90 60 0 0 90 30 60 0.5 0.5 11 electrical -optical charac teristics (ta=25 ) maximum forward current item symbol condition min. typ. max. unit dc forward voltage v f i f =20ma 1.8 2.1 2.6 v dc reverse current i r v r =5v - - 10 a domi. wavelength* d i f =20ma 585 590 595 nm luminous intensity* iv i f =20ma 1120 1560 - mcd 50% power angle 2 1/2 i f =20ma - 140 - deg * 1 tolerance of dominant wavelength is + 1nm * 2 tolerance of luminous intensity is + 15% led & application technologies rth(j-a)=450c/w rth(j-a)=350c/w rth(j-a)=250c/w 70 50 30 20 maximun permissible forward current tj=115c if( forward current-ma) 40 30 20 10 0 0 10 ta(ambient temperature -c) 40 60 80 90 70 60 50
|
Price & Availability of OSY5MA57E1A09 |