Part Number Hot Search : 
FFM107 2SK1161 106K0 MBR2515L 106K0 02003 EPF8162S 7C660X
Product Description
Full Text Search
 

To Download NJ8821BADP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  obsolescence notice this product is obsolete. this information is available for your convenience only. for more information on zarlink?s obsolete products and replacement product lists, please visit http://products.zarlink.com/obsolete_products/
this document is for maintenance purposes only and is not recommended for new designs
nj8821 nj8821 frequency synthesiser (microprocessor interface) with resettable counters fig.2 block diagram program enable (pe) osc in osc out d0 d1 d2 d3 f in v dd v ss latch 1 latch 2 latch 3 m counter (10 bits) control logic latch 4 latch 5 a counter (7 bits) frequency / phase detector v ss pda pdb lock detect (ld) modulus control output (mc) rb ch 15 16 17 f v reference counter (11bits) latch 6 latch 7 latch 8 4 2 sample / hold phase detector f r latch select logic ds0 ds1 ds2 14 7 8 9 10 11 12 4 6 5 to internal latches data select inputs 19 20 1 2 3 18 ? data inputs absolute maximum ratings supply voltage, v dd 2 v ss input voltage open drain output, pin 3 all other pins storage temperature storage temperature 2 05v to 7v 7v v ss 2 03v to v dd 1 03v 2 65 c to 1 150 c (dg package, nj8821ma) 2 55 c to 1 125 c (dp and mp packages, nj8821) ordering information nj8821 ba dp plastic dil package nj8821 ba mp miniature plastic dil package nj8821 ma dg ceramic dil package t he nj8821 is a synthesiser circuit fabricated on the gps cmos process and is capable of achieving high sideband attenuation and low noise performance. it contains a reference oscillator, 11-bit programmable reference divider, digital and sample-and-hold comparators, 10-bit programmable m counter, 7-bit programmable a counter and the necessary control and latch circuitry for accepting and latching the input data. data is presented as eight 4-bit words under external control from a suitable microprocessor.. it is intended to be used in conjunction with a two-modulus prescaler such as the sp8710 series to produce a universal binary coded synthesiser. the nj8821 is available in plastic dil (dp) and miniature plastic dil (mp) packages, both with operating temperature range of 2 30 c to 1 70 c. the nj8821ma is available only in ceramic dil package with operating temperature range of 2 40 c to 1 85 c. features n low power consumption n microprocessor compatible n high performance sample and hold phase detector n >10mhz input frequency ch rb mc ds2 ds1 ds0 pe nc d3 d2 pda pdb ld f in v ss v dd osc in osc out d0 d1 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 nj8821 ds3278-1.3 fig.1 pin connections - top view dp20, mp20 dg20
nj8821 ma ma v v v v v v m a v v v v v v f osc , f f in = 10mhz f osc , f f in = 10mhz i source = 1ma i sink = 1ma i sink = 4ma i source = 5ma i sink = 5ma ttl compatible see note 1 55 15 04 04 7 04 01 04 075 075 supply current output levels modulus control output ( mc) high level low level lock detect output ( ld) low level open drain pull-up voltage pdb output high level low level 3-state leakage current input levels data inputs (d0-d3) high level low level program enable input (pe) high level low level data select inputs (ds0-ds2) high level low level 46 46 425 425 425 2 electrical characteristics at v dd = 5v test conditions unless otherwise stated: v dd Cv ss =5v 05v. temperature range nj8821 ba: C30 c to +70 c; nj8821ma: C40 c to +85 c dc characteristics value typ. max. characteristic min. 35 07 units conditions 0 to 5v square wave ? mvrms mhz ns m s m s m s m s m s ns k w nf k w v/rad 50 1 5 f in and osc in input level max. operating frequency, f f in and f osc propagation delay, clock to mc strobe pulse width, t w(st) data set-up time, t ds data hold time, t dh latch address set-up time, t se latch address hold time, t he digital phase detector propagation delay gain programming resistor, rb hold capacitor, ch output resistance, pda digital phase detector gain 30 500 04 ac characteristics value typ. max. characteristic min. units conditions 200 106 2 1 1 1 1 5 10mhz ac-coupled sinewave input squarewave v dd to v ss , see note 4. see note 2. see fig. 6 see note 3. notes 1. data inputs have internal pull-up resistors to enable them to be driven from ttl outputs. 2. all counters have outputs directly synchronous with their respective clock rising edges. 3. the finite output resistance of the internal voltage follower and on resistance of the sample switch driving this pin will add a finite time constant to the loop. an external 1nf hold capacitor will give a maximum time constant of 5 m s, typically. 4. operation at up to 15mhz is possible with a full logic swing but is not guaranteed. ? ? ?
nj8821 pin descriptions name description analog output from the sample and hold phase comparator for use as a fine error signal. output at (v dd 2 v ss )/2 when the system is in lock. voltage increases as f v phase lead increases; voltage decreases as f r phase lead increases. output is linear over only a narrow phase window, determined by gain (programmed by rb). three-state output from the phase/frequency detector for use as a coarse error signal. f v . f r or f v leading: positive pulses with respect to the bias point v bias f v , f r or f r leading: negative pulses with respect to the bias point v bias f v = f r and phase error within pda window: high impedance. an open-drain lock detect output at low level when phase error is within pda window (in lock); high impedance at all other times. the input to the main counters, normally driven from a prescaler, which may be ac-coupled or, when a full logic swing is available, may be dc-coupled. negative supply (ground). positive supply. these pins form an on-chip reference oscillator when a series resonant crystal is connected across them. capacitors of appropriate value are also required between each end of the crystal and ground to provide the necessary additional phase shift. an external reference signal may, alternatively, be applied to osc in. this may be a low-level signal, ac-coupled, or if a full logic swing is available it may be dc-coupled. the program range of the reference counter is 3 to 2047, with the division ratio being twice the programmed number. data on these inputs is transferred to the internal data latches during the appropriate data read time slot. d3 is msb, d0 is lsb. no connection this pin is used as a strobe for the data. a logic 1 on this pin transfers data from the d0-d3 pins to the internal latch addressed by the data select (ds0-ds2) pins . a logic 0 disables the data inputs. data select inputs for addressing the internal data latches modulus control output for controlling an external dual-modulus prescaler. mc will be low at the beginning of a count cycle and will remain low until the a counter completes its cycle. mc then goes high and remains high until the m counter completes its cycle, at which point both a and m counters are reset. this gives a total division ratio of mp 1 a , where p and p 1 1 represent the dual-modulus prescaler values. the program range of the a counter is 0-127 and therefore can control prescalers with a division ratio up to and including 4 128/129. the programming range of the m counter is 8-1023 and, for correct operation, m > a . where every possible channel is required, the minimum total division ratio should be p 2 2 p . an external sample and hold phase comparator gain programming resistor should be connected between this pin and v ss . an external hold capacitor should be connected between this pin and v ss . pda pdb ld f in v ss v dd osc in/ osc out d0-d3 nc pe ds0-ds2 mc rb ch 3 pin no. 1 2 3 4 5 6 7, 8 9,10, 11, 12 13 14 15, 16, 17 18 19 20 fig. 3 typical supply current v. input frequency fig. 4 typical supply current v. input level, osc in v dd = 5v osc in, f in = 0v to 5v square wave f in osc in input frequency (mhz) 1 2 3 4 5 6 7 8 9 10 supply current (ma) 20 15 10 05 total supply current is the sum of that due to f in and osc in input level (v rms) 02 04 06 08 10 12 14 16 supply current (ma) 8 7 6 5 4 3 2 1 v dd = 5v f in = low frequency 0v to 5v square wave 10mhz 1mhz
nj8821 4 phase comparators the digital phase/frequency detector drives a three-state output, pdb, which provides a coarse error signal to enable fast switching between channels. the pdb output is active until the phase error is within the sample and hold phase detector, pda, window, when pdb becomes high impedance. phase-lock is indicated at this point by a low level on ld. the sample and hold phase detector provides a fine error signal to give further phase adjustment and to hold the loop in lock. an internally generated ramp, controlled by the digital output from both the reference and main divider chains, is sampled at the reference frequency to give the fine error signal, pda. when in phase lock, this output would be typically at (v dd 2 v ss )/2 and any offset from this would be proportional to phase error. the relationship between this offset and the phase error is the phase comparator gain, which is programmable with an external resistor, rb. an internal 50pf capacitor is used in the sample and hold comparator. crystal oscillator when using the internal oscillator, the stability may be enhanced at high frequencies by the inclusion of a resistor between pin 8 (osc out) and the other components. a value of 150-270 w is advised. programming / power up data and signal input pins should not have input applied to them prior to the application of v dd , as otherwise latch-up may occur. 10ms. if shorter lock-up times are are required when making only small changes in frequency, the gps nj8823 (with non- resettable counters) should be considered. ds2 0 0 0 0 1 1 1 1 word 1 2 3 4 5 6 7 8 ds1 0 0 1 1 0 0 1 1 ds0 0 1 0 1 0 1 0 1 d3 m1 m5 m9 a3 - r3 r7 - d2 m0 m4 m8 a2 a6 r2 r6 r10 d1 - m3 m7 a1 a5 r1 r5 r9 d0 - m2 m6 a0 a4 r0 r4 r8 fig. 5 data map fig. 6 timing diagram programming timing is generated externally, normally from a microprocessor, and allows the user to change the data in selected latches as defined by the data map fig.5. the pe pin is used as a strobe for the data: taking pe high causes data to be transferred from the data pins (d0-d3) into the addressed latch. following the falling edge of pe, the data is retained in the addressed latch and the data inputs are disabled. data transfer from all internal latches into the counters occurs simultaneously with the transfer of data into latch 1, which would therefore normally be the last latch addressed during each channel change. timing information for this mode of operation is given in fig. 6. when re-programming, a reset to zero state is followed by reloading with the new counter values. this means that the synthesiser loop lock-up time is well defined and less than t ds t dh t se t w(st) t he ds0-ds2 pe d0 - d3
nj8821 this publication is issued to provide information only which (unless agreed by the company in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. no warranty or guarantee express or implied is made regard ing the capability, performance or suitability of any product or service. the company reserves the right to alter without prior knowledge the specification, design or price of any product or service. information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. it is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. these products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. all products and materials are sold and services provided subject to the company's conditions of sale, w hich are available on request. headquarters operations gec plessey semiconductors cheney manor, swindon, wiltshire sn2 2qw, united kingdom. tel: (0793) 518000 fax: (0793) 518411 gec plessey semiconductors p.o. box 660017 1500 green hills road, scotts valley, california 95067-0017, united states of america. tel: (408) 438 2900 fax: (408) 438 5576 customer service centres france & benelux les ulis cedex tel: (1) 64 46 23 45 fax : (1) 64 46 06 07 germany munich tel: (089) 3609 06-0 fax : (089) 3609 06-55 italy milan tel: (02) 66040867 fax: (02) 66040993 japan tokyo tel: (03) 5276-5501 fax: (03) 5276-5510 north america scotts valley, usa tel (408) 438 2900 fax: (408) 438 7023. south east asia singapore tel: (65) 3827708 fax: (65) 3828872 sweden stockholm, tel: 46 8 702 97 70 fax: 46 8 640 47 36 taiwan, roc taipei tel: 886 2 5461260. fax: 886 2 71900260 uk, eire, denmark, finland & norway swindon tel: (0793) 518510 fax : (0793) 518582 these are supported by agents and distributors in major countries world-wide. gec plessey semiconductors 1992


www.zarlink.com information relating to products and services furnished herein by zarlink semiconductor inc. or its subsidiaries (collectively ?zarlink?) is believed to be reliable. however, zarlink assumes no liability for errors that may appear in this publication, or for liability otherwise arising from t he application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. neither the supply of such information or purchase of product or service conveys any license, either express or implied, u nder patents or other intellectual property rights owned by zarlink or licensed from third parties by zarlink, whatsoever. purchasers of products are also hereby notified that the use of product in certain ways or in combination with zarlink, or non-zarlink furnished goods or services may infringe patents or other intellect ual property rights owned by zarlink. this publication is issued to provide information only and (unless agreed by zarlink in writing) may not be used, applied or re produced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. the products, t heir specifications, services and other information appearing in this publication are subject to change by zarlink without notice. no warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. it is the user?s responsibility t o fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not b een superseded. manufacturing does not necessarily include testing of all functions or parameters. these products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. all products and materials are sold and services provided subject to zarlink?s conditi ons of sale which are available on request. purchase of zarlink?s i 2 c components conveys a licence under the philips i 2 c patent rights to use these components in and i 2 c system, provided that the system conforms to the i 2 c standard specification as defined by philips. zarlink, zl and the zarlink semiconductor logo are trademarks of zarlink semiconductor inc. copyright zarlink semiconductor inc. all rights reserved. technical documentation - not for resale for more information about all zarlink products visit our web site at


▲Up To Search▲   

 
Price & Availability of NJ8821BADP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X