Part Number Hot Search : 
DTC144WS 0110J503 SEMIX HPR109WH MPL031 N2907A N2907A MT6L61AE
Product Description
Full Text Search
 

To Download MNT-114-BK-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (2,54mm) .100" snt, mnt, jl, 2sn, pk, snm series snt?100?bk?t?h snt?100?bk?g jl?100?25?t mnt?120?bk?t www.samtec.com snt 1 mnt no. of positions body color 100 ?bk = black ?or = orange ?rd = red ?bl = blue ?yw = yellow ?g = 10" (0,25m) gold ?t = tin plating option body col or handle option plating option ?bk = black a (2,54) .100 (6,35) .250 (7,62) .300 (10,16) .400 (12,70) .500 (15,24) .600 (25,40) 1.000 part no. jl?100?25?t jl?250?25?t jl?300?25?t jl?400?25?t jl?500?25?t jl?600?25?t jl?1000?25?t jl a (3,18) .125 insulation is white teflon (0,64) .025 dia ref snt for complete speci cations see www.samtec.com?snt insulator material: glass filled polyester contact material: phosphor bronze current rating: 2.5a operating temp range: -40? to +90? contact resistance: 5 m max insertion depth: (4,32mm) .170" min. lead size accepted: (0,64mm) .025" sq insertion force: (single contact only) 33oz (9,17n) average withdrawal force: (single contact only) 27oz (7,51n) average rohs compliant: ye s mnt for complete speci cations see www.samtec.com?mnt same as snt except: current rating: 2a @ 80? ambient working voltage: 675 vac note: some lengths, styles and options are non-standard, non-returnable. ?g = 10" (0,25m) gold ?t = tin 02 thru 20 (6,10) .240 (5,08) .200 (2,54) .100 (2,54) .100 (2,54) .100 (14,00) .550 (6,10) .240 (5,08) .200 (2,54) .100 (2,54) .100 x no. of positions (6,10) .240 2sn (4,45) .175 (1,02) .040 (3,99) .157 (2,00) .0787 (2,00) .0787 a part no. b (0,64) .025 sq (0,51) .020 sq (5,84) .230 (3,18) .125 pk?01?06 pk?01?07 pk a b -06 polarizes: ssw, ssq, esw, esq, idss, idsd, ssm -07 polarizes: smm, tcsd plating part no. 2sn?bk?g 10? (0,25?) gold snm (2,54) .100 (3,30) .130 (1,27) .050 plating part no. snm?100?bk?g 10? (0,25?) gold snt/mnt mates with: tsw, mtsw, tlw, dw, ew, zw, hw, tsm jl for complete speci cations see www.samtec.com?jl insulator material: white te on per mil??6878 type e insulation resistance: >10 8 ohm-cm terminal material: tinned 22 ga copper current rating:1.6 amp @ 60? plating: ag per mil?qw?43 2sn mates with: tmmh, tmm, mtmm, mmt, tw, ltmm, zltmm, tmsh, tsh, eht 2sn for complete speci cations see www.samtec.com?2sn same as snt except: insertion depth: (2,29mm) .090" minimum lead size accepted: (0,51mm) .020" sq snm for complete speci cations see www.samtec.com?snm same as snt except: contact resistance:10 m max insertion depth: (3,43mm) .135" minimum lead size accepted: (0,46mm) .018" sq snm mates with: tms, mtms, dwm insulator material: natural thermoplastic note: order per wheel. 6 pins per wheel. ?h = handle (black only) f-211 specifications note: other gold plating options available. contact samtec. shunts & jumpers


▲Up To Search▲   

 
Price & Availability of MNT-114-BK-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X