Part Number Hot Search : 
87FE52AP 00158 6042106 2SA1862 125NT TRW24 15H63 158X0
Product Description
Full Text Search
 

To Download MM5Z18VT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2005 november, 2005 ? rev. 5 1 publication order number: mm5z2v4t1/d mm5z2v4t1 series zener voltage regulators 200 mw sod?523 surface mount this series of zener diodes is packaged in a sod?523 surface mount package. they are designed to provide voltage regulation protection and are especially attractive in situations where space is at a premium. they are well suited for applications such as cellular phones, hand held portables, and high density pc boards. specification features: ? standard zener breakdown voltage range ? 2.4 v to 75 v ? steady state power rating of 200 mw ? small body outline dimensions: 0.047 x 0.032 (1.20 mm x 0.80 mm) ? low body height: 0.028 (0.7 mm) ? esd rating of class 3 (>16 kv) per human body model ? pb?free packages are available mechanical characteristics: case: void-free, transfer-molded, thermosetting plastic epoxy meets ul 94 v?0 lead finish: 100% matte sn (tin) mounting position: any qualified max reflow temperature: 260 c device meets msl 1 requirements maximum ratings rating symbol max unit total device dissipation fr?5 board, @ t a = 25 c p d 200 mw junction and storage temperature range t j , t stg ?65 to +150 c maximum ratings are those values beyond which device damage can occur. maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. if these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. device package shipping ? ordering information 1 cathode 2 anode mm5zxxxxt1 sod?523 3000/tape & reel see specific marking information in the device marking column of the electrical characteristics tables starting on page 3 of this data sheet. device marking information http://onsemi.com ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our t ape and reel packaging specification s brochure, brd8011/d. sod?523 case 502 plastic marking diagram 1 2 1 2 mm5zxxxxt1g sod?523 (pb?free) 3000/tape & reel xx = specific device code m = date code*  = pb?free package (note: microdot may be in either location) *date code orientation may vary depending upon manufacturing location. xx m  
mm5z2v4t1 series http://onsemi.com 2 electrical characteristics (t a = 25 c unless otherwise noted, v f = 0.9 v max. @ i f = 10 ma for all types) symbol parameter v z reverse zener voltage @ i zt i zt reverse current z zt maximum zener impedance @ i zt i zk reverse current z zk maximum zener impedance @ i zk i r reverse leakage current @ v r v r reverse voltage i f forward current v f forward voltage @ i f  v z maximum temperature coefficient of v z c max. capacitance @v r = 0 and f = 1 mhz zener voltage regulator i f v i i r i zt v r v z v f temperature ( c) 25 0 100 40 20 0 power dissipation (%) 50 75 100 125 150 80 60 figure 1. steady state power derating
mm5z2v4t1 series http://onsemi.com 3 electrical characteristics (t a = 25 c unless otherwise noted, v f = 0.9 v max. @ i f = 10 ma for all types) device* device marking zener voltage (note 1) zener impedance leakage current  v z (mv/k) @ i zt c @ v r = 0 f = 1 mhz v z (volts) @ i zt z zt @ i zt z zk @ i zk i r @ v r min nom max ma   ma  a volts min max pf mm5z2v4t1 00 2.2 2.4 2.6 5 100 1000 1.0 50 1.0 ?3.5 0 450 mm5z2v7t1 01 2.5 2.7 2.9 5 100 1000 1.0 20 1.0 ?3.5 0 450 mm5z3v0t1 02 2.8 3.0 3.2 5 100 1000 1.0 10 1.0 ?3.5 0 450 mm5z3v3t1 05 3.1 3.3 3.5 5 95 1000 1.0 5 1.0 ?3.5 0 450 mm5z3v6t1 06 3.4 3.6 3.8 5 90 1000 1.0 5 1.0 ?3.5 0 450 mm5z3v9t1 07 3.7 3.9 4.1 5 90 1000 1.0 3 1.0 ?3.5 ?2.5 450 mm5z4v3t1 08 4.0 4.3 4.6 5 90 1000 1.0 3 1.0 ?3.5 0 450 mm5z4v7t1 09 4.4 4.7 5.0 5 80 800 1.0 3 2.0 ?3.5 0.2 260 mm5z5v1t1 0a 4.8 5.1 5.4 5 60 500 1.0 2 2.0 ?2.7 1.2 225 mm5z5v6t1 0c 5.2 5.6 6.0 5 40 200 1.0 1 2.0 ?2.0 2.5 200 mm5z6v2t1 0e 5.8 6.2 6.6 5 10 100 1.0 3 4.0 0.4 3.7 185 mm5z6v8t1 0f 6.4 6.8 7.2 5 15 160 1.0 2 4.0 1.2 4.5 155 mm5z7v5t1 0g 7.0 7.5 7.9 5 15 160 1.0 1 5.0 2.5 5.3 140 mm5z8v2t1 0h 7.7 8.2 8.7 5 15 160 1.0 0.7 5.0 3.2 6.2 135 mm5z9v1t1 0k 8.5 9.1 9.6 5 15 160 1.0 0.2 7.0 3.8 7.0 130 mm5z10vt1 0l 9.4 10 10.6 5 20 160 1.0 0.1 8.0 4.5 8.0 130 mm5z11vt1 0m 10.4 11 11.6 5 20 160 1.0 0.1 8.0 5.4 9.0 130 mm5z12vt1 0n 11.4 12 12.7 5 25 80 1.0 0.1 8.0 6.0 10 130 mm5z13vt1 0p 12.4 13.25 14.1 5 30 80 1.0 0.1 8.0 7.0 11 120 mm5z15vt1 0t 14.3 15 15.8 5 30 80 1.0 0.05 10.5 9.2 13 110 mm5z16vt1 0u 15.3 16.2 17.1 5 40 80 1.0 0.05 11.2 10.4 14 105 MM5Z18VT1 0w 16.8 18 19.1 5 45 80 1.0 0.05 12.6 12.4 16 100 mm5z20vt1 0z 18.8 20 21.2 5 55 100 1.0 0.05 14.0 14.4 18 85 mm5z22vt1 10 20.8 22 23.3 5 55 100 1.0 0.05 15.4 16.4 20 85 mm5z24vt1 11 22.8 24.2 25.6 5 70 120 1.0 0.05 16.8 18.4 22 80 mm5z27vt1 12 25.1 27 28.9 2 80 300 1.0 0.05 18.9 21.4 25.3 70 mm5z30vt1 14 28 30 32 2 80 300 1.0 0.05 21.0 24.4 29.4 70 mm5z33vt1 18 31 33 35 2 80 300 1.0 0.05 23.2 27.4 33.4 70 mm5z36vt1 19 34 36 38 2 90 500 1.0 0.05 25.2 30.4 37.4 70 mm5z39vt1 20 37 39 41 2 130 500 1.0 0.05 27.3 33.4 41.2 45 mm5z43vt1 21 40 43 46 2 150 500 1.0 0.05 30.1 37.6 46.6 40 mm5z47vt1 1a 44 47 50 2 170 500 1.0 0.05 32.9 42.0 51.8 40 mm5z51vt1 1c 48 51 54 2 180 500 1.0 0.05 35.7 46.6 57.2 40 mm5z56vt1 1d 52 56 60 2 200 500 1.0 0.05 39.2 52.2 63.8 40 mm5z62vt1 1e 58 62 66 2 215 500 1.0 0.05 43.4 58.8 71.6 35 mm5z68vt1 1f 64 68 72 2 240 500 1.0 0.05 47.6 65.6 79.8 35 mm5z75vt1 1g 70 75 79 2 255 500 1.0 0.05 52.5 73.4 88.6 35 1. zener voltage is measured with a pulse test current i z at an ambient temperature of 25 c. *the ?g?? suffix indicates pb?free package available.
mm5z2v4t1 series http://onsemi.com 4 package dimensions sod?523 case 502?01 issue b notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. maximum lead thickness includes lead finish thickness. minimum lead thickness is the minimum thickness of base material. ?t? seating plane b a ?x? ?y? d 2 pl t m 0.08 (0.003) x y c s j k dim min nom max millimeters a 1.10 1.20 1.30 b 0.70 0.80 0.90 c 0.50 0.60 0.70 d 0.25 0.30 0.35 j 0.07 0.14 0.20 k 0.15 0.20 0.25 s 1.50 1.60 1.70 0.043 0.047 0.051 0.028 0.032 0.035 0.020 0.024 0.028 0.010 0.012 0.014 0.0028 0.0055 0.0079 0.006 0.008 0.010 0.059 0.063 0.067 min nom max inches 12 *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* 0.40 0.0157 0.40 0.0157 1.40 0.0547  mm inches  scale 10:1 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, r epresentation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2?9?1 kamimeguro, meguro?ku, tokyo, japan 153?0051 phone : 81?3?5773?3850 mm5z2v4t1/d literature fulfillment : literature distribution center for on semiconductor p.o. box 61312, phoenix, arizona 85082?1312 usa phone : 480?829?7710 or 800?344?3860 toll free usa/canada fax : 480?829?7709 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of MM5Z18VT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X