Part Number Hot Search : 
SSS7N55 E1000WA PE8706 G1117A R0800 PE8706 AD9848 MX25V800
Product Description
Full Text Search
 

To Download LP0115CCKW015CB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series lp01 short body pushbuttons www.nkk.com d66 indicators accessories supplement tactiles keylocks rotaries pushbuttons d illuminated pb slides programmable rockers touch tilt toggles general specifcations electrical capacity (resistive load) power level (silver): 3a @ 125v ac or 3a @ 250v ac or 3a @ 30v dc other ratings contact resistance: 50 milliohms maximum insulation resistance: 200 megohms minimum @ 500v dc dielectric strength: 1,000v ac minimum between contacts for 1 minute minimum 1,500v ac minimum between contacts and case for 1 minute minimum mechanical life: 500,000 operations minimum electrical life: 50,000 operations minimum for 3a @ 125v/250v ac & 3a @ 30v dc 100,000 operations minimum for 1a @ 125v/250v ac & 1a @ 30v dc nominal operating force: 1.5n for single pole; 3.0n for double pole contact timing: nonshorting (break-before-make) travel: total travel .118 (3.0mm) materials & finishes actuator: polycarbonate housing: bushing mount: glass fber reinforced polyamide (ul94v-0); snap in mount: polyphenylene ether (ul94v-0) base: diallyl phthalate (ul94v-0) movable contact: phosphor bronze & silver with silver plating stationary contacts: common terminal: phosphor bronze with silver plating; contact terminals: phosphor bronze with tin & copper plating lamp terminals: phospher bronze with tin and copper plating environmental data operating temperature range: C10c through +50c (+14f through +122f) for illuminated C25c through +70c (+13f through +158f) for nonilluminated humidity: 90 ~ 95% humidity for 240 hours @ 40c (104f) vibration: 10 ~ 55hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning in 1 minute; 3 right angled directions for 2 hours shock: 50g (490m/s 2 ) acceleration (tested in 6 right angled directions, with 5 shocks in each direction) installation mounting torque: 0.8nm (7.08 lb ? in) soldering time & temperature: manual soldering: see profle a in supplement section. cleaning: hand clean locally with alcohol based solution standards & certifcations flammability standards: ul94v-0 housing & base ul: file no. e44145 all single & double pole models recognized at 3a @ 125v/250v ac or 3a @ 30v dc. add /u to end of part number to order ul mark on switch. add /cul to end of part number to order culus mark on switch.
series lp01 short body pushbuttons www.nkk.com d67 indicators accessories supplement tactiles keylocks rotaries pushbuttons d illuminated pb slides programmable toggles rockers touch tilt distinctive characteristics environmentally friendly components and packaging materials meet rohs directive restricting use of hazardous materials. suited for lead-free soldering because of heat resistant resin materials. smooth, slightly concave surface of cap designed to ft fngertip. unique design and construction of cap prevents its removal and limits tampering. bright led illumination in choice of red, green, or amber through translucent white cap. short body of .551 (14.0mm) conserves behind-panel space. combination solder lug and .110 quick connect terminals. crisp actuation and clear circuit status provided by snap-action contact mechanism. arc barrier between movable contacts protects against crossover. actual size
series lp01 short body pushbuttons www.nkk.com d68 indicators accessories supplement tactiles keylocks rotaries pushbuttons d illuminated pb slides programmable rockers touch tilt toggles typical switch ordering example lp01 white cap spdt on-(on) circuit description for typical ordering example LP0115CCKW015CB 5c red led c b black housing bushing mount silver contacts rated 3a @ 125/250v ac; solder lug/quick connect terminals cap color b white k leds 5c red 5d amber 5f green c 5 1 plunger position ( ) = momentary connected terminals throw & power/lamp schematics pole model normal down normal down note: terminal markings com, no, nc, l, + and C are actually on the switch; terminal numbers are not on the switch. sp lp0115 on (on) 1-3 1-2 spdt dp lp0125 on (on) 1-3 4-6 1-2 4-5 dpdt poles & circuit 1 32 (com) 4 6 1 32 5 (com) l (+) (-) l l (+) (-) l w01 mounting types c bushing m snap-in important: switches are supplied without ul & culus markings unless specifed. specifc models & ratings noted on general specifcations page. nonilluminated no code nonilluminated nonilluminated cap colors a black c red f green poles 1 spdt 2 dpdt contacts & terminals w01 silver rated 3a @ 125v ac/250v ac solder lug/ quick connect terminals * circuit 5 on (on) ( ) = momentary housing k black * wire harness & cable assemblies offered only in americas
series lp01 short body pushbuttons www.nkk.com d69 indicators accessories supplement tactiles keylocks rotaries pushbuttons d illuminated pb slides programmable toggles rockers touch tilt mounting types c m bushing .630 (16.0mm) diameter this mounting option is supplied with a brass hexagon nut with nickel plating. snap-in .669 (17.0mm) diameter k housing black housing available in black only. the one-piece body and bezel have a matte fnish. recommended panel thickness: .079 ~ .256 (2.0mm ~ 6.5mm) recommended panel thickness: .039 ~ .126 (1.0mm ~ 3.2mm) allow .984 (25.0mm) distance from center-to-center between switches when mounted side-by-side. allow .827 (21.0mm) distance from center-to-center between switches when mounted side-by-side. w01 contact materials, ratings, & terminals silver power level solder lug/ .110 (2.8mm) quick connect 3a @ 125v ac/250v ac; 3a @ 30v dc (7.3) .287 epoxy seal (2.8) .110 (1.2) .047 (2.0) .079 thk = (0.5) .020 (0.6) r .024 (16.0) dia .630 (1.7) .067 (7.5) .295 (25.0) min .984 + 0.2 ? 0.0 + 0.0 ? 0.1 + 0.1 ? 0.0 (1.1) r .043 (17.3) dia .681 (18.1) .713 (21.0) min .827 + 0.2 ? 0.0 + 0.2 ? 0.0 + 0.2 ? 0.0 note: if used at 1a @ 125v ac/250v ac or 1a @ 30v dc, electrical life will be 100,000 operations minimum. led colors & specifications the electrical specifcations shown are determined at a basic temperature of 25c. led circuit is isolated and requires external power source. polarity marks are on the switch. if the source voltage exceeds the rated voltage, a ballast resistor is required. the resistor value can be calculated by using the formula in the supplement section. leds are an integral part of the switch and are not available separately. colors red amber green forward peak current i fm 30ma 30ma 30ma continuous forward current i f 20ma 20ma 20ma forward voltage v f 1.95v 2.0v 2.1v reverse peak voltage v rm 5v 5v 5v current reduction rate above 25c ?i f 0.41ma/c 0.29ma/c 0.39ma/c ambient temperature range C10c ~ +50c 5d 5f 5c single color led with 1 element (+) (-) no code no lamp
series lp01 short body pushbuttons www.nkk.com d70 indicators accessories supplement tactiles keylocks rotaries pushbuttons d illuminated pb slides programmable rockers touch tilt toggles typical switch dimensions bushing mount ? single pole bushing mount ? double pole LP0115CCKW015CB lp0125cckw015cb (13.6) dia .535 (20.0) dia .787 (2.5) .098 (7.3) .287 (21.3) .838 m16 p1 (1.2) x (2.0) ty p .047 x .079 (0.5) ty p .020 (5.5) .217 (2.8) ty p .110 (9.7) .382 nc l ?+ no no com 3 2 1 (3.0) .118 (5.55) .219 (3.7) .146 (2.5) .098 (7.3) .287 (21.3) .838 m16 p1 (1.2) x (2.0) ty p .047 x .079 (0.5) ty p .020 (5.5) .217 (2.8) ty p .110 (9.7) .382 nc l ?+ no no com 36 5 2 14 (6.0) .236 (11.1) .437 (3.7) .146 (13.6) dia .535 (20.0) dia .787 white b cap colors the translucent cap is an integral part of the switch and is not available separately. material: polycarbonate finish: matte a c cap colors available: nonilluminated caps black red illuminated cap f green the cap is an integral part of the switch and is not available separately. material: polycarbonate finish: matte cap color available:
series lp01 short body pushbuttons www.nkk.com d71 indicators accessories supplement tactiles keylocks rotaries pushbuttons d illuminated pb slides programmable toggles rockers touch tilt typical switch dimensions legends snap-in ? single pole lp0125cmkw015db lp0115cmkw015cb snap-in ? double pole (13.6) dia .535 (20.0) dia .787 (2.5) .098 (7.3) .287 (21.3) .838 (1.2) x (2.0) ty p .047 x .079 (0.5) ty p .020 (5.5) .217 (2.8) ty p .110 nc ?+ no no com 3 2 1 (9.7) .382 (3.0) .118 (5.55) .219 (3.7) .146 l (13.6) dia .535 (20.0) dia .787 (2.5) .098 (7.3) .287 (21.3) .838 (1.2) x (2.0) ty p .047 x .079 (0.5) ty p .020 (5.5) .217 (2.8) ty p .110 nc ?+ no no com (6.0) .236 (11.1) .437 (3.7) .146 l (9.7) .382 3 5 2 14 6 shaded area is printable area recommended methods: pad print or laser etch on cap. epoxy based ink is recommended. suggested printable area for lp01 cap (12.07) dia .475 (13.6) dia .535 (0.76) ty p .030 pwr nkk switches can provide custom legends for caps. contact factory for more information.


▲Up To Search▲   

 
Price & Availability of LP0115CCKW015CB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X