Part Number Hot Search : 
021A5 K2251 LN21R C4514 C8801 OP01GJ BAS116RF HDBL152G
Product Description
Full Text Search
 

To Download LFPHV001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  powr-gard ? blocks and holders datasheet littelfuse.com ? 2013 littelfuse powr-gard ? products rev: 010913 1 of 1 .689 (17.5) 3.19 (81.0) lfphv 30a 1000v lfphv0001z 2.55 (64.7) .689 (17.5) 2.547 (64.7) .157 (4.0) features/benefts ? finger-safe design offers personnel protection ? compact design ? 35 mm din rail mountable ? no fuse pullers or tools required for fuse removal ? indication option available ? contact factory for multi-pole confgurations ? approved for feld wiring specifcations voltage ratings 1000 vdc amperage rating 30 a sccr rating 33 ka terminal type pressure plate power dissipation 3 w maximum material thermoplastic flammability rating ul94 v-0 approval ul listed (file no. e345481) iec 60269-1* iec 60269-4* iec 60269-2* iec 60269-6* *with vde verifcation environmental rohs compliant, lead (pb) free ordering information web resources sample requests, downloadable cad drawings and other technical information: littelfuse.com/lfphv more information about solar applications and fuse holder details: littelfuse.com/solar recommended fuses 1000 v 10x38mm (midget style) fuses littelfuse spf solar series littelfuse flu series descr iption the littelfuse lfphv fuse holder is designed to house 1000 v 10x38mm (midget style) fuses. it is not designed for load break but is ideal for isolating photovoltaic module strings for maintenance and meets ul requirements for 1000 v solar fuse protection. dimensions inches (mm) terminal torque number of wires wire type wire size torque 1 90? max cu only 18 awg-8 awg 18-22 lb-in/ 2.03-2.49 n-m 1 90? max cu only 4 awg-6 awg 22-26 lb-in/ 2.49-2.94 n-m 2 ? 90? max cu only 18 awg-8 awg 18-22 lb-in/ 2.03-2.49 n-m ?must be the same cross-sectioned size catalog number ordering number poles pack qty indication LFPHV001 lfphv0001z 1 12 C LFPHV001id lfphv0001zxid 1 12 ? lfphv dea d -front 10 x 38 mm (mi d get) f use hol d ers 1000 v 1 of 1 look for this logo to indicate products that are used in solar applications. v isit our website www.littelfuse.com/solar for the latest updates on approvals, certifcations, and new products.


▲Up To Search▲   

 
Price & Availability of LFPHV001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X