Part Number Hot Search : 
7C660X AD9070BR PJD882 SP720AB 5KE16A AN4210 11001 LCX16
Product Description
Full Text Search
 

To Download KTC1026 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1994. 5. 20 1/3 semiconductor technical data KTC1026 triple diffused npn transistor revision no : 0 high voltage application. color tv class b sound output application. features  high voltage : v ceo =180v.  high dc current gain. maximum ratings (ta=25 1 ) dim millimeters a b d e g h k l 1. emitter 2. collector 3. base p to-92l 7.20 max 5.20 max 2.50 max 0.60 max 1.27 1.70 max 0.55 max 14.00 0.50 0.35 min 0.75 0.10 4 f j m o q 25 1.25 1.50 0.10 max depth:0.2 123 b a c q k ff m m n n o h l j d c n g p hh e d h r s 12.50 0.50 r 1.00 s 1.15 max + _ + _ + _ electrical characteristics (ta=25 1 ) note : h fe (1) classification y:120  240, gr:200  400 characteristic symbol rating unit collector-base voltage v cbo 200 v collector-emitter voltage v ceo 180 v emitter-base voltage v ebo 5 v collector current i c 100 ma base current i b 50 ma collector power dissipation p c 1 w junction temperature t j 150 1 storage temperature range t stg -55  150 1 characteristic symbol test condition min. typ. max. unit collector cut-off current i cbo v cb =200v, i e =0 - - 0.1  a emitter cut-off current i ebo v eb =5v, i c =0 - - 0.1  a dc current gain h fe (1) (note) v ce =10v, i c =10ma 120 - 400 h fe (2) v ce =10v, i c =50ma 80 - - collector-emitter saturation voltage v ce(sat) i c =50ma, i b =5ma - - 0.5 v base-emitter voltage v be v ce =10v, i c =1ma 0.5 0.6 0.7 v transition frequency f t v ce =10v, i c =10ma 50 - - mhz collector output capacitance c ob v cb =10v, i e =0, f=1mhz - - 7.0 pf
1994. 5. 20 2/3 KTC1026 revision no : 0 ce(sat) collector current i (ma) v - i collector-emitter saturation c 0. 5 1 3 0.1 i - v c ce ce co ll ecto r -emitter volta ge v (v) 02 10 12 100 c 0 collector current i (ma) 20 h - i fe c c collector current i (ma) 1 0.3 fe dc current gain h 30 collector-emitter saturation ce(sat) 0.03 30 10 1 collector current i (ma) c c ce(sat) v - i 20 collector current i (ma) 0 c 100 0.2 0 base-emitter voltage v (v) be be c i - v 30 dc current gain h fe 1k 0.3 3 collector current i (ma) c c fe h - i 468 120 60 80 40 common emitter ta=25 c i =100 a b 200 a 300 a 400 a 500 a 700 a 1ma 2ma 0 a 0.4 0.6 0.8 1.0 1.2 40 60 80 common v =10v ce emitter ta=100 c ta=25 c ta=0 c 1 10 30 100 200 50 100 300 500 common emitter ta=25 c v =2 v ce 5v 10v 20v 10 3 30 100 200 50 100 300 500 1k 3k common emitter v =10v ce ce v =5v ta=100 c ta=25 c ta=0 c v =10v ce 5v c voltage v (v) ce(sat) 5 10 30 50 100 0.05 0.3 0.5 1 common emitter i /i =10 b c ta=100 c t a =25 c ta=0 c voltage v (v) 0.5 3 5 50 100 300 0.05 0.1 0.3 0.5 1 common emitter ta=25 c i /i =2 0 c b b c i /i =5 b c i /i = 1 0
1994. 5. 20 3/3 KTC1026 revision no : 0 safe operating area ce collector-emitter voltage v (v) 3 5 10 30 500 c 1 collector current i (ma) 50 10 transition frequency f (mhz) t 500 0.5 10 1 collector current i (ma) c c t f - i c - v ob cb cb collector-base voltage v (v) 15 0.5 ob 1 collector output capactance c (pf) 10 3 10 30 50 100 200 3 5 30 50 i =0 f=1mhz ta=25 c e 3 5 30 50 100 200 30 50 100 300 common emitter ta=25 c v =10v ce 5v 2v 50 100 300 3 5 10 30 100 300 single nonrepetitive pulse ta=25 c curves must be derated linearly with increase in temperature i max(pulsed) c c i max(continuous) dc o pe r at io n v max ceo 10 msec 100msec 1sec


▲Up To Search▲   

 
Price & Availability of KTC1026

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X