Part Number Hot Search : 
NESW017T MJD32C STBB082 H22B1 T00A0 2N2907A MC2850 TZJ13
Product Description
Full Text Search
 

To Download IRHN9150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  absolute maximum ratings parameter units i d @ v gs = -12v, t c = 25c continuous drain current -22 i d @ v gs = -12v, t c = 100c continuous drain current -14 i dm pulsed drain current ? -88 p d @ t c = 25c max. power dissipation 150 w linear derating factor 1.2 w/c v gs gate-to-source voltage 20 v e as single pulse avalanche energy ? 500 mj i ar avalanche current ? -22 a e ar repetitive avalanche energy ? 15 mj dv/dt peak diode recovery dv/dt ? -23 v/ns t j operating junction -55 to 150 t stg storage temperature range pckg mounting surface temp. 300 ( for 5s) weight 2.6 (typical) g pd - 90885f pre-irradiation international rectifier?s radhard hexfet tm technology provides high performance power mosfets for space applications. this technology has over a decade of proven performance and reliability in satellite applications. these devices have been characterized for both total dose and single event effects (see). the combination of low rdson and low gate charge reduces the power losses in switching applications such as dc to dc converters and motor control. these devices retain all of the well established advantages of mosfets such as voltage control, fast switching, ease of paralleling and temperature stability of electrical parameters. o c a radiation hardened jansr2n7422u power mosfet 100v, p-channel surface mount (smd-1) ref: mil-prf-19500/662 rad hard ? hexfet ? t echnology 04/07/04 www.irf.com 1 smd-1 product summary part number radiation level r ds(on) i d qpl part number IRHN9150 100k rads (si) 0.080 ? -22a jansr2n7422u irhn93150 300k rads (si) 0.080 ? -22a jansf2n7422u features:  single event effect (see) hardened  low r ds(on)  low total gate charge  proton t olerant  simple drive requirements  ease of paralleling  hermetically sealed  surface mount  ceramic package  light weight for footnotes refer to the last page IRHN9150
IRHN9150, jansr2n7422u pre-irradiation 2 www.irf.com electrical characteristics @ tj = 25c (unless otherwise specified) parameter min typ max units t est conditions bv dss drain-to-source breakdown voltage -100 ? ? v v gs = 0v, i d =-1.0ma ? bv dss / ? t j temperature coefficient of breakdown ? -0.093 ? v/c reference to 25c, i d = -1.0ma voltage r ds(on) static drain-to-source on-state ? ? 0.080 v gs = -12v, i d = -14a ? resistance ? ? 0.085 ? v gs = -12v, i d = -22a ? v gs(th) gate threshold voltage -2.0 ? -4.0 v v ds = v gs , i d = -1.0ma g fs forward transconductance 11 ? ? s ( ) v ds >-15v, i ds = -14a ? i dss zero gate voltage drain current ? ? -25 v ds = -80v ,v gs =0v ? ? -250 v ds = -80v, v gs = 0v, t j = 125c i gss gate-to-source leakage forward ? ? -100 v gs = -20v i gss gate-to-source leakage reverse ? ? 100 v gs = 20v q g total gate charge ? ? 200 v gs =-12v, i d = -22a q gs gate-to-source charge ? ? 35 nc v ds = -50v q gd gate-to-drain (?miller?) charge ? ? 48 t d (on) turn-on delay time ? ? 40 v dd = -50v, i d = -22a, t r rise time ? ? 170 v gs =-12v, r g = 2.35 ? t d (off) turn-off delay time ? ? 190 t f fall time ? ? 190 l s + l d total inductance ? 4.0 ? c iss input capacitance ? 4300 ? v gs = 0v, v ds = -25v c oss output capacitance ? 1100 ? pf f = 1.0mhz c rss reverse transfer capacitance ? 310 ? na ? nh ns a thermal resistance parameter min typ max units t est conditions r thjc junction-to-case ? ? 0.83 r thj-pcb junction-to-pc board ? 6.6 ?  soldered to a 1?sq. copper-clad board c/w measured from the center of drain pad to center of source pad source-drain diode ratings and characteristics parameter min typ max units t est conditions i s continuous source current (body diode) ? ? -22 i sm pulse source current (body diode) ? ? ? -88 v sd diode forward voltage ? ? -3.0 v t j = 25c, i s = -22a, v gs = 0v ? t rr reverse recovery time ? ? 300 ns t j = 25c, i f = -22a, di/dt -100a/ s q rr reverse recovery charge ? ? 1.5 c v dd -50v ? t on forward turn-on time intrinsic turn-on time is negligible. turn-on speed is substantially controlled by l s + l d . a note: corresponding spice and saber models are available on international rectifier web site. for footnotes refer to the last page
www.irf.com 3 pre-irradiation IRHN9150, jansr2n7422u table 1. electrical characteristics @ tj = 25c, post total dose irradiation ?? parameter 100k rads(si) 1 300k rads (si) 2 units test conditions min max min max bv dss drain-to-source breakdown voltage -100 ? -100 ? v v gs = 0v, i d = -1.0ma v gs(th) gate threshold voltage -2.0 -4.0 -2.0 -5.0 v gs = v ds , i d = -1.0ma i gss gate-to-source leakage forward ? -100 ? -100 na v gs = -20v i gss gate-to-source leakage reverse ? 100 ? 100 v gs = 20 v i dss zero gate voltage drain current ? -25 ? -25 a v ds =-80v, v gs =0v r ds(on) static drain-to-source  ? ? 0.081 ? 0.081 ? v gs = -12v, i d =-14a on-state resistance (to-3) r ds(on) static drain-to-source  ? ? 0.080 ? 0.080 ? v gs = -12v, i d =-14a on-state resistance (smd-1) international rectifier radiation hardened mosfets are tested to verify their radiation hardness capability. the hardness assurance program at international rectifier is comprised of two radiation environments. every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the t o-3 package. both pre- and post-irradiation performance are tested and specified using the same drive circuitry and test conditions in order to provide a direct comparison. radiation characteristics 1. part number IRHN9150 (jansr2n7422u) 2. part numbers irhn93150 (jansf2n7422u) fig a. single event effect, safe operating area international rectifier radiation hardened mosfets have been characterized in heavy ion environment for single event effects (see). single event effects characterization is illustrated in fig. a and table 2. table 2. single event effect safe operating area for footnotes refer to the last page v sd diode forward voltage  ? ? -3.0 ? - 3.0 v v gs = 0v, i s = -22a -120 -100 -80 -60 -40 -20 0 0 5 10 15 20 vgs vds cu br i n o i t e l ) ) 2 m c / g m ( / v e m y g r e n e ) v e m ( e g n a r ) m ( ) v ( s d v v 0 = s g v @v 5 = s g v @v 0 1 = s g v @v 5 1 = s g v @v 0 2 = s g v @ u c8 25 8 23 40 0 1 -0 0 1 -0 0 1 -0 7 -0 6 - r b8 . 6 35 0 39 30 0 1 -0 0 1 -0 7 -0 5 -0 4 - i9 . 9 55 4 38 . 2 30 6 - ????
IRHN9150, jansr2n7422u pre-irradiation 4 www.irf.com fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics 10 100 5 6 7 8 9 10  v = -50v 20 s pulse width ds v , gate-to-source volta g e (v) i , drain-to-source current (a) gs d  t = 25 c j  t = 150 c j 10 100 1 10 100  20 s pulse width t = 25 c j  top bottom vgs -15v -12v -10v -9.0v -8.0v -7.0v -6.0v -5.0v -v , drain-to-source voltage (v) -i , drain-to-source current (a) ds d -5.0v 10 100 1 10 100  20 s pulse width t = 150 c j  top bottom vgs -15v -12v -10v -9.0v -8.0v -7.0v -6.0v -5.0v -v , drain-to-source voltage (v) -i , drain-to-source current (a) ds d -5.0v -60 -40 -20 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 2.5 3.0 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on)   v = i = gs d -12v -22a - -
www.irf.com 5 pre-irradiation IRHN9150, jansr2n7422u fig 8. maximum safe operating area fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage 1 10 100 0 1000 2000 3000 4000 5000 6000 7000 -v , drain-to-source voltage (v) c, capacitance (pf) ds  v c c c = = = = 0v, c c c f = 1mhz + c + c c shorted gs iss g s g d , ds rss g d oss ds g d  c iss  c oss  c rss 0 40 80 120 160 200 0 4 8 12 16 20 q , total gate char g e (nc) -v , gate-to-source voltage (v) g gs   for test circuit see figure i = d 13 -22a  v = -20v ds v = -50v ds v = -80v ds 1 10 100 0.0 1.0 2.0 3.0 4.0 -v ,source-to-drain volta g e (v) -i , reverse drain current (a) sd sd  v = 0 v gs  t = 25 c j  t = 150 c j 1 10 100 1000 1 10 100 1000  operation in this area limited by r ds ( on )  single pulse t t = 150 c = 25 c j c -v , drain-to-source volta g e (v) -i , drain current (a) i , drain current (a) ds d  100us  1ms  10ms
IRHN9150, jansr2n7422u pre-irradiation 6 www.irf.com fig 11. maximum effective transient thermal impedance, junction-to-case fig 9. maximum drain current vs. case temperature fig 10a. switching time test circuit fig 10b. switching time waveforms v ds pulse width 1 s duty factor 0.1 % r d v gs v dd r g d.u.t. + - v ds 90% 10% v gs t d(on) t r t d(off) t f 25 50 75 100 125 150 0 4 8 12 16 20 24 t , case temperature ( c) -i , drain current (a) c d 0.001 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1  notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c  p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50  single pulse (thermal response) v gs
www.irf.com 7 pre-irradiation IRHN9150, jansr2n7422u fig 12c. maximum avalanche energy vs. drain current fig 12b. unclamped inductive waveforms fig 12a. unclamped inductive test circuit t p v ( br ) dss i as r g i as 0.01 ? t p d.u.t l v ds v dd driver a 15v -20v fig 13a. basic gate charge waveform q g q gs q gd v g charge -12v fig 13b. gate charge test circuit d.u.t. v ds i d i g -3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + - -12v 25 50 75 100 125 150 0 200 400 600 800 1000 1200 starting t , junction temperature ( c) e , single pulse avalanche energy (mj) j as  i d top bottom -9.8a -14a -22a v gs
IRHN9150, jansr2n7422u pre-irradiation 8 www.irf.com ? pulse width 300 s; duty cycle 2% ? total dose irradiation with v gs bias. -12 volt v gs applied and v ds = 0 during irradiation per mil-std-750, method 1019, condition a. ? total dose irradiation with v ds bias. -80 volt v ds applied and v gs = 0 during irradiation per mll-std-750, method 1019, condition a. ? repetitive rating; pulse width limited by maximum junction temperature. ? v dd = -25v, starting t j = 25c, l= 2.1mh peak i l = -22a, v gs = -12v ? i sd -22a, di/dt -450a/ s, v dd -100v, t j 150c foot notes: case outline and dimensions ? smd-1 p ad assignments ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 ir leominster : 205 crawford st., leominster, massachusetts 01453, usa tel: (978) 534-5776 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . data and specifications subject to change without notice. 04/2004


▲Up To Search▲   

 
Price & Availability of IRHN9150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X