Part Number Hot Search : 
LUMBERG AN131 BA4558 PS252 D2495 TS7009 IRKD166 C4532X
Product Description
Full Text Search
 

To Download HFBR-5905 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  atm multimode fiber transceivers for sonet oc-3/sdh stm-1 in low cost 2 x 5 package style technical data HFBR-5905 1300 nm 2 km features ? multisourced 2 x 5 package style with mt-rj receptacle  single +3.3 v power supply  wave solder and aqueous wash process compatibility  manufactured in an iso 9002 certified facility  full compliance with atm forum uni sonet oc-3 multimode fiber physical layer specification applications  multimode fiber atm backbone links  multimode fiber atm wiring closet to desktop links description the hfbr-5900 family of trans- ceivers from agilent provide the system designer with products to implement a range of solutions for multimode fiber sonet oc-3 (sdh stm-1) physical layers for atm and other services. these transceivers are all supplied in the new industry standard 2 x 5 dip style with a mt-rj fiber connector interface. atm 2 km backbone links the HFBR-5905 is a 1300 nm product with optical performance compliant with the sonet sts-3c (oc-3) physical layer interface specification. this physical layer is defined in the atm forum user- network interface (uni) specification version 3.0. this document references the ansi t1e1.2 specification for the details of the interface for 2 km multimode fiber backbone links. the atm 100 mb/s-125 mbd physical layer interface is best implemented with the hfbr-5903 family of fddi transceivers which are specified for use in this 4b/5b encoded physical layer per the fddi pmd standard. transmitter sections the transmitter section of the HFBR-5905 utilizes a 1300 nm ingaasp led. this led is packaged in the optical subassembly portion of the transmitter section. it is driven by a custom silicon ic which converts differential pecl logic signals, ecl referenced (shifted) to a +3.3 v supply, into an analog led drive current. receiver sections the receiver section of the HFBR-5905 utilizes an ingaas pin photodiode coupled to a custom silicon transimpedance preamplifier ic. it is packaged in the optical subassembly portion of the receiver. this pin/preamplifier combination is coupled to a custom quantizer ic which provides the final pulse shaping for the logic output and the signal detect function. the data output is differential. the signal detect output is single- ended. both data and signal detect outputs are pecl compat- ible, ecl referenced (shifted) to a 3.3 v power supply. the receiver outputs, data out and data out bar, are squelched at signal detect deassert. that is, when the light input power decreases to a typical -38 dbm or less, the signal detect deasserts, i.e. the signal detect output goes to a pecl low state. this forces the receiver outputs, data out and data out bar to go to steady pecl levels high and low respectively.
2 package the overall package concept for the agilent transceiver consists of three basic elements; the two optical subassemblies, an electrical subassembly, and the housing as illustrated in the block diagram in figure 1. the package outline drawing and pin out are shown in figures 2 and 3. the details of this package outline and pin out are compliant with the multisource definition of the 2 x 5 dip. the low profile of the agilent transceiver design complies with the maximum height allowed for the mt-rj connector over the entire length of the package. the optical subassemblies utilize a high-volume assembly process together with low-cost lens elements which result in a cost- effective building block. the electrical subassembly con- sists of a high volume multilayer printed circuit board on which the ic and various surface-mounted passive circuit elements are attached. the receiver section includes an internal shield for the electrical and optical subassemblies to ensure high immunity to external emi fields. figure 1. block diagram. the outer housing including the mt-rj ports is molded of filled nonconductive plastic to provide mechanical strength and electrical isolation. the solder posts of the agilent design are isolated from the internal circuit of the transceiver. the transceiver is attached to a printed circuit board with the ten signal pins and the two solder posts which exit the bottom of the housing. the two solder posts provide the primary mechanical strength to withstand the loads imposed on the transceiver by mating with the mt-rj connectored fiber cables. data out signal detect data in quantizer ic led driver ic pin photodiode pre-amplifier subassembly led optical subassembly data out data in mt-rj receptacle r x supply t x supply r x ground t x ground
3 figure 2. package outline drawing front view 13.97 (0.55) min. 4.5 0.2 (0.177 0.008) (pcb to optics center line) 5.15 (0.20) (pcb to overall receptacle center line) ? 0.61 (0.024) pin 1 top view 10.0 (0.394) max. 13.59 (0.535) max. 12.4 (0.488) 7.59 (0.299) 8.6 (0.339) ?1.5 (0.059) 17.778 (0.7) 1.778 (0.07) 7.112 (0.28) +0 -0.2 (+000) (-008) 10.16 (0.4) dimensions in millimeters (inches) notes: 1. this page describes the maximum package outline, mounting studs, pins and their relationships to each other. 2. toleranced to accommodate round or rectangular leads. 3. all 12 pins and posts are to be treated as a single pattern. 4. the mt-rj has a 750 m fiber spacing. 5. the mt-rj alignment pins are in the module. 6. for sm modules, the ferrule will be pc polished (not angled). 7. see mt-rj transceiver pin out diagram for details. 36.04 (1.419) max. side view 48.57 (1.912) 9.8 (0.386) max. 9.3 (0.366) max. ? 1.07 (0.042) 3.3 (0.13)
4 figure 3. pin out diagram. pin descriptions: pin 1 receiver signal ground v ee rx: directly connect this pin to the receiver ground plane. pin 2 receiver power supply v cc rx: provide +3.3 v dc via the recommended receiver power supply filter circuit. locate the power supply filter circuit as close as possible to the v cc rx pin. pin 3 signal detect sd: normal optical input levels to the receiver result in a logic ?1? output. low optical input levels to the receiver result in a fault condition indicated by a logic ?0? output. this signal detect output can be used to drive a pecl input on an upstream circuit, such as signal detect input or loss of signal-bar. pin 4 receiver data out bar rd-: no internal terminations are provided. see recommended circuit schematic. pin 5 receiver data out rd+: no internal terminations are provided. see recommended circuit schematic. pin 6 transmitter power supply v cc tx: provide +3.3 v dc via the recommended transmitter power supply filter circuit. locate the power supply filter circuit as close as possible to the v cc tx pin. pin 7 transmitter signal ground v ee tx: directly connect this pin to the transmitter ground plane. pin 8 transmitter disable t dis : no internal connection. optional feature for laser based products only. for laser based products connect this pin to +3.3 v ttl logic high ?1? to disable module. to enable module connect to ttl logic low ?0?. pin 9 transmitter data in td+: no internal terminations are provided. see recommended circuit schematic. pin 10 transmitter data in bar td-: no internal terminations are provided. see recommended circuit schematic. mounting studs/solder posts the mounting studs are provided for transceiver mechanical attachment to the circuit board. it is recommended that the holes in the circuit board be connected to chassis ground. transmitter data in bar transmitter data in transmitter disable (laser based products only) transmitter signal ground transmitter power supply rx tx f f f f f 1 2 3 4 5 f f f f f 10 9 8 7 6 receiver signal ground receiver power supply signal detect receiver data out bar receiver data out top view mounting studs/solder posts
5 application information the applications engineering group is available to assist you with the technical understanding and design trade-offs associated with these transceivers. you can contact them through your agilent sales representative. the following information is provided to answer some of the most common questions about the use of these parts. transceiver optical power budget versus link length optical power budget (opb) is the available optical power for a fiber optic link to accommodate fiber cable losses plus losses due to in-line connectors, splices, optical switches, and to provide margin for link aging and unplanned losses due to cable plant reconfiguration or repair. figure 4 illustrates the predicted opb associated with the transceiver specified in this data sheet at the beginning of life (bol). these curves represent the attenuation and chromatic plus modal dispersion losses associated with the 62.5/125 m and 50/125 m fiber cables only. the area under the curves represents the remaining opb at any link length, which is available for overcoming non- fiber cable related losses. agilent led technology has produced 1300 nm led devices with lower aging characteristics than normally associated with these technologies in the industry. the industry convention is 1.5 db aging for 1300 nm leds. the 1300 nm agilent leds are specified to experience less than 1 db of aging over normal com- mercial equipment mission life periods. contact your agilent sales representative for additional details. figure 4 was generated for the 1300 nm transceivers with a agilent fiber optic link model containing the current industry conventions for fiber cable specifications and the draft ansi t1e1.2. these optical parameters are reflected in the guaranteed performance of the transceiver specifications in this data sheet. this same model has been used extensively in the ansi and ieee committees, including the ansi t1e1.2 committee, to establish the optical performance requirements for various fiber optic interface standards. the cable parameters used come from the iso/iec jtc1/sc 25/wg3 generic cabling for customer premises per dis 11801 document and the eia/tia-568-a commercial building telecommunications cabling standard per sp-2840. transceiver signaling operating rate range and ber performance for purposes of definition, the symbol (baud) rate, also called signaling rate, is the reciprocal of the symbol time. data rate (bits/ sec) is the symbol rate divided by the encoding factor used to encode the data (symbols/bit). when used in 155 mb/s sonet oc-3 applications the perform- ance of the 1300 nm transceivers, HFBR-5905 is guaranteed to the full conditions listed in product specification tables. the transceivers may be used for other applications at signaling rates different than 155 mb/s with some variation in the link optical power budget. figure 5 gives an indication of the typical performance of these products at different rates. these transceivers can also be used for applications which require different bit error rate (ber) performance. figure 6 illustrates the typical trade-off between link ber and the receivers input optical power level. figure 4. typical optical power budget at bol versus fiber optic cable length. figure 5. transceiver relative optical power budget at constant ber vs. signaling rate. conditions: 1. prbs 2 7 -1 2. data sampled at center of data symbol. 3. ber = 10 -6 4. t a = +25 c 5. v cc = 3.3 v dc 6. input optical rise/fall times = 1.0/2.1 ns. -1 -0.5 0 0.5 1 1.5 2 2.5 0 25 50 75 100 125 150 175 200 signal rate (mbd) transceiver relative power budget at constant ber (db) optical power budget (db) 0 fiber optic cable length (km) 0.5 1.5 2.0 2.5 12 10 8 6 4 2 1.0 0. 3 HFBR-5905, 62.5/125 m HFBR-5905 50/125 m
6 figure 6. bit error rate vs. relative receiver input optical power. to the overall system jitter without violating the annex b allocation example. in practice, the typical contribution of the agilent transceivers is well below these maximum allowed amounts. recommended handling precautions agilent recommends that normal static precautions be taken in the handling and assembly of these transceivers to prevent damage which may be induced by electrostatic discharge (esd). the hfbr-5900 series of transceivers meet mil-std-883c method 3015.4 class 2 products. care should be used to avoid shorting the receiver data or signal detect outputs directly to ground without proper current limiting impedance. figure 7. recommended decoupling and termination circuits transceiver jitter performance the agilent 1300 nm transceivers are designed to operate per the system jitter allocations stated in table b1 of annex b of the draft ansi t1e1.2 revision 3 standard. the agilent 1300 nm transmitters will tolerate the worst case input electrical jitter allowed in annex b without violating the worst case output optical jitter requirements. the agilent 1300 nm receivers will tolerate the worst case input optical jitter allowed in annex b without violating the worst case output electrical jitter allowed. the jitter specifications stated in the following 1300 nm transceiver specification tables are derived from the values in table b1 of annex b. they represent the worst case jitter contribution that the transceivers are allowed to make f  v ee r x f v cc r x f  sd f rd- f  rd+ z = 50 w z = 50 w terminate at transceiver inputs z = 50 w z = 50 w 10 9 8 7 6 sd lvpecl v cc (+3.3 v) terminate at device inputs lvpecl v cc (+3.3 v) phy device td+ td- rd+ rd- v cc (+3.3 v) 82 w 130 w z = 50 w 1 2 3 4 5 td- f td+ f n/c f v ee t x f v cc t x f 1 h c2 1 h c1 c3 10 f v cc (+3.3 v) t x r x note: c1 = c2 = c3 = 10 nf or 100 nf 100 w 100 w 130 w 130 w 130 w 130 w bit error rate -6 4 1 x 10-2 relative input optical power - db -4 2 -2 0 1 x 10-4 1 x 10-6 1 x 10-8 1 x 10-10 1 x 10-11 conditions: 1. 125 mbd 2. prbs 2 7 -1 3. center of symbol sampling 4. t a = +25 c 5. v cc = 3.3 v dc 6. input optical rise/fall times = 1.0/2.1 ns. 1 x 10-12 1 x 10-9 1 x 10-7 1 x 10-5 1 x 10-3 center of symbol HFBR-5905 series
7 solder and wash process compatibility the transceivers are delivered with protective process plugs inserted into the mt-rj receptacle. this process plug protects the optical subassemblies during wave solder and aqueous wash processing and acts as a dust cover during shipping. these transceivers are compat- ible with either industry standard wave or hand solder processes. shipping container the transceiver is packaged in a shipping container designed to protect it from mechanical and esd damage during shipment or storage. board layout - decoupling circuit, ground planes and termination circuits it is important to take care in the layout of your circuit board to achieve optimum performance from these transceivers. figure 7 provides a good example of a schematic for a power supply decoupling circuit that works well with these parts. it is further recommended that a contiguous ground plane be provided in the circuit board directly under the transceiver to provide a low inductance ground for signal return current. this recommenda- tion is in keeping with good high frequency board layout practices. figures 7 and 8 show two recommended termination schemes. board layout - hole pattern the agilent transceiver complies with the circuit board ?common transceiver footprint? hole pattern defined in the original multisource announcement which defined the 2 x 5 package style. this drawing is reproduced in figure 9 with the addition of ansi y14.5m compliant dimensioning to be used as a guide in the mechani- cal layout of your circuit board. figure 8. alternative termination circuits f v ee r x f v cc r x f sd f rd- f rd+ z = 50 w 130 w v cc (+3.3 v) 10 nf z = 50 w 130 w 82 w 82 w terminate at transceiver inputs z = 50 w z = 50 w 10 9 8 7 6 sd lvpecl v cc (+3.3 v) terminate at device inputs lvpecl v cc (+3.3 v) phy device td+ td- rd+ rd- z = 50 w 1 2 3 4 5 td- f td+ f n/c f v ee t x f v cc t x f 1 h c2 1 h c1 c3 10 f v cc (+3.3 v) t x r x note: c1 = c2 = c3 = 10 nf or 100 nf 10 nf 130 w 82 w v cc (+3.3 v) 130 w 82 w v cc (+3.3 v) 82 w 130 w 10 nf
8 board layout - art work the applications engineering group has developed a gerber file artwork for a multilayer printed circuit board layout incorporating the recommendations above. contact your local agilent sales representative for details. regulatory compliance these transceiver products are intended to enable commercial system designers to develop equipment that complies with the various international regulations governing certification of information technology equipment. see the regulatory compliance table for details. additional information is available from your agilent sales representative. figure 9. recommended board layout hole pattern electrostatic discharge (esd) there are two design cases in which immunity to esd damage is important. the first case is during handling of the transceiver prior to mounting it on the circuit board. it is important to use normal esd handling precautions for esd sensitive devices. these pre- cautions include using grounded wrist straps, work benches, and floor mats in esd controlled areas. the second case to consider is static discharges to the exterior of the equipment chassis con- taining the transceiver parts. to the extent that the mt-rj connector is exposed to the outside of the equipment chassis it may be subject to whatever esd system level test criteria that the equipment is intended to meet. dimensions in millimeters (inches) notes: 1. this figure describes the recommended circuit board layout for the mt-rj transceiver placed at .550 spacing. 2. the hatched areas are keep-out areas reserved for housing standoffs. no metal traces or ground connection in keep-out areas. 3. 10 pin module requires only 16 pcb holes, including 4 package grounding tab holes connected to signal ground. 4. the solder posts should be soldered to chassis ground for mechanical integrity and to ensure footprint compatibility with other sff transceivers. spacing of front housing leads holes holes for housing leads 13.34 (0.525) keep out area for port plug 7.59 (0.299) 3 (0.118) 3 (0.118) 6 (0.236) 4.57 (0.18) 17.78 (0.7) 27 (1.063) 1.778 (0.07) 7.112 (0.28) ? 0.81 0.1 (0.032 0.004) 3.08 (0.121) ? 2.29 (0.09) 7.11 (0.28) 9.59 (0.378) 3.08 (0.121) ? 1.4 0.1 (0.055 0.004) ? 1.4 0.1 (0.055 0.004) ? 1.4 0.1 (0.055 0.004) 10.16 (0.4) 13.97 (0.55) min. 3.56 (0.14) 7 (0.276) 10.8 (0.425) 2 (0.079)
9 figure 10. recommended panel mounting regulatory compliance table electromagnetic interference (emi) most equipment designs utilizing this high speed transceiver from agilent will be required to meet the requirements of fcc in the united states, cenelec en55022 (cispr 22) in europe and vcci in japan. this product is suitable for use in designs ranging from a desktop computer with a single transceiver to a concentrator or switch product with a large number of transceivers. immunity equipment utilizing these transceivers will be subject to radio-frequency electromagnetic fields in some environments. these transceivers have a high immunity to such fields. for additional information regarding emi, susceptibility, esd and conducted noise testing procedures and results on the 1 x 9 transceiver family, please refer to applications note 1075, testing and measuring electromagnetic compatibility performance of the hfbr-510x/-520x fiber optic transceivers. feature test method performance electrostatic discharge (esd) to the electrical pins mil-std-883c meets class 2 (2000 to 3999 volts). withstand up to 2200 v applied between electrical pins. electrostatic discharge (esd) to the mt-rj receptacle variation of iec 801-2 typically withstand at least 25 kv without damage when the mt-rj connector receptacle is contacted by a human body model probe. electromagnetic interference (emi) fcc class b cenelec cen55022 vcci class 2 transceivers typically provide a 10 db margin to the noted standard limits when tested at a certified test range with the transceiver mounted to a circuit card without a chassis enclosure. immunity variation of iec 801-3 typically show no measurable effect from a 10 v/m field swept from 10 to 450 mhz applied to the transceiver when mounted to a circuit card without a chassis enclosure. eye safety ael class 1 en60825-1 (+a11) compliant per agilent testing under single fault conditions. tuv certification: pending dimensions in millimeters (inches) 10.8 0.1 (0.425 0.004) 13.97 (0.55) min. 0.25 0.1 (0.01 0.004) (top of pcb to bottom of opening) 9.8 0.1 (0.386 0.004) 14.79 (0.589) 1 (0.039) 3.8 (0.15)
10 figure 12. relative input optical power vs. eye sampling time position. figure 11. transmitter output optical spectral width (fwhm) vs. transmitter output optical center wavelength and rise/fall times. 0 1 2 3 4 5 6 -3 -2 -1 0 1 2 3 eye sampling time position (ns) relative input optical power (db) conditions: 1. t a = +25 c 2. v cc = 3.3 v dc 3. input optical rise/fall times = 1.0/2.1 ns. 4. input optical power is normalized to center of data symbol. 5. note 15 and 16 apply. transceiver reliability and performance qualification data the 2 x 5 transceivers have passed agilent reliability and performance qualification testing and are undergoing ongoing quality and reliability monitoring. details are available from your agilent sales representative. these transceivers are manufac- tured at the agilent singapore location which is an iso 9002 certified facility. ordering information the HFBR-5905 1300 nm product is available for production orders through the agilent component field sales offices and auth- orized distributors world wide. applications support materials contact your local agilent component field sales office for information on how to obtain pcb layouts and evaluation boards for the 2 x 5 transceivers. 200 100 l c ? transmitter output optical rise/ fall times ? ns 1280 1300 1320 180 160 140 120 1360 1340 d l - transmitter output optical spectral width (fwhm) - nm 1.0 1.5 2.5 3.0 2.0 HFBR-5905 transmitter test results of l c , dl and t r/f are correlated and comply with the allowed spectral width as a function of center wavelength for various rise and fall times. 1260 t r/f ? transmitter output optical rise/fall times ? ns 3.0
11 absolute maximum ratings absolute maximum limits mean that no catastrophic damage will occur if the product is subjected to these ratings for short peri ods, provided each limiting parameter is in isolation and all other parameters have values within the performance specification. it should not be assumed that limiting values of more than one parameter can be applied to the product at the same time parameter symbol min. typ. max. unit reference storage temperature t s -40 +100 c lead soldering temperature t sold +260 c lead soldering time t sold 10 sec. supply voltage v cc -0.5 3.6 v data input voltage v i -0.5 v cc v differential input voltage (p-p) v d 2.0 v note 1 output current i o 50 ma recommended operating conditions parameter symbol min. typ. max. unit reference ambient operating temperature t a 0 +70 c supply voltage v cc 3.135 3.465 v data input voltage - low v il - v cc -1.810 -1.475 v data input voltage - high v ih - v cc -1.165 -0.880 v data and signal detect output load r l 50  note 2 differential input voltage (p-p) v d 0.800 v note 1 transmitter electrical characteristics (t a = 0 c to +70 c, v cc = 3.135 v to 3.465 v) parameter symbol min. typ. max. unit reference supply current i cc 133 175 ma note 3 power dissipation p diss 0.45 0.60 w note 5a data input current - low i il -350 -2 a data input current - high i ih 18 350 a receiver electrical characteristics (t a = 0 c to +70 c, v cc = 3.135 v to 3.465 v) parameter symbol min. typ. max. unit reference supply current i cc 65 120 ma note 4 power dissipation p diss 0.225 0.415 w note 5b data output voltage - low v ol - v cc -1.840 -1.620 v note 6 data output voltage - high v oh - v cc -1.045 -0.880 v note 6 data output rise time t r 0.8 2.2 ns note 7 data output fall time t f 0.8 2.2 ns note 7 signal detect output voltage - low v ol - v cc -1.840 -1.620 v note 6 signal detect output voltage - high v oh - v cc -1.045 -0.880 v note 6 signal detect output rise time t r 0.35 2.2 ns note 7 signal detect output fall time t f 0.35 2.2 ns note 7 power supply noise rejection psnr 50 mv
12 transmitter optical characteristics (t a = 0 c to +70 c, v cc = 3.135 v to 3.465 v) parameter symbol min. typ. max. unit reference output optical power bol p o -19 -15.7 -14 dbm avg. note 8 62.5/125 m, na = 0.275 fiber eol -20 output optical power bol p o -22.5 -14 dbm avg. note 8 50/125 m, na = 0.20 fiber eol -23.5 optical extinction ratio 0.05 0.2 % note 9 -50 -35 db output optical power at p o ( ? 0 ? ) -45 dbm avg. note 10 logic low ? 0 ? state center wavelength  c 1270 1308 1380 nm note 23 figure 11 spectral width - fwhm  147 nm note 23 - rms 63 figure 11 optical rise time t r 0.6 1.2 3.0 ns note 12, 23 figure 11 optical fall time t f 0.6 2.0 3.0 ns note 12, 23 figure 11 systematic jitter contributed sj 0.04 1.2 ns p-p note 13 by the transmitter random jitter contributed rj 0 0.52 ns p-p note 14 by the transmitter receiver optical and electrical characteristics (t a = 0 c to +70 c, v cc = 3.135 v to 3.465 v) parameter symbol min. typ. max. unit reference input optical power p in min. (w) -30 dbm avg. note 15 minimum at window edge figure 12 input optical power p in min. (c) -31 dbm avg. note 16 minimum at eye center figure 12 input optical power maximum p in max. -14 dbm avg. note 15 operating wavelength  1270 1380 nm systematic jitter contributed sj 0.2 1.2 ns p-p note 17 by the receiver random jitter contributed rj 1 1.91 ns p-p note 18 by the receiver signal detect - asserted p a p d + 1.5 db -31 dbm avg. note 19 signal detect - deasserted p d -45 dbm avg. note 20 signal detect - hysteresis p a - p d 1.5 db signal detect assert time 0 2 100 s note 21 (off to on) signal detect deassert time 0 5 350 s note 22 (on to off)
13 notes: 1 . this is the maximum voltage that can be applied across the differential transmitter data inputs to prevent damage to the input esd protection circuit. 2 . the outputs are terminated with 50  connected to v cc -2 v. 3. the power supply current needed to operate the transmitter is provided to differential ecl circuitry. this circuitry maintains a nearly constant current flow from the power supply. constant current operation helps to prevent unwanted electrical noise from being generated and conducted or emitted to neighboring circuitry. 4. this value is measured with the out- puts terminated into 50  connected to v cc - 2 v and an input optical power level of -14 dbm average. 5a.the power dissipation of the transmitter is calculated as the sum of the products of supply voltage and current. 5b.the power dissipation of the receiver is calculated as the sum of the products of supply voltage and currents, minus the sum of the products of the output voltages and currents. 6. this value is measured with respect to v cc with the output terminated into 50  connected to v cc - 2 v. 7. the output rise and fall times are measured between 20% and 80% levels with the output connected to v cc -2 v through 50  . 8. these optical power values are measured with the following conditions:  the beginning of life (bol) to the end of life (eol) optical power degradation is typically 1.5 db per the industry convention for long wavelength leds. the actual degradation observed in agilent ? s 1300 nm led products is < 1 db, as specified in this data sheet.  over the specified operating voltage and temperature ranges.  with 25 mbd (12.5 mhz square- wave), input signal.  at the end of one meter of noted optical fiber with cladding modes removed. the average power value can be converted to a peak power value by adding 3 db. higher output optical power transmitters are available on special request. please consult with your local agilent sales representative for further details. 9. the extinction ratio is a measure of the modulation depth of the optical signal. the data ? 0 ? output optical power is compared to the data ? 1 ? peak output optical power and expressed as a percentage. with the transmitter driven by a 25 mbd (12.5 mhz square-wave) input signal, the average optical power is measured. the data ? 1 ? peak power is then calculated by adding 3 db to the measured average optical power. the data ? 0 ? output optical power is found by measuring the optical power when the transmitter is driven by a logic ? 0 ? input. the extinction ratio is the ratio of the optical power at the ? 0 ? level compared to the optical power at the ? 1 ? level expressed as a percentage or in decibels. 10.the transmitter will provide this low level of output optical power when driven by a logic ? 0 ? input. this can be useful in link troubleshooting. 11.the relationship between full width half maximum and rms values for spectral width is derived from the assumption of a gaussian shaped spectrum which results in a 2.35 x rms = fwhm relationship. 12. the optical rise and fall times are measured from 10% to 90% when the transmitter is driven by a 25 mbd (12.5 mhz square-wave) input signal. the ansi t1e1.2 committee has designated the possibility of defining an eye pattern mask for the transmitter optical output as an item for further study. agilent will incorporate this requirement into the specifications for these products if it is defined. the HFBR-5905 products typically comply with the template requirements of ccitt (now itu-t) g.957 section 3.2.5, figure 2 for the stm-1 rate, excluding the optical receiver filter normally associated with single mode fiber measurements which is the likely source for the ansi t1e1.2 committee to follow in this matter. 13.systematic jitter contributed by the transmitter is defined as the com- bination of duty cycle distortion and data dependent jitter. systematic jitter is measured at 50% threshold using a 155.52 mbd (77.5 mhz square-wave), 2 7 - 1 psuedorandom data pattern input signal. 14.random jitter contributed by the transmitter is specified with a 155.52 mbd (77.5 mhz square-wave) input signal. 15. this specification is intended to indicate the performance of the receiver section of the transceiver when input optical power signal characteristics are present per the following definitions. the input optical power dynamic range from the minimum level (with a window time-width) to the maximum level is the range over which the receiver is guaranteed to provide output data with a bit error rate (ber) better than or equal to 1 x 10 -10 .  at the beginning of life (bol)  over the specified operating temperature and voltage ranges  input is a 155.52 mbd, 2 23 - 1 prbs data pattern with 72 ? 1 ? s and 72 ? 0 ? s inserted per the ccitt (now itu-t) recommendation g.958 appendix i.  receiver data window time-width is 1.23 ns or greater for the clock recovery circuit to operate in. the actual test data window time-width is set to simulate the effect of worst case optical input jitter based on the transmitter jitter values from the specification tables. the test window time-width is HFBR-5905 3.32 ns.  transmitter operating with a 155.52 mbd, 77.5 mhz square-wave, input signal to simulate any cross- talk present between the transmitter and receiver sections of the transceiver. 16.all conditions of note 15 apply except that the measurement is made at the center of the symbol with no window time-width. 17.systematic jitter contributed by the receiver is defined as the combina- tion of duty cycle distortion and data dependent jitter. systematic jitter is measured at 50% threshold using a 155.52 mbd (77.5 mhz square-wave), 2 7 - 1 psuedorandom data pattern input signal. 18.random jitter contributed by the receiver is specified with a 155.52 mbd (77.5 mhz square-wave) input signal. 19.this value is measured during the transition from low to high levels of input optical power. 20. this value is measured during the transition from high to low levels of input optical power. at signal detect deassert, the receiver outputs data out and data out bar go to steady pecl levels high and low respectively.
21. the signal detect output shall be asserted within 100 s after a step increase of the input optical power. 22. signal detect output shall be de- asserted within 350 s after a step decrease in the input optical power. at signal detect deassert, the receiver outputs data out and data out bar go to steady pecl levels high and low respectively. 23. the HFBR-5905 transceiver complies with the requirements for the trade- offs between center wavelength, spectral width, and rise/fall times shown in figure 11. this figure is derived from the fddi pmd standard (iso/iec 9314-3 : 1990 and ansi x3.166 - 1990) per the description in ansi t1e1.2 revision 3. the interpretation of this figure is that values of center wavelength and spectral width must lie along the appropriate optical rise/fall time curve. www.semiconductor.agilent.com data subject to change. copyright ? 2000 agilent technologies, inc. obsoletes: 5968-6261e (6/99) 5968-6261e (03/00)


▲Up To Search▲   

 
Price & Availability of HFBR-5905

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X