Part Number Hot Search : 
1N5386 0NPBF IRFU410 RODUC MJE210T S6031 TMP90 SC2001
Product Description
Full Text Search
 

To Download HCF4010M013TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/8 july 2002 n propagation delay time t pd = 40ns (typ.) at v dd = 10v c l = 50pf n high to low level logic conversion n multiplexer: 1 to 6 or 6 to 1 n high "sink" and "source" current capability n quiescent current specified up to 20v n 5v, 10v and 15v parametric ratings n input leakage current i i = 100na (max) at v dd = 18v t a = 25c n 100% tested for quiescent current n meets all requirements of jedec jesd13b " standard specifications for description of b series cmos devices" description the hcf4010b is a monolithic integrated circuit fabricated in metal oxide semiconductor technology available in dip and sop packages. it is an non inverting hex buffer/converter and can be used as cmos to ttl or dtl logic level converters as current "sink" ot "source" drivers or as multiplexer (1 to 6). it is a preferred replacement of hcf4050b in buffer applications. hcf4010b hex buffer/converter (non inverting) pin connection order codes package tube t & r dip hcf4010bey sop hcf4010bm1 HCF4010M013TR dip sop
hcf4010b 2/8 input equivalent circuit pin description truth table absolute maximum ratings absolute maximum ratings are those values beyond which damage to the device may occur. functional operation under these conditi ons is not implied. all voltage values are referred to v ss pin voltage. recommended operating conditions this device has high to low level voltage conversion capability only pin no symbol name and function 3, 5, 7, 9, 11, 14 a, b, c, d, e, f data inputs 2, 4, 6, 10, 12, 15 g, h, i, j, k, l data outputs 13 nc not connected 1 v cc positive supply voltage 8 v ss negative supply voltage 16 v dd positive supply voltage inputs outputs a, b, c, d,e, f g, h, i, j, k, l ll hh symbol parameter value unit v dd supply voltage -0.5 to +22 v v cc supply voltage 0.5 to v dd + 0.5 v v i dc input voltage -0.5 to v dd + 0.5 v i i dc input current 10 ma p d power dissipation per package 200 mw power dissipation per output transistor 100 mw t op operating temperature -55 to +125 c t stg storage temperature -65 to +150 c symbol parameter value unit v dd supply voltage 3 to 20 v v cc supply voltage 0 to v dd v v i input voltage 0 to v dd v t op operating temperature -55 to 125 c
hcf4010b 3/8 dc specification the noise margin for both "1" and "0" level is: 1v min. with v dd =5v, 2v min. with v dd =10v, 2.5v min. with v dd =15v symbol parameter test condition value unit v i (v) v o (v) |i o | ( m a) v dd (v) t a = 25c -40 to 85c -55 to 125c min. typ. max. min. max. min. max. i l quiescent current 0/5 5 0.02 1 30 30 m a 0/10 10 0.02 2 60 60 0/15 15 0.02 4 120 120 0/20 20 0.04 20 600 600 v oh high level output voltage 0/5 <1 5 4.95 4.95 4.95 v 0/10 <1 10 9.95 9.95 9.95 0/15 <1 15 14.95 14.95 14.95 v ol low level output voltage 5/0 <1 5 0.05 0.05 0.05 v 10/0 <1 10 0.05 0.05 0.05 15/0 <1 15 0.05 0.05 0.05 v ih high level input voltage 0.5/4.5 <1 5 3.5 3.5 3.5 v 1/9 <1 10 7 7 7 1.5/13.5 <1 15 11 11 11 v il low level input voltage 4.5/0.5 <1 5 1.5 1.5 1.5 v 9/1 <1 10 3 3 3 13.5/1.5 <1 15 4 4 4 i oh output drive current 0/5 2.5 <1 5 -0.8 -1.6 -0.65 -0.65 ma 0/5 4.6 <1 5 -0.2 -0.4 -0.18 -0.18 0/10 9.5 <1 10 -0.45 -0.9 -0.38 -0.38 0/15 13.5 <1 15 -1.5 -3 -1.25 -1.25 i ol output sink current 0/5 0.4 <1 5 3 4 0.36 0.36 ma 0/10 0.5 <1 10 8 10 6.4 6.4 0/15 1.5 <1 15 24 36 1.9 1.9 i i input leakage current 0/18 any input 18 10 -5 0.1 1 1 m a c i input capacitance any input 5 7.5 pf
hcf4010b 4/8 dynamic electrical characteristics (t amb = 25c, c l = 50pf, r l = 200k w , t r = t f = 20 ns) (*) typical temperature coefficent for all v dd value is 0.3 %/c. test circuit c l = 50pf or equivalent (includes jig and probe capacitance) r l = 200k w r t = z out of pulse generator (typically 50 w ) symbol parameter test condition value (*) unit v dd (v) v i (v) v cc (v) min. typ. max. t tlh output transition time 5 5 5 150 350 ns 10 10 10 75 15 15 15 15 55 110 t thl output transition time 555 3570 ns 10 10 10 20 40 15 15 15 15 30 t plh propagation delay time 5 5 5 100 200 ns 10 10 10 50 100 10 10 5 50 100 15 15 15 35 70 15 15 5 35 70 t phl propagation delay time 555 65130 ns 10 10 10 35 70 10 10 5 30 70 15 15 15 25 50 15 15 5 20 40
hcf4010b 5/8 waveform 1: propagation delay times (f=1mhz; 50% duty cycle)
hcf4010b 6/8 dim. mm. inch min. typ max. min. typ. max. a1 0.51 0.020 b 0.77 1.65 0.030 0.065 b 0.5 0.020 b1 0.25 0.010 d 20 0.787 e 8.5 0.335 e 2.54 0.100 e3 17.78 0.700 f 7.1 0.280 i 5.1 0.201 l 3.3 0.130 z 1.27 0.050 plastic dip-16 (0.25) mechanical data p001c
hcf4010b 7/8 dim. mm. inch min. typ max. min. typ. max. a 1.75 0.068 a1 0.1 0.2 0.003 0.007 a2 1.65 0.064 b 0.35 0.46 0.013 0.018 b1 0.19 0.25 0.007 0.010 c 0.5 0.019 c1 45 (typ.) d 9.8 10 0.385 0.393 e 5.8 6.2 0.228 0.244 e 1.27 0.050 e3 8.89 0.350 f 3.8 4.0 0.149 0.157 g 4.6 5.3 0.181 0.208 l 0.5 1.27 0.019 0.050 m 0.62 0.024 s8 (max.) so-16 mechanical data po13h
hcf4010b 8/8 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no res ponsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result f rom its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specificati ons mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devi ces or systems without express written approval of stmicroelectronics. ? the st logo is a registered trademark of stmicroelectronics ? 2002 stmicroelectronics - printed in italy - all rights reserved stmicroelectronics group of companies australia - brazil - canada - china - finland - france - germany - hong kong - india - israel - italy - japan - malaysia - malt a - morocco singapore - spain - sweden - switzerland - united kingdom - united states. ? http://www.st.com


▲Up To Search▲   

 
Price & Availability of HCF4010M013TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X