Part Number Hot Search : 
AK4675 MAX6647 TAR8D02K 2SC4759 KF200 E43CA CDRH6D28 AK5355VN
Product Description
Full Text Search
 

To Download ER1000F09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 stad-aug.12.2009 2 er1000f~er1006f features ? plastic package has underwriters laboratory flammability classification 94v-o. flame retardant epoxy molding compound.  exceeds environmental standards of mil-s-19500/228  low power loss, high efficiency.  low forwrd voltge, high current capability  high surge capacity.  super fast recovery times, high voltage.  in compliance with eu rohs 2002/95/ec directives isolation superfast recovery rectifiers notes: 1. measured at 1 mhz and applied reverse voltage of 4.0 vdc. 2. reverse recovery test conditions: i f =.5a, i r =1a, irr=.25a. 3. both bonding and chip structure are available. .027(.67) .022(.57) .177(4.5) .137(3.5) voltage 50 to 600 volts 10 amperes current mechanical data  case: ito-220ac molded plastic  terminals: lead solderable per mil-std-750, method 2026  polarity: as marked.  standard packaging: any  weight: 0.05 ounces, 1.56grams. maximum rating and electrical characteristics ratings at 25c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% r e t e m a r a pl o b m y s f 0 0 0 1 r ef 1 0 0 1 r ef a 1 0 0 1 r ef 2 0 0 1 r ef 3 0 0 1 r ef 4 0 0 1 r ef 6 0 0 1 r e s t i n u e g a t l o v e s r e v e r k a e p t n e r r u c e r m u m i x a m v m r r 0 50 0 10 5 10 0 20 0 30 0 40 0 6v e g a t l o v s m r m u m i x a m v s m r 5 30 75 0 10 4 10 1 20 8 20 2 4v e g a t l o v g n i k c o l b c d m u m i x a m v c d 0 50 0 10 5 10 0 20 0 30 0 40 0 6v 0 0 1 = c t t a t n e r r u c d r a w r o f e g a r e v a m u m i x a m o ci ( f) v a 0 . 0 1a e v a w - e n i s f l a h e l g n i s s m 3 . 8 , t n e r r u c e g r u s d r a w r o f k a e p ) d o h t e m c e d e j ( d a o l d e t a r n o d e s o p m i r e p u s i m s f 0 5 1a t n e m e l e r e p , a 0 1 t a e g a t l o v d r a w r o f m u m i x a m v f 5 9 . 00 3 . 17 . 1v t t a t n e r r u c e s r e v e r c d m u m i x a m j 5 2 = o c t e g a t l o v g n i k c o l b c d d e t a r j 0 0 1 = o c i r 0 . 1 0 0 5 a ) 2 e t o n ( e m i t y r e v o c e r e s r e v e r m u m i x a m t r r 5 30 5s n ) 1 e t o n ( e c n a t i c a p a c n o i t c n u j l a c i p y t c j 2 6f p e c n a t s i s e r l a m r e h t l a c i p y t r c j 0 . 3 o / c w e g n a r e r u t a r e p m e t e g a r o t s d n a n o i t c n u j g n i t a r e p o t j t , g t s 0 5 1 + o t 5 5 - o c
page . 2 stad-aug.12.2009 2 er1000f~er1006f rating and characteristic curves fig.1- forward current derating curve fig.4- typical instantaneous forward characteristic fig.2- maximum non - repetitive surge current fig.3- typical reverse characteristic peak forward surge current , no. of cycle at 60hz 150 125 100 75 50 25 0 1 2 5 10 20 50 100 8.3ms single half since-wave jedec method 0 2 4 6 8 10 leadlenghts resistiveorinductive load 0 20 40 60 80 100 120 140 160 case temperaure, c o average forward current, amperes .6 .8 1.0 1 1 .. 46 1.2 1.8 40 10 1 .1 2.0 instantaneous forward voltage ,volts t=25c pulse width=200us j o 600v 300-400v 50-200v instntaneous forward current amperes percent of rated peak inverse voltge, volts invstantaneous reverse current, microamperes 1000 100 10 1.0 0.1 20 40 60 80 100 120 t=75 c j o t=25 c j o t=125 c j o


▲Up To Search▲   

 
Price & Availability of ER1000F09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X