Part Number Hot Search : 
DM8602N MUR30 CEM9430 001547 1512035X APE6800 TMC5041 B59810
Product Description
Full Text Search
 

To Download EL13C5C2F-100000M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pb rohs el13c5c2f-100.000m el13c5 c 2 f -100.000m series rohs compliant (pb-free) 3.3v 6 pad 3.2mm x 5mm ceramic smd lvds oscillator frequency tolerance/stability 100ppm maximum over 0c to +70c duty cycle 50 5(%) nominal frequency 100.000mhz logic control / additional output tri-state and complementary output electrical specifications nominal frequency 100.000mhz frequency tolerance/stability 100ppm maximum over 0c to +70c (inclusive of all conditions: calibration tolerance (at 25c), frequency stability over the operating temperature range, supply voltage change, output load change, first year aging at 25c, shock, and vibration) supply voltage +3.3vdc 5% input current 66ma maximum output voltage logic high (voh) 1.43vdc typical, 1.6vdc maximum output voltage logic low (vol) 1.1vdc typical, 0.9vdc minimum differential output voltage (vod) 247mv minimum, 330mv typical, 454mv maximum offset voltage (vos) 1.125v minimum, 1.250v typical, 1.375v maximum rise/fall time 300psec typical, 700psec maximum (measured over 20% to 80% of waveform) differential output error (dvod) 50mv maximum duty cycle 50 5(%) (measured at 50% of waveform or at the crossing point) offset error (dvos) 150mv maximum output swing (dvopp) 350mvdc minimum load drive capability 100 ohms between output and complementary output output logic type lvds phase noise -60dbc/hz at 10hz offset, -95dbc/hz at 100hz offset, -125dbc/hz at 1khz offset, -143dbc/hz at 10khz offset, -145dbc/hz at 100khz offset, -145dbc/hz at 1mhz offset, -146dbc/hz at 10mhz offset (all values are typical, fo=156.250mhz) logic control / additional output tri-state and complementary output tri-state input voltage (vih and vil) vih of 70% of vcc minimum or no connect to enable output and complementary output, vil of 30% of vcc maximum to disable high impedance output and complementary output standby current 30a maximum (without load) rms phase jitter 0.4psec typical, 1psec maximum (fj=12khz to 20mhz) start up time 10msec maximum storage temperature range -55c to +125c environmental & mechanical specifications esd susceptibility mil-std-883, method 3015, class 1, hbm: 1500v fine leak test mil-std-883, method 1014, condition a flammability ul94-v0 gross leak test mil-std-883, method 1014, condition c mechanical shock mil-std-883, method 2002, condition b moisture resistance mil-std-883, method 1004 moisture sensitivity j-std-020, msl 1 resistance to soldering heat mil-std-202, method 210, condition k resistance to solvents mil-std-202, method 215 solderability mil-std-883, method 2003 temperature cycling mil-std-883, method 1010, condition b vibration mil-std-883, method 2007, condition a www.ecliptek.com | specification subject to change without notice | rev c 8/14/2010 | page 1 of 5
el13c5c2f-100.000m mechanical dimensions (all dimensions in millimeters) pin connection 1 tri-state 2 no connect 3 case/ground 4 output 5 complementary output 6 supply voltage line marking 1 e100.00 e=ecliptek designator 2 xxyzz xx=ecliptek manufacturing code y=last digit of the year zz=week of the year 0.27 (x4) 0.80 (x2) 1.40 (x6) 1.00 (x6) www.ecliptek.com | specification subject to change without notice | rev c 8/14/2010 | page 2 of 5 3.20 0.15 1.30 max 1.20 0.15 1 2 3 6 5 4 1.27 0.15 1.00 0.15 0.64 0.10 2.54 0.15 5.00 0.15 all t oler ances are 0.1 sug g ested solder p ad la y out solder land (x6) all dimensions in millimeters
el13c5c2f-100.000m www.ecliptek.com | specification subject to change without notice | rev c 8/14/2010 | page 3 of 5 output w a veform & timing dia gram v oh v ol v os v ih v il q & q outputs tri-st a te input high imped ance st a te 80% 0v 20% f all time rise time t w t duty cycle (%) = t w /t x 100 t plz t pzl q minus q output q q high imped ance st a te v od v op-p output supply v oltage (v dd ) ground p o w er supply v oltage meter current meter 0.01 f (note 1) 0.1 f (note 1) p o w er supply no connect switch complementar y output t r i-state oscilloscope f requency counter probe 2 (note 2) probe 1 (note 2) t est cir cuit f or t ri-state and complementar y output note 1: an e xter nal 0.01 f cer amic b ypass capacitor in par allel with a 0.1 f high frequency cer amic b ypass capacitor close (less than 2mm) to the pac kage g round and supply v oltage pin is required. note 2: a lo w capacitance (<12pf), 10x atten uation f actor , high impedance (>10mohms), and high bandwidth (>500mhz) passiv e probe is recommended. note 3: t est circuit pcb tr aces need to be designed f or a char acter istic line impedance of 50 ohms . 100 ohms
t min s t max s critical zone t to t l p ramp-up ramp-down t l t p t 25 c to peak t preheat s t l t p temperature (t) time (t) recommended solder reflow methods el13c5c2f-100.000m high temperature infrared/convection ts max to tl (ramp-up rate) 3c/second maximum preheat - temperature minimum (ts min) 150c - temperature typical (ts typ) 175c - temperature maximum (ts max) 200c - time (ts min) 60 - 180 seconds ramp-up rate (tl to tp) 3c/second maximum time maintained above: - temperature (tl) 217c - time (tl) 60 - 150 seconds peak temperature (tp) 260c maximum for 10 seconds maximum target peak temperature (tp target) 250c +0/-5c time within 5c of actual peak (tp) 20 - 40 seconds ramp-down rate 6c/second maximum time 25c to peak temperature (t) 8 minutes maximum moisture sensitivity level level 1 www.ecliptek.com | specification subject to change without notice | rev c 8/14/2010 | page 4 of 5
t min s t max s critical zone t to t l p ramp-up ramp-down t l t p t 25 c to peak t preheat s t l t p temperature (t) time (t) recommended solder reflow methods el13c5c2f-100.000m low temperature infrared/convection 240c ts max to tl (ramp-up rate) 5c/second maximum preheat - temperature minimum (ts min) n/a - temperature typical (ts typ) 150c - temperature maximum (ts max) n/a - time (ts min) 60 - 120 seconds ramp-up rate (tl to tp) 5c/second maximum time maintained above: - temperature (tl) 150c - time (tl) 200 seconds maximum peak temperature (tp) 240c maximum target peak temperature (tp target) 240c maximum 1 time / 230c maximum 2 times time within 5c of actual peak (tp) 10 seconds maximum 2 times / 80 seconds maximum 1 time ramp-down rate 5c/second maximum time 25c to peak temperature (t) n/a moisture sensitivity level level 1 low temperature manual soldering 185c maximum for 10 seconds maximum, 2 times maximum. high temperature manual soldering 260c maximum for 5 seconds maximum, 2 times maximum. www.ecliptek.com | specification subject to change without notice | rev c 8/14/2010 | page 5 of 5


▲Up To Search▲   

 
Price & Availability of EL13C5C2F-100000M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X