Part Number Hot Search : 
231549P CLAMP 74HC160 KDR411 KDR411 APM7322K BD45231 LH1510AT
Product Description
Full Text Search
 

To Download CD135BP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  66 screw cd 1  bp series 4 000h at 85c standard at 85c high ripple current power supplies & inverters item characteristics operating temperature range (c) -40 ~ +85 -25 ~ +85 voltage range (v) 10 ~ 250 350 ~ 450 capacitance range (f) 270 ~ 820 000 capacitance tolerance (20c, 120hz) 20% leakage current (a) after 5 minutes at 20c application of rated voltage, leakage current is not more than 0,01cv or 5ma, whichever is smaller c: nominal capacitance (f) v: rated voltage (v) dissipation factor (20c, 120hz) see table of ratings useful life load life endurance test shelf life lifetime  000h >75 000h 2 000h 2 000h 1 000h leakage current not more than specifed value not more than specifed value not more than specifed value not more than specifed value capacity change within 30% of initial value within 20% of initial value within 10% of initial value within 20% of initial value dissipation factor not more than 300% of specifed value not more than 200% of specifed value not more than 130% of specifed value not more than 200% of specifed value condition: applied voltage applied current applied temperature failure rate level u r i r 85c 1% failure rate u r 1,2 x i r 40c 1% failure rate u r i r 85c guaranteed u r i r = 0 85c u r = 0 i r = 0 85c after test: u r to be applied for 30min >24h before measurement cd 139 bl cd 138 pc 105c longer life cd 135 bp cd 137 px highest voltage cd 136 pk 105c longer life frequency rated voltage (v) 50hz 120hz 300hz 1khz 3khz 5khz 10khz 20khz 10 ~ 50 0,95 1,00 1,04 1,10 1,12 1,13 1,15 1,15 63 ~ 100 0,95 1,00 1,06 1,16 1,22 1,26 1,30 1,36 160 ~ 450 0,80 1,00 1,10 1,25 1,35 1,40 1,50 1,55 multiplier for ripple current frequency coeffcient i a = actual ripple current at 120hz, i r = rated ripple current at 120hz, 85c multiplier of useful life as a function of ambient temperature and ripple current load lifetime diagram 40 50 60 70 80 90 cd 135 bp series t a (?c) i a CCC i r 2.5 2.0 1.5 1.0 0.5 0.0 x8 x4 x2 x1 lifetime multiplier direct contact & support: jianghai europe gmbh +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com v2006.2
67 custom products are available on request. screw cd 1 35 bp series ratings for cd 135 bp series v dc (surge voltage) code rated capa- citance max dissipation factor 20c, 120hz max esr 20c, 120hz typ esr 20c, 120hz max ripple current 85c, 120hz size ? d x l (v) (f) - (m) (m) (arms) (mm) 10 (13) 1a 33 000 0,8 34,7 20,5 4,3 36 x 53 39 000 0,8 29,4 17,6 4,7 36 x 53 47 000 0,8 24,4 14,6 5,2 36 x 65 56 000 0,8 20,5 12,5 6,1 36 x 83 68 000 0,8 16,9 10,1 6,7 36 x 83 82 000 0,8 14,0 9,0 7,7 36 x 100 100 000 0,8 11,5 7,5 8,8 36 x 100 120 000 0,8 9,6 7,1 10,0 36 x 121 150 000 1,0 9,6 6,5 10,8 36 x 121 180 000 1,0 8,0 6,0 12,0 51 x 96 220 000 1,5 9,8 5,0 11,2 51 x 121 270 000 1,5 8,0 4,4 12,8 51 x 121 330 000 1,5 6,5 3,8 15,3 64 x 96 390 000 1,5 5,5 3,4 17,3 64 x 115 470 000 2,0 6,1 2,9 16,7 64 x 130 560 000 2,0 5,1 2,7 19,0 77 x 115 680 000 2,0 4,2 2,5 21,7 77 x 130 820 000 2,0 3,5 2,4 24,7 77 x 155 16 (20) 1c 22 000 0,6 39,1 22,0 4,1 36 x 53 27 000 0,6 31,8 19,1 4,5 36 x 53 33 000 0,6 26,1 15,7 5,0 36 x 53 39 000 0,6 22,0 13,1 5,9 36 x 65 47 000 0,6 18,3 11,0 6,4 36 x 83 56 000 0,6 15,4 9,5 7,3 36 x 83 68 000 0,6 12,6 7,9 8,4 36 x 100 82 000 0,8 14,0 6,8 8,3 36 x 100 100 000 0,8 11,5 5,8 9,5 36 x 121 120 000 0,8 9,6 5,1 10,9 36 x 121 150 000 1,0 9,6 4,4 11,3 51 x 96 180 000 1,0 8,0 4,0 12,8 51 x 115 220 000 1,0 6,5 3,4 15,3 51 x 130 270 000 1,0 5,3 3,0 17,6 64 x 96 330 000 1,5 6,5 2,8 16,8 64 x 115 390 000 1,5 5,5 2,6 18,3 64 x 130 470 000 1,5 4,6 2,4 21,3 77 x 115 560 000 1,5 3,8 2,2 23,6 77 x 130 680 000 1,5 3,2 2,0 27,6 77 x 155 820 000 2,0 3,5 1,9 27,1 90 x 157 25 (32) 1e 15 000 0,5 47,8 22,0 3,7 36 x 53 18 000 0,5 39,8 18,0 4,1 36 x 53 22 000 0,5 32,6 15,8 4,5 36 x 53 27 000 0,5 26,5 12,8 5,0 36 x 65 33 000 0,5 21,7 11,0 5,9 36 x 83 39 000 0,5 18,4 9,4 6,7 36 x 83 47 000 0,5 15,2 7,8 7,7 36 x 100 56 000 0,6 15,4 6,8 7,9 36 x 100 68 000 0,6 12,6 5,8 9,1 36 x 121 82 000 0,6 10,5 5,1 10,4 36 x 121 100 000 0,8 11,5 4,4 10,3 51 x 96 120 000 0,8 9,6 4,0 11,7 51 x 115 150 000 0,8 7,6 3,4 14,1 51 x 130 180 000 0,8 6,4 3,0 15,7 64 x 96 220 000 1,0 6,5 2,8 16,1 64 x 115 270 000 1,0 5,3 2,5 18,6 64 x 130 330 000 1,0 4,4 2,3 21,9 64 x 155 390 000 1,2 4,4 2,2 22,0 77 x 115 470 000 1,2 3,7 2,0 25,6 77 x 155 560 000 1,2 3,1 1,8 27,9 90 x 131 680 000 1,2 2,5 1,5 32,5 90 x 157 35 (44) 1v 10 000 0,4 57,3 23,6 3,4 36 x 53 12 000 0,4 47,8 20,0 3,7 36 x 53 15 000 0,4 38,2 17,0 4,2 36 x 65 18 000 0,4 31,8 13,7 4,9 36 x 83 22 000 0,4 26,1 11,6 5,7 36 x 83 27 000 0,4 21,2 9,4 6,3 36 x 100 33 000 0,4 17,4 9,0 7,2 36 x 100 39 000 0,5 18,4 8,2 7,3 36 x 121 47 000 0,5 15,2 7,9 8,7 51 x 96 56 000 0,6 15,4 7,6 8,6 51 x 96 68 000 0,6 12,6 6,0 9,8 51 x 115 82 000 0,6 10,5 4,8 11,6 64 x 96 100 000 0,6 8,6 4,0 13,3 64 x 115 120 000 0,6 7,2 3,9 14,8 64 x 121 150 000 0,8 7,6 3,6 14,9 64 x 130 180 000 0,8 6,4 3,2 17,0 77 x 115 220 000 0,8 5,2 2,9 20,0 77 x 130 v dc (surge voltage) code rated capa- citance max dissipation factor 20c, 120hz max esr 20c, 120hz typ esr 20c, 120hz max ripple current 85c, 120hz size ? d x l (v) (f) - (m) (m) (arms) (mm) 35 (44) 1v 270 000 1,0 5,3 2,5 20,3 77 x 155 330 000 1,0 4,4 2,3 23,5 90 x 131 390 000 1,0 3,7 2,0 26,4 90 x 157 470 000 1,0 3,1 1,8 29,6 90 x 157 50 (63) 1h 5 600 0,3 76,7 46,0 3,0 36 x 53 6 800 0,3 63,2 38,0 3,3 36 x 53 8 200 0,3 52,4 31,4 3,6 36 x 53 10 000 0,3 43,0 25,8 4,0 36 x 65 12 000 0,3 35,8 21,5 4,7 36 x 83 15 000 0,3 28,6 15,0 5,5 36 x 83 18 000 0,3 23,9 12,0 6,2 36 x 100 22 000 0,4 26,1 10,8 6,3 36 x 121 27 000 0,4 21,2 9,5 7,1 36 x 121 33 000 0,4 17,4 8,9 8,2 51 x 96 39 000 0,5 18,4 8,2 8,1 51 x 96 47 000 0,5 15,2 7,6 9,3 51 x 115 56 000 0,5 12,8 6,4 10,5 64 x 96 68 000 0,5 10,5 5,3 12,0 64 x 96 82 000 0,5 8,7 4,2 13,7 64 x 115 100 000 0,6 8,6 3,9 14,7 77 x 115 120 000 0,6 7,2 3,3 16,7 77 x 115 150 000 0,6 5,7 3,0 19,3 77 x 130 180 000 0,6 4,8 2,5 21,9 77 x 155 220 000 0,6 3,9 2,0 21,4 90 x 131 270 000 0,6 3,2 1,8 24,6 90 x 157 63 (79) 1j 3 900 0,25 91,8 47,2 2,7 36 x 53 4 700 0,25 76,2 39,0 3,0 36 x 53 5 600 0,25 64,0 38,4 3,3 36 x 53 6 800 0,25 52,7 31,6 3,6 36 x 65 8 200 0,25 43,7 26,2 4,3 36 x 83 10 000 0,25 35,8 23,3 4,9 36 x 83 12 000 0,25 29,9 18,0 5,6 36 x 100 15 000 0,3 28,6 16,0 5,9 36 x 100 18 000 0,3 23,9 14,6 6,7 36 x 121 22 000 0,3 19,5 13,0 7,8 36 x 121 27 000 0,4 21,2 12,4 7,4 51 x 96 33 000 0,4 17,4 7,9 8,4 51 x 96 39 000 0,4 14,7 7,4 9,5 51 x 115 47 000 0,4 12,2 6,2 11,3 51 x 130 56 000 0,4 10,2 5,5 12,8 64 x 115 68 000 0,5 10,5 5,3 12,7 64 x 121 82 000 0,5 8,7 4,4 14,5 64 x 130 100 000 0,5 7,2 3,6 16,7 77 x 115 120 000 0,5 6,0 3,0 18,9 77 x 130 150 000 0,5 4,8 2,4 22,4 77 x 155 180 000 0,6 4,8 2,4 22,4 90 x 131 220 000 0,6 3,9 2,0 26,2 90 x 157 80 (100) 1k 3 300 0,25 109 54,0 2,5 36 x 53 3 900 0,25 91,8 46,0 2,8 36 x 53 4 700 0,25 76,2 38,1 3,0 36 x 65 5 600 0,25 64,0 32,0 3,6 36 x 83 6 800 0,25 52,7 26,4 3,9 36 x 83 8 200 0,25 43,7 22,1 4,5 36 x 83 10 000 0,25 35,8 17,1 5,2 36 x 100 12 000 0,25 29,9 15,0 5,9 36 x 100 15 000 0,25 23,9 12,0 6,8 36 x 121 18 000 0,25 19,9 10,4 7,8 36 x 121 22 000 0,3 19,5 9,8 8,0 51 x 96 27 000 0,3 15,9 8,0 9,2 51 x 96 33 000 0,3 13,0 6,5 10,5 51 x 115 39 000 0,3 11,0 6,0 12,0 51 x 130 47 000 0,3 9,2 4,9 13,6 64 x 115 56 000 0,4 10,2 4,3 13,4 64 x 130 68 000 0,4 8,4 4,0 15,4 77 x 115 82 000 0,4 7,0 3,5 17,5 77 x 130 100 000 0,4 5,7 2,8 20,5 77 x 155 120 000 0,4 4,8 2,4 22,4 90 x 131 150 000 0,4 3,8 2,0 26,5 90 x 157 direct contact & support: jianghai europe gmbh +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com v2006.2
68 screw v dc (surge voltage) code rated capa- citance max dissipation factor 20c, 120hz max esr 20c, 120hz typ esr 20c, 120hz max ripple current 85c, 120hz size ? d x l (v) (f) - (m) (m) (arms) (mm) 100 (125) 2a 1 800 0,25 199 48,2 1,9 36 x 53 2 200 0,25 163 44,0 2,1 36 x 53 2 700 0,25 133 38,5 2,3 36 x 53 3 300 0,25 109 34,6 2,6 36 x 65 3 900 0,25 91,8 28,4 3,0 36 x 83 4 700 0,25 76,2 26,3 3,5 36 x 83 5 600 0,25 64,0 23,0 3,9 36 x 100 6 800 0,25 52,7 21,8 4,5 36 x 100 8 200 0,25 43,7 20,0 5,1 36 x 121 10 000 0,25 35,8 18,7 5,9 36 x 121 12 000 0,25 29,9 16,0 6,4 51 x 75 15 000 0,25 23,9 11,5 7,0 51 x 96 18 000 0,25 19,9 9,8 8,3 51 x 115 22 000 0,25 16,3 7,9 10,0 51 x 130 27 000 0,25 13,3 6,8 11,5 64 x 115 33 000 0,25 10,9 5,5 11,9 64 x 130 39 000 0,25 9,2 4,9 13,4 77 x 115 47 000 0,35 10,7 4,5 14,2 77 x 130 56 000 0,35 9,0 4,0 16,0 77 x 155 68 000 0,35 7,4 3,4 18,8 90 x 131 82 000 0,35 6,1 3,0 20,5 90 x 157 100 000 0,35 5,0 2,5 24,0 90 x 171 160 (200) 2c 3 300 0,25 109 30,7 5,2 36 x 121 3 900 0,25 91,8 26,2 5,3 51 x 75 4 700 0,25 76,2 20,8 5,9 51 x 75 5 600 0,25 64,0 18,8 7,0 51 x 96 6 800 0,25 52,7 16,2 7,8 51 x 96 8 200 0,25 43,7 13,5 9,1 51 x 115 10 000 0,25 35,8 12,9 10,4 64 x 96 12 000 0,25 29,9 10,2 11,3 64 x 96 15 000 0,25 23,9 9,0 14,3 64 x 130 18 000 0,25 19,9 7,5 15,6 64 x 130 22 000 0,25 16,3 6,4 18,3 77 x 130 27 000 0,25 13,3 5,2 20,2 77 x 130 33 000 0,25 10,9 3,6 23,8 90 x 131 39 000 0,25 9,2 2,2 27,9 90 x 157 200 (250) 2d 2 200 0,25 163 38,5 3,9 36 x 100 2 700 0,25 133 26,4 4,7 36 x 121 3 300 0,25 109 23,5 4,9 51 x 75 3 900 0,25 91,8 21,4 5,3 51 x 75 4 700 0,25 76,2 19,5 6,4 51 x 96 5 600 0,25 64,0 17,5 7,6 51 x 115 6 800 0,25 52,7 13,7 8,8 51 x 130 8 200 0,25 43,7 11,3 9,4 64 x 96 10 000 0,25 35,8 9,4 10,4 64 x 96 12 000 0,25 29,9 8,6 12,1 77 x 96 15 000 0,25 23,9 7,3 14,4 77 x 96 18 000 0,25 19,9 5,9 16,5 77 x 130 22 000 0,25 16,3 4,1 19,6 77 x 155 27 000 0,25 13,3 3,2 21,5 90 x 131 33 000 0,25 10,9 2,5 25,3 90 x 157 250 (300) 2e 1 500 0,25 239 49,1 3,2 36 x 100 1 800 0,25 199 41,1 3,5 36 x 100 2 200 0,25 163 32,5 4,0 51 x 75 2 700 0,25 133 27,7 4,4 51 x 75 3 300 0,25 109 23,1 5,4 51 x 96 3 900 0,25 91,8 20,0 6,3 51 x 115 4 700 0,25 76,2 16,5 7,1 64 x 96 5 600 0,25 64,0 14,2 7,8 64 x 96 6 800 0,25 52,7 11,8 9,1 64 x 115 8 200 0,25 43,7 11,1 10,0 64 x 115 10 000 0,25 35,8 10,7 11,7 64 x 130 12 000 0,25 29,9 9,2 12,9 77 x 115 15 000 0,25 23,9 7,3 15,1 77 x 130 18 000 0,25 19,9 5,8 17,7 77 x 155 22 000 0,25 16,3 3,2 20,9 90 x 157 350 (400) 2v 390 0,2 735 268 1,7 36 x 53 470 0,2 610 228 2,2 36 x 83 560 0,2 512 190 2,4 36 x 83 680 0,2 421 152 2,6 36 x 83 820 0,2 349 126 3,1 36 x 100 1 000 0,2 287 104 3,4 36 x 100 1 200 0,2 239 85,8 3,8 51 x 75 1 500 0,2 191 72,2 4,3 51 x 75 1 800 0,2 159 58,2 5,1 51 x 96 v dc (surge voltage) code rated capa- citance max dissipation factor 20c, 120hz max esr 20c, 120hz typ esr 20c, 120hz max ripple current 85c, 120hz size ? d x l (v) (f) - (m) (m) (arms) (mm) 350 (400) 2v 2 200 0,2 130 47,9 5,7 51 x 96 2 700 0,2 107 39,0 7,1 51 x 130 3 300 0,2 86,8 32,1 7,9 51 x 130 3 900 0,2 73,5 27,8 9,0 64 x 115 4 700 0,2 61,0 25,0 10,3 64 x 130 5 600 0,2 51,2 22,5 11,4 77 x 115 6 800 0,2 42,1 17,1 13,1 77 x 130 8 200 0,2 34,9 14,4 15,4 77 x 155 10 000 0,2 28,6 11,5 18,1 90 x 157 12 000 0,2 23,9 9,8 20,0 90 x 157 15 000 0,2 19,1 7,9 24,5 90 x 196 18 000 0,2 15,9 6,5 28,8 90 x 236 400 (450) 2g 330 0,2 868 248 1,5 36 x 53 390 0,2 735 208 2,0 36 x 83 470 0,2 610 178 2,2 36 x 83 560 0,2 512 145 2,4 36 x 83 680 0,2 421 119 2,8 36 x 100 820 0,2 349 98,5 3,1 36 x 100 1 000 0,2 287 82,3 3,5 51 x 75 1 200 0,2 239 67,5 3,8 51 x 75 1 500 0,2 191 58,0 4,7 51 x 96 1 800 0,2 159 47,2 5,2 51 x 96 2 200 0,2 130 34,8 6,4 51 x 120 2 700 0,2 107 33,2 7,0 64 x 96 3 300 0,2 86,8 31,2 8,2 64 x 115 3 900 0,2 73,5 25,1 9,4 64 x 130 4 700 0,2 61,0 23,7 10,4 77 x 115 5 600 0,2 51,2 19,0 11,9 77 x 130 6 800 0,2 42,1 15,5 14,1 77 x 155 8 200 0,2 34,9 13,5 16,4 90 x 157 10 000 0,2 28,6 11,1 18,3 90 x 157 12 000 0,2 23,9 9,8 21,8 90 x 196 15 000 0,2 19,1 8,0 26,3 90 x 236 450 (500) 2w 270 0,2 1061 421 1,4 36 x 53 330 0,2 868 280 1,8 36 x 83 390 0,2 735 243 2,0 36 x 83 470 0,2 610 200 2,2 36 x 83 560 0,2 512 173 2,6 36 x 100 680 0,2 421 140 2,8 36 x 100 820 0,2 349 95,9 3,2 51 x 75 1 000 0,2 287 82,2 3,5 51 x 75 1 200 0,2 239 72,0 4,2 51 x 96 1 500 0,2 191 58,5 5,1 51 x 115 1 800 0,2 159 45,5 5,9 51 x 130 2 200 0,2 130 32,8 6,3 64 x 96 2 700 0,2 106,2 31,6 7,5 64 x 115 3 300 0,2 86,8 30,0 8,7 64 x 130 3 900 0,2 73,5 29,3 9,5 77 x 115 4 700 0,2 61,0 23,5 10,9 77 x 130 5 600 0,2 51,2 16,5 12,8 77 x 155 6 800 0,2 42,1 14,4 15,0 90 x 157 8 200 0,2 34,9 12,1 16,5 90 x 157 10 000 0,2 28,6 10,0 20,0 90 x 196 12 000 0,2 23,9 8,0 23,6 90 x 236 ratings for cd 135 bp series cd 1  bp series custom products are available on request. direct contact & support: jianghai europe gmbh +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com v2006.2
10 part number system terminal t6 t  pin length t 6,3 4,0 technical specifcation snap-in type pin type: snap-in pin type: soldering order code: t6, t4 order code: s4 t6 , t4 s4 snap-in terminal soldering terminal order code: p2, p3, p4 order code: p5 negative mounting holes mounting holes negative terminal p2 p3 p4 p5 ec g 1c bp 101 m b e 160 a  61 jexxxxx technology terminal type rated voltage code series code capacitance code capacitance tolerance mounting diameter length for terminal code see tables below for specials only ec = electrolytic capacitor screw = g for coding please refer to the pages of ratings cd 1  = bp 100 = 101 20% = m bolt = b 36 = a 53 = 053 cd 1  6 = pk 1 000 = 102 10% = k no double sleeve = n 40 = b 65 = 065 cd 1  7 = px 10 000 = 103 +30 / -10% = q 2 stoppers bracket + double sleeve* = i 51 = c 96 = 096 cd 1  8 = pc +20 / -0% = r 3 stoppers bracket + double sleeve* = y 64 = d 100 = 100 cd 1  9 = bl +50 / -10% = t no bracket, but double sleeve* = d 77 = e 115 = 115 preferred * double sleeve for diameter 51 only 90 = f 236 = 236 101 = g order code screw type ? d ? d l ? 36 m8 12 ? 51 m12 16 in mm technical specifcation screw type dimensions standard housing bolt housing order code : i, y, d, n order code : b mounting holes p3 only t4 terminal positive negative direct contact & support: jianghai europe gmbh +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com v2006.2
11 part number system terminal form terminal a terminal b terminal c terminal d order code : axxx order code : bxxx order code : cxxx order code : dxxx tolerances of d1, d2, h1, h2 : +/- 0,3 mm screw defnition hexagon-head m5x10 hexagon-head m6x12 hexagon-head m8x16 bracket mounting i -type y-type ? d 36-90 ? d 51-101 ? d w1 w2 w  w  a b  6  8,0  8,0 - -  ,  -  1 68,0 80,0 6  ,  7  ,0  ,  7,0 6  81,0 93,0 76,2 8  ,1  ,  7,0 77 93,5 106,0 88,9 98,   ,  7,0 90 108,0 120,5 101,6 111,1  ,  7,0 101 - - 11  ,0 127,0  ,0 8,0 preferred in mm height of brackets: ~30mm code ?d screw pitch p d1 d2 h1 h2 a  61  6 m  12,7 8 11 6,8 1,8 a362 36 10 - 32 12,7 8 11 6,8 1,8 a  11  1 m  21,8 10 1  6,8 1,8 d551 55 m5 21,8 10 13 5,5 0 a6  1 6  m  28,2 10 1  ,  6,8 1,8 a642 64 m5 28,2 15 20 7,3 3,5 a643 64 1/4 - 28 28,2 15 20 7,3 3,5 b641 64 1/4 - 28 28,2 17,2 0 6,4 0 d641 64 m5 28,2 13,0 15,0 7,14 0 a771 77 m   1,  10 1  ,  6,  1,  a772 77 m6 31,4 10 15,5 6,3 1,3 b771 77 m6 31,4 17,2 0 3,17 0 code ?d screw pitch p d1 d2 h1 h2 b772 77 m6  1,  17,2 0 6,  0 b773 77 m8 31,4 17,2 0 3,17 0 b774 77 m5 31,4 17,2 0 6,4 0 c771 77 m5 31,4 17,2 0 3,5 0 c772 77 m6 31,4 17,2 0 3,5 0 c773 77 m5 31,4 17,2 0 5,5 0 c774 77 m5 31,4 17,2 0 6,4 0 a901 90 m   1,  10 1  ,  6,  1,  a902 90 m6 31,4 10 15,5 6,3 1,3 b901 90 m6 31,4 17,2 0 6,4 0 b902 90 m5 31,4 17,2 0 6,4 0 a101 101 m8  1,  21,5 17,2 11,0 6,0 preferred, other forms on request in mm accessories for bolt mounting insulation washer order code: k100-iso-50 ? d 51, 64 cap nut order code: cnn30m12 insulation washer order code: k100-iso-77 ? d 77, 90 b terminal detail direct contact & support: jianghai europe gmbh +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com v2006.2


▲Up To Search▲   

 
Price & Availability of CD135BP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X