Part Number Hot Search : 
11803 1M82RCA 6204D47B 1015MP 1N527 MAKER 10207 1N4592
Product Description
Full Text Search
 

To Download BYM12-5011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 88581 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 15-mar-11 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 1 this datasheet is subject to change without notice. the product described here in and this datasheet are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 surface mount glass passivated ultrafast rectifier bym12-50 thru bym12-400, egl41a thru egl41g vishay general semiconductor features ? superectifier structure for high reliability condition ? cavity-free glass- passivated junction ? ideal for automated placement ? ultrafast reverse recovery time ? low switching losses, high efficiency ? high forward surge capability ? meets environmental standard mil-s-19500 ? meets msl level 1, per j-std-020, lf maximum peak of 250 c ? aec-q101 qualified ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec typical applications for use in high frequency rectification and freewheeling application in switching mode converters and inverters for consumer, computer, automotive and telecommunication. mechanical data case: do-213ab, molded epoxy over glass body molding compound meets ul 94 v-0 flammabi lity rating base p/n-e3 - rohs compliant, commercial grade base p/nhe3 - rohs compli ant, aec-q101 qualified terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 e3 suffix meets jesd 201 cla ss 1a whisker test, he3 suffix meets jesd 201 class 2 whisker test polarity: two bands indicate cathode end - 1 st band denotes device type and 2 nd band denotes repetitive peak reverse voltage rating primary characteristics i f(av) 1.0 a v rrm 50 v to 400 v i fsm 30 a t rr 50 ns v f 1.0 v, 1.25 v t j max. 175 c do-213ab (gl41) superectifier ? maximum ratings (t a = 25 c unless otherwise noted) parameter symbol bym12-50 bym12-100 bym12-150 bym12-200 bym12-300 bym12-400 unit fast efficient device: 1 st band is green egl41a egl41b egl41c egl41d egl41f egl41g polarity color bands (2 nd band) gray red pink orange brown yellow maximum repe titive peak reverse voltage v rrm 50 100 150 200 300 400 v maximum rms voltage v rms 35 70 105 140 210 280 v maximum dc blocking voltage v dc 50 100 150 200 300 400 v maximum average forward rectified current at t t = 75 c i f(av) 1.0 a peak forward surge current 8.3 ms single half sine -wave superimposed on rated load i fsm 30 a operating junction and storage temperature range t j , t stg - 65 to + 175 c
www.vishay.com for technical qu estions within your region, please contact one of the fo llowing: document number: 88581 2 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com revision: 15-mar-11 this datasheet is subject to change without notice. the product described here in and this datasheet are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 bym12-50 thru bym12-400, egl41a thru egl41g vishay general semiconductor note (1) pulse test: 300 s pulse width, 1 % duty cycle notes (1) thermal resistance from junction to ambient, 0.24" x 0.24" (6.0 mm x 6.0 mm) co pper pads to each terminal (2) thermal resistance from junction to terminal, 0.24" x 0.24" (6.0 mm x 6. 0 mm) copper pads to each terminal note (1) aec-q101 qualified ratings and characteristics curves (t a = 25 ? c unless otherwise noted) fig. 1 - maximum forward current de rating curve fig. 2 - maximum non-re petitive peak forward surge current electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol bym12-50 bym12-100 bym12-150 bym12-200 bym12-300 bym12-400 unit egl41a egl41b egl41c egl41d egl41f egl41g max. instantaneous forward voltage 1.0 a v f (1) 1.0 1.25 v max. dc reverse current at rated dc blocking voltage t a = 25 c i r (1) 5.0 a t a = 125 c 50 max. reverse recovery time i f = 0.5 a, i r = 1.0 a, i rr = 0.25 a t rr 50 ns typical junction capacitance 4.0 v, 1 mhz c j 20 14 pf thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol bym12-50 bym12-100 bym12-150 bym12-200 bym12-300 bym12-400 unit egl41a egl41b egl41c egl41d egl41f egl41g maximum thermal resistance r ? ja (1) 60 c/w r ? jt (2) 30 ordering information (example) preferred p/n unit weight (g) preferred pa ckage code base quantity delivery mode egl41d-e3/96 0.114 96 1500 7" diam eter plastic tape and reel egl41d-e3/97 0.114 97 5000 13" diam eter plastic tape and reel egl41dhe3/96 (1) 0.114 96 1500 7" diameter plastic tape and reel egl41dhe3/97 (1) 0.114 97 5000 13" diameter plastic tape and reel 0 0 1.0 75 50 25 100 125 150 175 0.5 resistive or inductive load average forward re ctified current (a) lead temperature (c) 0 5.0 10 15 20 25 30 1 100 10 number of cycles at 60 hz peak forward surge current (a) t j = t j max. 8.3 ms single half sine-wave
document number: 88581 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 15-mar-11 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 3 this datasheet is subject to change without notice. the product described here in and this datasheet are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 bym12-50 thru bym12-400, egl41a thru egl41g vishay general semiconductor fig. 3 - typical instantaneous forward characteristics fig. 4 - typical reverse leakage characteristics fig. 5 - typical j unction capacitance fig. 6 - typical transient thermal impedance package outline dimensions in inches (millimeters) 0.4 0.2 0.6 0.8 1.0 1.2 1.4 1.6 0.01 0.1 10 1 50 1.8 t j = 150 c t j = 25 c pulse width = 300 s 1 % duty cycle instantaneous forward voltage (v) instantaneous forward current (a) egl41a thru egl41d egl41f thru egl41g 60 40 20 0 100 80 0.01 0.1 10 1 100 1000 t j = 100 c t j = 150 c t j = 25 c percent of rated peak reverse voltage (%) instantaneous reverse leakage current (a) reverse voltage (v) junction capacitance (pf) 0.1 10 1 100 20 10 30 40 50 60 70 0 egl41a thru egl41d egl41f thru egl41g t j = 25 c f = 1.0 mhz v sig = 50 mv p-p 0.01 0.1 10 1 100 100 10 1 0.1 t - pulse duration (s) transient thermal impedance (c/w) d1 = 0.105 0.095 (2.67) (2.41) + 0 - 0.008 (0.20) d2 do-213ab (gl41) solderable ends 1 st band d2 = d1 1 st band denotes type and positive end (cathode) 0.138 (3.5) max. 0.049 (1.25) min. 0.118 (3.0) min. 0.238 (6.0) ref. mounting pad layout 0.022 (0.56) 0.018 (0.46) 0.022 (0.56) 0.018 (0.46) 0.205 (5.2) 0.185 (4.7)
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of BYM12-5011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X