Part Number Hot Search : 
01380 26M50 84069 01380 38000 JS28F 250N06 24150
Product Description
Full Text Search
 

To Download APT15D30BCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advance technical information characteristic / test conditions maximum d.c. reverse voltage maximum peak repetitive reverse voltage maximum working peak reverse voltage maximum average forward current (t c = 90c, duty cycle = 0.5) rms forward current non-repetitive forward surge current (t j = 45c, 8.3ms) operating and storagetemperature range lead temperature: 0.063" from case for 10 sec. symbol v r v rrm v rwm i f (av) i f (rms) i fsm t j ,t stg t l symbol v f i rm c t l s characteristic / test conditions i f = 15a maximum forward voltage i f = 30a i f = 15a, t j = 150c maximum reverse leakage current v r = v r rated v r = v r rated, t j = 125c junction capacitance, v r = 200v series inductance (lead to lead 5mm from base) static electrical characteristics unit volts amps c unit volts a pf nh min typ max 1.4 1.4 1.2 150 500 n/a n/a APT15D30BCT 300 15 25 110 -55 to 150 300 050-5955 rev a 2-2001 APT15D30BCT 300v 2x15a 1 3 2 1 - anode 1 2 - common cathode back of case - cathode 3 - anode 2 product benefits ? low losses ? low noise switching ? cooler operation ? higher reliability systems ? increased system power density maximum ratings all ratings are per leg: t c = 25c unless otherwise specified. product features ? ultrafast recovery times ? soft recovery characteristics ? popular to-247 package ? low forward voltage ? high blocking voltage ? low leakage current product applications ? parallel diode -switchmode power supply -inverters ? free wheeling diode -motor controllers -converters ? snubber diode ? uninterruptible power supply (ups) ? induction heating ? high speed rectifiers ultrafast soft recovery rectifier diodes to-247 1 2 3 apt website - http://www.advancedpower.com usa 405 s.w. columbia street bend, oregon 97702-1035 phone: (541) 382-8028 fax: (541) 388-0364 europe chemin de magret f-33700 merignac - france phone: (33) 5 57 92 15 15 fax: (33) 5 56 47 97 61
advance technical information min typ max 40 50 35 60 170 170 23 3.5 5 45 135 1.6 1.6 150 100 unit ns amps nc volts a/s APT15D30BCT characteristic reverse recovery time, i f = 1.0a, di f /dt = -15a/s, v r = 30v, t j = 25c reverse recovery time t j = 25c i f = 15a, di f /dt = -100a/s, v r = 180v t j = 100c forward recovery time t j = 25c i f = 15a, di f /dt = 100a/s, v r = 180v t j = 100c reverse recovery current t j = 25c i f = 15a, di f /dt = -100a/s, v r = 180v t j = 100c recovery charge t j = 25c i f = 15a, di f /dt = -100a/s, v r = 180v t j = 100c forward recovery voltage t j = 25c i f = 15a, di f /dt = 100a/s, v r = 180v t j = 100c rate of fall of recovery current t j = 25c i f = 15a, di f /dt = -100a/s, v r = 180v t j = 100c dynamic characteristics (ratings per die) symbol t rr1 t rr2 t rr3 t fr1 t fr2 i rrm1 i rrm2 q rr1 q rr2 v fr1 v fr2 dim/dt thermal and mechanical characteristics characteristic / test conditions junction-to-case thermal resistance junction-to-ambient thermal resistance package weight maximum mounting torque (screw type = 6-32 or 3.5mm machine) symbol r q jc r q ja w t torque min typ max 1.7 40 0.22 6.1 10 1.1 unit c/w oz gm lb?in n?m 050-5955 rev a 2-2001 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244) 6.15 (.242) bsc 4.50 (.177) max. 19.81 (.780) 20.32 (.800) 20.80 (.819) 21.46 (.845) 1.65 (.065) 2.13 (.084) 1.01 (.040) 1.40 (.055) 5.45 (.215) bsc 3.55 (.138) 3.81 (.150) 2.87 (.113) 3.12 (.123) 4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 2.21 (.087) 2.59 (.102) 0.40 (.016) 0.79 (.031) common cathode anode 2 anode 1 dimensions in millimeters and (inches) common cathode 2-plcs. to-247 package outline apt's devices are covered by one or more of the following u.s.patents: 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 apt reserves the right to change, without notice, the specifications and information contained herein.


▲Up To Search▲   

 
Price & Availability of APT15D30BCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X