Part Number Hot Search : 
CLAMP N306AD OM6407SD 9420C 9420C 51163 SBT6045 6039094
Product Description
Full Text Search
 

To Download 82356240030 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  artikelnummer / part number : 823 56 240 030 datum / date : 2006-10-15 bezeichnung : description : 0603 esd suppressor "lc" smd size: 0603 a mechanische abmessungen / dimensions : size (unit : mm) b elektrische eigenschaften / electrical properti es : technical data working max. clamping typ. leakage esd pulse esd voltage voltage voltage clamp. v current withstand air discharge dc v (*1) v (*2) a (*3) kv (*4) pf spezifikation fr freigabe / specification for rele ase part number kunde / customer : capacitance rohs compliant sise w l t a 0201 0.3 0.6 0.3 0.15 0402 0.5 1.0 0.6 0.25 0603 0.8 1.6 0.9 0.3 0805 1.25 2.0 1.2 0.3 1206 1.6 3.2 1.5 0.5 1210 2.5 3.2 1.5 0.5 1812 3.2 4.5 2.0 0.5 2220 5.0 5.7 2.5 0.5 823 56 240 030 24 180 - 1 - +/-15 3.0 * 1 max. clamping voltage at 8/20 waveformand 1 a pulse current capacitance tolerance: +/-50% * 2 typ. clamping voltage per 8 kv esd contact dis charge method capacitance measured at: 1mhz * 3 leakage current at max operating voltage, the max leakage current was measured at reliability tes t * 4. esd typ. withstands voltage design and method guarantee this property wave form esd level iec61000-4-2 severity level air discharge direct discharge 1 2 kv 2 kv 2 4 kv 4 kv 3 8 kv 6 kv 4 15 kv 8 kv 5 special special reference data response time t rise < 1 ns operating ambientg temperature -40 +85 storage temperature -50 +125 max. temperature solder 260/10s other data body zno end termination ag/ni/sn packaging reel complies with standard iec61000-4-2 procedure solgel marking none d-74638 waldenburg max-eyth-stra?e 1 - 3 german y telefon (+49) (0) 7942 - 945 - 0 telefax (+49 ) (0) 7942 - 945 - 400 http://www.we-online.com wrth elektronik eisos gmbh & co.kg - radialex depa rtment wrth elektronik eisos gmbh & co.kg - radialex depa rtment wrth elektronik eisos gmbh & co.kg - radialex depa rtment wrth elektronik eisos gmbh & co.kg - radialex depa rtment page/seite 1 - to/von 4
artikelnummer / part number : 823 56 240 030 bezeichnung : description : 0603 esd suppressor "lc" smd size: 0603 c l?tpad / soldering spec. : recommended solder pad layout (unit : mm) 1 - the solder paste shall be printed in a thicknes s of 150 to 200 m. 2 - the sir test of the solder paste shall be done based on jis-z-3284 3 - ir reflow pb free process suggestin profile (ba sed on j-std-020-c): spezifikation fr freigabe / specification for rele ase kunde / customer : rapid heating, partial heating or rapid cooling wil l easily cause defect of the component. so preheati ng and gradual cooling process is suggested. ir soldering has the highest yields due to controlled heating rates and solder liquidus tim es. make sure that the element is not subjected to a thermal gradient steeper than 3 degr ees per second. 2 degrees per second is the ideal g radient. during the soldering process, sise a b c d 0201 0.25 0.32 0.85 0.3 0402 0.4 ~ 0.6 1.0 ~1.8 0.6 ~0.7 0.6 ~1.2 0603 0.8 ~ 1.2 1.7 ~3.0 1.2 ~1.6 0.9 ~1.8 0805 1.0 ~1.5 2.1 ~3.8 1.5 ~2.1 1.1 ~2.3 1206 1.8 ~2.5 3.0 ~5.8 1.8 ~2.6 1.2 ~3.3 1210 1.8 ~2.5 3.2 ~6.1 2.8 ~3.8 1.3 ~3.5 1812 2.5 ~3.5 4.0 ~7.3 3.3 ~4.5 1.5 ~3.8 2220 3.5 ~4.6 5.0 ~8.5 5.2 ~6.2 1.5 ~3.9 4 - soldering recommend paste is sn 96.5/ag 3.5 - preheat 1.the temperature rising speed is suggested to be 2 ~3 /s. 2.appropriate preheat time will be from 60 to 120 s econds. 3.temp. maintain at 175 +/-25c 120 seconds. - heating 1.careful about sudden rise in temperature as it ma y worsen the solder ability. 2.set the peak temperature in 235 10-20s or 260c 3-10s. - cooling 1.ramp down rate 6c/s max. perform adequate test in advance as the reflow temp erature profile will vary according to the conditions o f the manufacturing process, and the specification of the reflow fu rnace 4 - hand soldering process preheating 150c temperature of soldering iron tip 380c max. 3 to 5 sec the varistorrs shall be cooled gradually at room am bient temperature 5 - ultrasonic cleaning for preventing failures or damages. frequency 29mhz max - radied power 20w/l max - period 5mn max subjected to a thermal gradient steeper than 3 degr ees per second. 2 degrees per second is the ideal g radient. during the soldering process, pre- heating to within 175 degrees of the solders p eak temperature is essential to minimize thermal sh ock. wrth elektronik eisos gmbh & co.kg - radialex depa rtment wrth elektronik eisos gmbh & co.kg - radialex depa rtment wrth elektronik eisos gmbh & co.kg - radialex depa rtment wrth elektronik eisos gmbh & co.kg - radialex depa rtment tim e (mn) te m perature (c) 25075 100 125 150 175 200 225 01:00:00 25 02:00:00 03:00:00 04:00:00 peak t emp. 260c (3 to 10sec) peak t emp. 175c (60 to 120sec) peak t emp. 245c (10 to 20sec) 275 tim e (mn) te m perature (c) 25075 100 125 150 175 200 225 01:00:00 25 02:00:00 03:00:00 04:00:00 peak t emp. 260c (3 to 10sec) preheat. 175c 150sec max. 275 d-74638 waldenburg max-eyth-stra?e 1 - 3 german y telefon (+49) (0) 7942 - 945 - 0 telefax (+49 ) (0) 7942 - 945 - 400 http://www.we-online.com wrth elektronik eisos gmbh & co.kg - radialex depa rtment wrth elektronik eisos gmbh & co.kg - radialex depa rtment wrth elektronik eisos gmbh & co.kg - radialex depa rtment wrth elektronik eisos gmbh & co.kg - radialex depa rtment page/seite 2 - to/von 4
artikelnummer / part number : 823 56 240 030 bezeichnung : description : 0603 esd suppressor "lc" smd size: 0603 d rollenspezifikation / tape and reel specification : 1 - carrier tape and transparent cover tape should be heat-sealed to carry the products, and the reel should be used to reel the carrier tape. 2 - the adhesion of the heat-sealed cover tape shal l be 40 20/ 15grams. 3 - both the head and the end portion of the taping shall be empty for reel package and smt auto-picku p machine. and a normal paper tape shall be conected in the h ead of taping for the operator to handle. (unit : mm) spezifikation fr freigabe / specification for rele ase kunde / customer : tape specification (unit : mm) wrth elektronik eisos gmbh & co.kg - radialex depa rtment wrth elektronik eisos gmbh & co.kg - radialex depa rtment wrth elektronik eisos gmbh & co.kg - radialex depa rtment wrth elektronik eisos gmbh & co.kg - radialex depa rtment symbol a 0 b 0 k 0 t 2 t d 0 d 1 p 1 p 2 p 0 w e f 0.10 0.10 0.10 0.05 0.05 +0.10 0.05 0.10 0.05 0.05 0.20 0.10 0.05 -0.00 0201 0.38 0.68 0.44 0.22 - 1.50 - 2.00 2.00 4.00 8.00 1.75 3.50 0402 0.85 1.25 0.65 0.22 0.10 1.50 1.00 2.00 2.00 4.00 8 .00 1.75 3.50 0603 1.05 1.88 0.95 0.22 0.10 1.50 1.00 4.00 2.00 4.00 8 .00 1.75 3.50 0805 1.42 2.30 1.04 0.22 0.10 1.50 1.00 4.00 2.00 4.00 8 .00 1.75 3.50 1206 1.88 3.50 1.27 0.22 0.10 1.50 1.00 4.00 2.00 4.00 8 .00 1.75 3.50 1210 2.18 3.46 1.45 0.22 0.10 1.50 1.00 4.00 2.00 4.00 8 .00 1.75 3.50 1812 3.66 4.95 1.74 0.25 0.10 1.50 1.50 8.00 2.00 4.00 1 2.00 1.75 5.50 2220 5.10 5.97 2.80 0.25 0.10 1.50 1.50 8.00 2.00 4.00 1 2.00 1.75 5.50 wrth elektronik eisos gmbh & co.kg - radialex depa rtment wrth elektronik eisos gmbh & co.kg - radialex depa rtment wrth elektronik eisos gmbh & co.kg - radialex depa rtment wrth elektronik eisos gmbh & co.kg - radialex depa rtment d-74638 waldenburg max-eyth-stra?e 1 - 3 german y telefon (+49) (0) 7942 - 945 - 0 telefax (+49 ) (0) 7942 - 945 - 400 http://www.we-online.com page/seite 3 - to/von 4
artikelnummer / part number : 823 56 240 030 bezeichnung : description : 0603 esd suppressor "lc" smd size: 0603 d rollenspezifikation / tape and reel specification : (unit : mm) spezifikation fr freigabe / specification for rele ase kunde / customer : reel dimension (unit : mm) quantity per packing unit freigabe erteilt / kunde / customer general release: jp. penlou update clamping voltage 06-10-15 datum / date unterschrift / signature jp. penlou high temperature load 06-07-31 wrth elektronik jp. penlou new p/n 06-06-02 jp. penlou operating temp. range 05-11-30 jp. penlou lead free soldering 05-11-04 geprft / checked 2006-07-31 kontrolliert / approved j p. penlou name ?nderung / modification datum / date symbol a b c d e w w 1 0201 178.02.0 50.0 min 13.00.5 21.00.8 2.00.5 9.00. 50 1.5 max 0402 178.01.0 60.00.5 13.00.2 21.00.2 2.00.5 9.00. 50 1.50.15 0603 178.01.0 60.00.5 13.00.2 21.00.2 2.00.5 9.00. 50 1.50.15 0805 178.01.0 60.00.5 13.00.2 21.00.2 2.00.5 9.00. 50 1.50.15 1206 178.01.0 60.00.5 13.00.2 21.00.2 2.00.5 9.00. 50 1.50.15 1210 178.01.0 60.00.5 13.00.2 21.00.2 2.00.5 9.00. 50 1.50.15 1812 178.01.0 60.00.5 13.50.1 21.00.2 2.00.5 13.60 .2 1.50.15 2220 178.01.0 60.00.5 13.50.1 21.00.2 2.00.5 13.60 .2 1.50.15 type 0201 0402 0603 0805 1206 1210 1812 2220 pcs/reel 15 000 10 000 4 000 3 000 3 000 2 000 1 000 1 000 wrth elektronik eisos gmbh & co.kg - radialex depa rtment wrth elektronik eisos gmbh & co.kg - radialex depa rtment wrth elektronik eisos gmbh & co.kg - radialex depa rtment wrth elektronik eisos gmbh & co.kg - radialex depa rtment http://www.we-online.com d-74638 waldenburg max-eyth-stra?e 1 - 3 german y telefon (+49) (0) 7942 - 945 - 0 telefax (+49 ) (0) 7942 - 945 - 400 page/seite 4 - to/von 4


▲Up To Search▲   

 
Price & Availability of 82356240030

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X