Part Number Hot Search : 
2SJ19 34671 0300L P4SMAJ17 BD239D TA8100 TDA20 L200C
Product Description
Full Text Search
 

To Download 820523811B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  artikelnummer / part number : datum / date : 2006-06-29 bezeichnung : description : diam: 20 mm rohs compliant a elektrische eigenschaften / electrical properties : technical data breakdown clamping current peak current v oltage v oltage clamp. volt. withstanding c. (v@ma) (*1) (%) ac dc v (*2) (a) a (*3) 820523811 620 10 385 505 1025 100 6500 * 1 the varistor voltage was measured at 0.1 ma current for 5 mm diameter and 1 ma current for other * 2 the clamping voltage measured at "current clamping voltage" see next column * 3 the peak current was tested at 8/20 us waveform for 1 time rated diamete r wattage ul cs a v de (w) j (*4) pf (*5) (*6) (*7) (*8) (mm) 820523811 1.0 328.0 600 yes yes yes 20 * 4. the energy measured at 10/1000 s waveform for 1 time * 5. the capacitance value measured at standard frequency @ 1khz * 6. certification ul n xuht2.e244196 * 7. certification csa n xuht8.e244196 * 8. certification vde n 40016998 & 40016986 surge level iec61000-4-5 severity level (kv) 1 0,5 21 3 2 4 4 x special wave during t1 t2 8/20 s 10 s 1000 s 10/700 s ccitt 10 s 700 s 10/1000 s 10 s 1000 s order code 820 x x xxx x s varistor type serie diameter vrms voltage tolerance other special type code disc varistor 5 = standard 5 = 5 mm 5 = 5% lead diameter see table 4 = high surge 7 = 7 mm 1 = 10% lead pitch see table 1 = 10 mm 6 = 15% lead style straight lead 4 = 14 mm 2 = 20% packing ammopack 2 = 20 mm 7 = 25% with lead 20 mm example: 3 = 30% 180 = 18 v 271 = 270 v 102 = 1 000 v spezifikation fr freigabe / specification for release part number working voltage tolerance standard varistor disc kunde / customer : 820 523 811 w rth elektronik eisos gmbh & co.kg - radialex department d-74638 waldenburg max-eyth-stra?e 1 - 3 germany telefon (+49) (0) 7942 - 945 - 0 telefax (+49) (0) 7942 - 945 - 400 part number capacitance certification marking code energy http://www.we-online.com page/seite 1 - pages/von 6
artikelnummer / part number : bezeichnung : description : diam: 20 mm b mechanische abmessungen / dimensions : size kunde / customer : w rth elektronik eisos gmbh & co.kg - radialex department d-74638 waldenburg max-eyth-stra?e 1 - 3 germany telefon (+49) (0) 7942 - 945 - 0 telefax (+49) (0) 7942 - 945 - 400 http://www.we-online.com 820523811 spezifikation fr freigabe / specification for release standard varistor disc table of t max., a & p 1 . unit : (mm) diameter ? 5 ? 7 ? 10 ? 14 ? 20 voltage code t max a+/-0,8 p 1 t max a+/-0,8 p 1 t max a+/-0,8 p 1 t max a+/-0,8 p 1 t max a+/-0,8 p 1 180 4,5 1,4 3,0 4,5 1,4 3,0 4,9 1,4 3,0 5,0 1,5 3,0 5,2 1,5 3,0 220 4,5 1,5 3,0 4,5 1,5 3,0 4,9 1,5 3,0 5,0 1,6 3,0 5,3 1,6 3,0 270 4,7 1,5 3,0 4,7 1,5 3,0 5,1 1,5 3,0 5,2 1,7 3,0 5,4 1,7 3,0 330 4,7 1,6 3,0 4,7 1,6 3,0 5,1 1,6 3,0 5,2 1,8 3,0 5,4 1,8 3,0 390 4,7 1,8 3,0 4,7 1,8 3,0 5,1 1,8 3,0 5,2 2,0 3,0 5,4 2,0 3,0 470 5,0 1,8 3,0 5,0 1,8 3,0 5,5 1,8 3,0 5,6 2,0 3,0 5,6 2,0 3,0 560 5,0 2,0 3,0 5,0 2,0 3,0 5,5 2,0 3,0 5,6 2,2 3,0 5,6 2,2 3,0 680 5,5 2,3 3,0 5,5 2,3 3,0 6,0 2,3 3,0 6,1 2,5 3,0 6,1 2,5 3,0 820 3,8 1,4 3,0 3,8 1,4 3,0 4,3 1,4 3,0 4,4 1,6 3,0 4,9 1,8 3,0 101 3,9 1,4 3,0 3,9 1,4 3,0 4,4 1,4 3,0 4,5 1,6 3,0 5,1 1,8 3,0 121 4,1 1,5 3,0 4,1 1,5 3,0 4,5 1,5 3,0 4,6 1,7 3,0 5,3 1,9 3,0 151 4,5 1,8 3,0 4,5 1,8 3,0 4,9 1,8 3,0 5,1 2,0 3,0 5,6 2,2 3,0 181 4,1 1,6 3,0 4,1 1,6 3,0 4,5 1,6 3,0 4,7 1,8 3,0 5,2 2,0 3,0 201 4,2 1,6 3,0 4,2 1,6 3,0 4,6 1,6 3,0 4,8 1,8 3,0 5,3 2,0 3,0 221 4,3 1,7 3,0 4,3 1,7 3,0 4,7 1,7 3,0 4,9 1,9 3,0 5,4 2,1 3,0 241 4,4 1,7 3,0 4,4 1,9 3,0 4,8 1,9 3,0 5,0 2,1 3,0 5,5 2,3 3,0 271 4,6 1,9 3,0 4,6 2,0 3,0 5,0 2,0 3,0 5,2 2,1 3,0 5,7 2,5 3,0 301 4,8 1,9 3,0 4,8 2,1 3,0 5,2 2,2 3,0 5,4 2,3 3,0 5,9 2,7 3,0 331 4,9 1,9 3,0 4,9 2,1 3,0 5,3 2,2 3,0 5,5 2,3 3,0 6,0 2,7 3,0 361 5,1 2,4 3,0 5,1 2,5 3,0 5,5 2,5 3,0 5,7 2,7 3,0 6,2 2,9 3,0 391 5,3 2,6 3,5 5,3 2,6 3,5 5,7 2,8 3,5 5,9 2,8 3,5 6,4 3,0 3,5 431 6,1 2,7 3,5 6,1 2,9 3,5 6,5 3,1 3,5 6,7 3,1 3,5 7,2 3,3 3,5 471 6,4 2,8 3,5 6,4 2,9 3,5 6,8 3,2 3,5 7,0 3,3 3,5 7,5 3,5 4,0 511 6,6 3,1 4,0 6,6 3,1 4,0 7,0 3,7 4,0 7,2 3,7 4,0 7,7 3,9 4,0 561 6,9 3,4 4,0 6,9 3,4 4,0 7,3 4,0 4,0 7,5 4,0 4,0 8,0 4,2 4,0 621 7,2 3,7 4,0 7,2 3,7 4,0 7,6 4,6 4,0 7,8 4,4 4,0 8,3 4,7 4,0 681 7,5 4,0 4,0 7,5 4,0 4,0 8,0 5,0 4,0 8,2 4,7 4,0 8,7 5,0 4,0 751 7,9 4,3 4,0 7,9 4,3 4,0 8,4 5,0 4,0 8,6 4,9 4,0 9,1 5,1 4,0 781 8,1 4,5 4,0 8,6 5,2 4,0 8,8 5,2 4,0 9,3 5,4 4,0 821 8,3 4,7 4,0 8,8 5,2 4,0 9,0 5,2 4,0 9,5 5,4 4,0 911 9,4 6,0 4,0 9,6 6,0 4,0 10,1 6,3 4,0 102 9,9 6,0 4,0 10,1 6,2 4,0 10,7 6,4 4,0 112 10,5 6,3 4,0 10,7 6,7 4,0 11,2 6,9 4,0 182 12,6 9,8 6,0 12,8 10,2 6,0 13,5 10,4 6,0 diameter* ? 5 ? 7 ? 10 ? 14 ? 20 d max. 7,5 9,0 12,5 16,5 23,0 d +/-0,05 0,6 0,6 0,6/0,8 0,8/1,0 0,8/1,0 f +/-1,0 5,0 5,0 5,0/7,5 7,5/10,0 7,5/10,0 h max. 11 13 18 22 28 h1 max 3,5 3,5 5,0 5,0 5,0 l1 min. 25 25 25 25 25 l min. 24 24 24 24 24 (mm) - *disc diameter before epoxy page/seite 2 - pages/von 6
artikelnummer / part number : bezeichnung : description : diam: 20 mm c l?tpad / soldering spec. : marking wrth elektronik + or * or c factory codes characteristic x x xxx x serie diameter vrms voltage tolerance code certification date code year x x month general characteristics storage temerature : -40 / +125c max. reponse time : 25 n sec max. operating temperature : -40 / +125c temp. coefficient of voltage : 0 - 0.05% / c max max. working surface temperature : +115c insulation resistance (at dc 500v) : over 1000 mohm lead free soldering solder tin 100% soldering temperature at 255c +/-5 c profile soldering 270c during 10s marking code http://www.we-online.com we-s ul vde csa spezifikation fr freigabe / specification for release kunde / customer : 820523811 w rth elektronik eisos gmbh & co.kg - radialex department standard varistor disc d-74638 waldenburg max-eyth-stra?e 1 - 3 germany telefon (+49) (0) 7942 - 945 - 0 telefax (+49) (0) 7942 - 945 - 400 page/seite 3 - pages/von 6
artikelnummer / part number : bezeichnung : description : diam: 20 mm d rollenspezifikation / tape and reel specification : tape 1/2" pitch 1.0" pitch d-74638 waldenburg max-eyth-stra?e 1 - 3 germany telefon (+49) (0) 7942 - 945 - 0 telefax (+49) (0) 7942 - 945 - 400 820523811 w rth elektronik eisos gmbh & co.kg - radialex department standard varistor disc kunde / customer : spezifikation fr freigabe / specification for release http://www.we-online.com item ? 5 / 7 ? 10 ? 10 / 14 / 20 ? 14 / 20 taping pitch 1/2" 1.0" l 1,1 mm maxi. 1,1 mm maxi. h 1 (type 2) 3,5 mm maxi. 5 mm maxi. 5 mm maxi. h 0 (type 2) 16 +/-0,5 mm 16 +/-0,5 mm h 0 (type 1) 16 21 mm 16 21 mm h +/-2 mm +/-2 mm w 18 mm +1 / - 0,5 mm 18 mm +1 / - 0,5 mm w 0 10 mm 12 mm w 1 9 mm +0,75 / -0,5 mm 9 mm +0,75 / -0,5 mm w 2 3 mm maxi. 3 mm maxi. f 5 mm +0,8 / -0,2 mm 7,5 mm +0,8 / -0,2 mm 10 mm +0,8 / -0,2 mm p 12,7 mm +/-1 mm 25,4 mm +/-1 mm p 0 12,7 mm +/-0,3 mm 12,7 mm +/-0,3 mm p 1 3,85 mm +/-0,7 mm 8,95 mm +/-0,7 mm 7,7 mm +/-0,7 mm p 2 6,35 mm +/-1,3 mm 12,7 mm +/-1,3 mm d 0 4 mm +/-0,2 mm 4 mm +/-0,2 mm d 0,6 mm +/-0,05 mm 0,8 mm +/-0,05 mm 1,0 mm +/-0,05 mm t see t max. table see t max. table t 1 0,7 mm +/-0,05 mm 0,6 mm +/-0,05 mm t 2 1,6 mm maxi. 1,8 mm maxi. page/seite 4 - pages/von 6
artikelnummer / part number : bezeichnung : description : diam: 20 mm d rollenspezifikation / tape and reel specification : reel dimension (unit : mm) lead free " lf " marking quantity per packing unit quantity per carton unit w rth elektronik eisos gmbh & co.kg - radialex department d-74638 waldenburg max-eyth-stra?e 1 - 3 germany telefon (+49) (0) 7942 - 945 - 0 telefax (+49) (0) 7942 - 945 - 400 820523811 spezifikation fr freigabe / specification for release http://www.we-online.com kunde / customer : standard varistor disc packaging bulk (box) reel reel ? 14 / 20 ammopack ammo ? 14 / 20 box size 290 x 155 x 110 350 x 350 x 108 350 x 350 x 74 330 x 240 x 45 350 x 260 x 65 carton size 310 x 328 x 250 371 x 371 x 590 370 x 370 x 468 354 x 515 x 258 365 x 535 x 275 one carton with 4 boxes 5 boxes (10 reels) 6 boxes 10 boxes 8 boxes unit:(mm) diameter ? 5 ? 7 ? 10 ? 14 ? 20 bulk reel ammo bulk reel ammo bulk reel ammo ammo bulk reel ammo bulk reel ammo voltage serie (box) (box) (box) pitch 7,5 pitch 5 (box) (box) 180 470 5000 1500 1500 5000 1500 1500 2500 1000 500 1000 1500 750 500 750 500 500 560 680 5000 1500 1500 5000 1500 1500 2500 1000 500 1000 1500 750 500 750 500 500 820 331 5000 1500 1500 5000 1500 1500 2500 1000 500 1000 1500 750 500 750 500 500 361 391 5000 1500 1000 5000 1500 1000 2500 1000 500 1000 1500 750 500 750 500 500 431 471 5000 1500 1000 5000 1000 1000 2500 750 500 750 1500 750 500 750 500 500 511 751 4000 1000 1000 4000 1000 1000 1500 500 500 500 750 500 500 450 500 500 781 182 - - - - - - 1500 500 500 500 750 500 500 450 500 500 page/seite 5 - pages/von 6
artikelnummer / part number : bezeichnung : description : diam: 20 mm basic test and environmental reliability test freigabe erteilt / kunde / customer general release: datum / date unterschrift / signature jp penlou new p/n 2006-06-01 wrth elektronik jp penlou customer layout 2006-05-11 jp penlou factory codes 2005-11-16 jp penlou lead free marking 2004-10-19 geprft / checked 2006-06-01 kontrolliert / approved jp. penlou name ?nderung / modification datum / date spezifikation fr freigabe / specification for release http://www.we-online.com e testbedingungen / test conditions : d-74638 waldenburg max-eyth-stra?e 1 - 3 germany telefon (+49) (0) 7942 - 945 - 0 telefax (+49) (0) 7942 - 945 - 400 w rth elektronik eisos gmbh & co.kg - radialex department kunde / customer : standard varistor disc 820 523 811 humidity the specimen shall be subjected to 40+/-2c, 90 to 95% r.h. for 1000 hours without load and then stored at room temperature and normal humidity for 1 to 2 hours. thereafter, the change of vn shall be measured and meet the requirement of: ? vn/vn 5%. impulse life the impulse current listed on catalog is applied 1000 times continuously with the interval of 30 seconds at room temperature. the change of vn shall be measured ? vn/vn 10% low temperature the specimen shall be subjected to 40 2c without load for 1000 hours and then stored at room temperature and normal humidity for 1 to 2 hours. thereafter, the change of vn shall be measured and meet the requirement of ? vn/vn 5%. high temperature load after being continuously applied the maximum allowable voltage at 85 2c for 1000 hours, the specimen shall be stored at room temperature and humidity for 1 to 2 hours. the change of vn shall be measured and meet the requirement of vn/vn 10%. high temperature storage the specimen shall be subjected to 125 1c for 1000 hours. in a drying oven without load stored at room temperature and humidity for 1 to 2 hours. the change of vn shall be measured and meet the requirement of ? vn/vn 5%. withstanding voltage the specified voltage shall be applied between both terminals of the specimen connected together for 1 minute, with no remarkable mechanical damage. withstanding voltage (body insulation) classification (nom. varistor voltage) test voltage (ac) v 0,1ma - v 1ma 330 v 1 000 vrms v 0,1ma - v 1ma > 330 v 1 500 vrms terminal pull strength after gradually applying the load specified below and keeping the unit fixed for 10 1 seconds, with no remarkable mechanical damage. terminal diameter loading weight in pull strength 0.6mm (0.024?) 10n (1.02kg) 0.8 mm (0.031?) 10n (1.02kg) 1.0 mm (0.039?) 20n (2.04kg) terminal bending strength the unit shall be secured with its terminal kept vertical and the weight specified above shall be applied in the axial direction. the terminal shall gradually be bent 90 in one direction, then 90 in the opposite direction, and again back to the original position. a bend of lead wire shall be repeated 2 times, with no remarkable mechanical damage. loading weight in bending strength 5n (0.51kg) 5n (0.51kg) 10n (1.02kg) vibration subjected to simple harmonic motion of 0.75 mm amplitude 1.5 mm maximum total excursion between limits of 10-55 hz. frequency scan shall be traversed in one minute. this motion shall then be applied for period of 2 hours in each of three mutually perpendicular directions, with no remarkable mechanical damage. solderability after dipping the terminal to a depth of approximately 3mm from the body in a soldering bath of 235 5c for 2 0.5 seconds, th e terminal shall be visually examined. approximately 95% of the terminals shall be covered with new solder uniformly. resistance to soldering heat the terminal shall be dipped into a soldering bath with temperature of 260 5c to a point of 2~2.5 mm from the body of the unit, be held there for 10 1 sec (5n series: 5 1 sec) an d then be stored at room temperature and humidity for 1 to 2 hours. the change of vn shall be measured and meet the requirement of ? vn/vn 5% with no remarkable mechanical damage. damp heat load the specimen shall be subjected to 40 2c, 90 to 95% r.h. and the maximum allowable voltage for 100 hours and then stored at room temperature and normally humidity for 1 to 2 hours. the change of vn shall be measured and meet the requirement of ? vn/vn 10%. temperature cycle the temperature cycle is repeated fives cycles with (1)-40 3c keeping 30 3 minutes then (2) room temperature keeping 15 3 minutes then (3)125 2c keeping 30 3 minute s then (4) room temperature keeping 15 3 minutes and then stored at room temperature and humidity for 1 to 2 hours. the change of vn shall be measured and meet requirement ? vn/vn 5% with no remarkable mechanical damage. page/seite 6 - pages/von 6


▲Up To Search▲   

 
Price & Availability of 820523811B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X