Part Number Hot Search : 
40014 39C66 2SK3235 09181390 25D621KJ UT12005 KK4013BD XP0053A
Product Description
Full Text Search
 

To Download 42819-6223 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mx07 e-7 e power connectors 10.00mm (.393") pitch mini-fit sr. ? header 42819 vertical, single row metal clip mount features and benefits high current fully polarized positive locks low engagement force wire-to-board metal board retention clip reference information product specification: ps-42815-0001 packaging: tray ul file no.: e29179 csa file no.: lr19980 tuv license no.: r9751144 mates with: 42816 receptacle housing designed in: millimeters electrical voltage: 600v current: 48.0a max.* contact resistance: 1.5 milliohms max. dielectric withstanding voltage: 2200v insulation resistance: 1000 megohms min. mechanical insertion force to pcb: 19.6n max. normal force: 1.96n min. durability: tin30 cycles; gold100 cycles physical housing: glass-filled, 4/6 nylon, ul 94v-0 contact: copper alloy plating: tin or select gold operating temperature: -40 to +105?c pcb thickness: 1.57, 2.36, 3.17, or 6.35mm (.062, .093, .125, or .250") * depending on circuit size, wire gauge and pcb. please refer to product specification. circuits order no. pcb thickness retention clip length pc tail length lead-free tin* select gold 2 42819-221 2 42819-221 3 1.57 (.062) 1.80 (.070) 3.50 (.137) yes 42819-222 2 42819-222 3 2.36 (.093) 2.60 (.102) 5.10 (.200) 42819-223 2 42819-223 3 3.18 (.125) 3.40 (.133) 42819-224 2 42819-224 3 6.35 (.250) 6.58 (.259) 8.30 (.327) 3 42819-321 2 42819-321 3 1.57 (.062) 1.80 (.070) 3.50 (.137) 42819-322 2 42819-322 3 2.36 (.093) 2.60 (.102) 5.10 (.200) 42819-323 2 42819-323 3 3.18 (.125) 3.40 (.133) 42819-324 2 42819-324 3 6.35 (.250) 6.58 (.259) 8.30 (.327) 4 42819-421 2 42819-421 3 1.57 (.062) 1.80 (.070) 3.50 (.137) 42819-422 2 42819-422 3 2.36 (.093) 2.60 (.102) 5.10 (.200) 42819-423 2 42819-423 3 3.18 (.125) 3.40 (.133) 42819-424 2 42819-424 3 6.35 (.250) 6.58 (.259) 8.30 (.327) 5 42819-521 2 42819-521 3 1.57 (.062) 1.80 (.070) 3.50 (.137) 42819-522 2 42819-522 3 2.36 (.093) 2.60 (.102) 5.10 (.200) 42819-523 2 42819-523 3 3.18 (.125) 3.40 (.133) 42819-524 2 42819-524 3 6.35 (.250) 6.58 (.259) 8.30 (.327) 6 42819-621 2 42819-621 3 1.57 (.062) 1.80 (.070) 3.50 (.137) 42819-622 2 42819-622 3 2.36 (.093) 2.60 (.102) 5.10 (.200) 42819-623 2 42819-623 3 3.18 (.125) 3.40 (.133) 42819-624 2 42819-624 3 6.35 (.250) 6.58 (.259) 8.30 (.327) * select gold headers recommended. see product specification for additional information. www.molex.com/product/power/minisr.htm l


▲Up To Search▲   

 
Price & Availability of 42819-6223

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X