Part Number Hot Search : 
2SK1436 STC8550 6S65P CS6420 DAP222 NDUCTOR PT50M SEL1722Y
Product Description
Full Text Search
 

To Download 1982030000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | pcb connection systems | pcb plug-in connectors | pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | female push in socket block with spring connection in 5.00/5.08 pitch | blf 5.00-5.08/90/270 | blf 5.08/270 sn - 1 - general ordering data order no. 1982030000 part designation blf 5.08/12/270 sn bk bx version pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 12, 270, box ean 4032248685721 qty. 30 pc(s). packaging box system parameters conductor connection system push in outgoing direction of conductor 270 pitch in mm 5.08 mm pitch in inch 0.2 inch no. of poles 12 no. of rows 1 screwdriver blade 0.6 x 3.5 screwdriver blade standard din 5264 stripping length 10 mm l1 in mm 55.88 mm l1 in inch 2.2 inch electric shock protection to din vde 0470 ip 20 electric shock protection to din vde 57 106 safe from finger touch material data insulating material pbt colour black colour chart similar to ral 9011 flammability class ul 94 v-0 contact material cusn contact surface tinned contact base material cusn
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | female push in socket block with spring connection in 5.00/5.08 pitch | blf 5.00-5.08/90/270 | blf 5.08/270 sn - 2 - connectable conductors clamping range, min. 0.13 mm2 clamping range, max. 3.31 mm2 conductor connection cross-section awg, min. awg 26 conductor connection cross-section awg, max. awg 12 solid, min. h05(07) v-u 0.2 mm2 solid, max. h05(07) v-u 2.5 mm2 stranded, max. h07v-r 2 mm2 stranded, min. h07v-r 0 mm2 flexible, min. h05(07) v-k 0.2 mm2 flexible, max. h05(07) v-k 2.5 mm2 w. wire end ferrule, din 46228 pt 1, min 0.2 mm2 with wire end ferrule, din 46228 pt 1, max. 2.5 mm2 w. plastic collar ferrule, din 46228 pt 4, min. 0.2 mm2 with plastic collar ferrule, din 46228 pt 4, max. 2.5 mm2 gauge to en 60999 a x b; ? 2.4 mm x 1.5 mm din iec rating data rated current, min. no. of poles (tu=20c) 18.5 a rated current, max. no. of poles (tu=20c) 6 a rated current, no. of poles (tu=40c), min. 12.5 a rated current, no. of poles (tu=40c), max. 6 a rated voltage for overvoltage class/pollution severity ii/2 400 v rated voltage for overvoltage class/pollution severity iii/2 320 v rated voltage at overvoltage category/pollution degree iii/3 250 v rated impulse withstand voltage for overvoltage class/pollution severity ii/2 4 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/2 4 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/3 4 kv short-time withstand current resistance 3 x 1s with 120 a approvals approvals institutes csa; curus classifications eclass 6.0 27-26-07-08 notes notes similar products order no. part designation version 1981930000 blf 5.08/02/270 sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 2, 270, box
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | female push in socket block with spring connection in 5.00/5.08 pitch | blf 5.00-5.08/90/270 | blf 5.08/270 sn - 3 - 1981940000 blf 5.08/03/270 sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 3, 270, box 1981950000 blf 5.08/04/270 sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 4, 270, box 1981960000 blf 5.08/05/270 sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 5, 270, box 1981970000 blf 5.08/06/270 sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 6, 270, box 1981980000 blf 5.08/07/270 sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 7, 270, box 1981990000 blf 5.08/08/270 sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 8, 270, box 1982000000 blf 5.08/09/270 sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 9, 270, box 1982010000 blf 5.08/10/270 sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 10, 270, box 1982020000 blf 5.08/11/270 sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 11, 270, box 1982040000 blf 5.08/13/270 sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 13, 270, box 1982050000 blf 5.08/14/270 sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 14, 270, box 1982060000 blf 5.08/15/270 sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 15, 270, box 1982070000 blf 5.08/16/270 sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 16, 270, box 1982080000 blf 5.08/17/270 sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 17, 270, box 1982090000 blf 5.08/18/270 sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 18, 270, box 1982100000 blf 5.08/19/270 sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 19, 270, box 1982110000 blf 5.08/20/270 sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 20, 270, box


▲Up To Search▲   

 
Price & Availability of 1982030000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X